Part Number Hot Search : 
BP60380 MIC5204 OMT253 TYN210 TL431CZ 10240 OV7670 CBT3126D
Product Description
Full Text Search
 

To Download APT50M50JFLL04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APT50M50JFLL
500V 71A
S G D
0.050
S
POWER MOS 7
(R)
R
FREDFET
Power MOS 7 is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS. Both conduction and switching (R) losses are addressed with Power MOS 7 by significantly lowering RDS(ON) (R) and Qg. Power MOS 7 combines lower conduction and switching losses along with exceptionally fast switching speeds inherent with APT's patented metal gate structure. * Lower Input Capacitance * Lower Miller Capacitance * Lower Gate Charge, Qg
MAXIMUM RATINGS
Symbol VDSS ID IDM VGS VGSM PD TJ,TSTG TL IAR EAR EAS Parameter Drain-Source Voltage Continuous Drain Current @ TC = 25C Pulsed Drain Current
1
SO
2 T-
27
"UL Recognized"
ISOTOP (R)
* Increased Power Dissipation * Easier To Drive * Popular SOT-227 Package * FAST RECOVERY BODY DIODE
D G S
All Ratings: TC = 25C unless otherwise specified.
APT50M50JLL UNIT Volts Amps
500 71 284 30 40 595 4.76 -55 to 150 300 71 50
4
Gate-Source Voltage Continuous Gate-Source Voltage Transient Total Power Dissipation @ TC = 25C Linear Derating Factor Operating and Storage Junction Temperature Range Lead Temperature: 0.063" from Case for 10 Sec. Avalanche Current
1
Volts Watts W/C C Amps mJ
(Repetitive and Non-Repetitive)
1
Repetitive Avalanche Energy
Single Pulse Avalanche Energy
3200
STATIC ELECTRICAL CHARACTERISTICS
Symbol BVDSS RDS(on) IDSS IGSS VGS(th) Characteristic / Test Conditions Drain-Source Breakdown Voltage (VGS = 0V, ID = 250A) Drain-Source On-State Resistance
2
MIN
TYP
MAX
UNIT Volts
500 0.050 100 500 100 3 5
(VGS = 10V, 35.5A)
Ohms A nA Volts
3-2004 050-7117 Rev B
Zero Gate Voltage Drain Current (VDS = 500V, VGS = 0V) Zero Gate Voltage Drain Current (VDS = 400V, VGS = 0V, TC = 125C) Gate-Source Leakage Current (VGS = 30V, VDS = 0V) Gate Threshold Voltage (VDS = VGS, ID = 5mA)
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
APT Website - http://www.advancedpower.com
DYNAMIC CHARACTERISTICS
Symbol Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf Eon Eoff Eon Eoff Symbol IS ISM VSD
dv/ dt
APT50M50JFLL
Test Conditions
VGS = 0V VDS = 25V f = 1 MHz VGS = 10V VDD = 250V ID = 71A @ 25C RESISTIVE SWITCHING VGS = 15V VDD = 250V ID = 71A @ 25C RG = 0.6 6 INDUCTIVE SWITCHING @ 25C VDD = 333V, VGS = 15V ID = 71A, RG = 3 6 INDUCTIVE SWITCHING @ 125C VDD = 333V VGS = 15V ID = 71A, RG = 3
Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge
3
MIN
TYP
MAX
UNIT pF
10550 2060 105 200 50 105 24 18 55 10 1000 1040 1580 1160
MIN TYP MAX
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Switching Energy Turn-off Switching Energy Turn-on Switching Energy Turn-off Switching Energy Characteristic / Test Conditions Continuous Source Current (Body Diode) Pulsed Source Current Diode Forward Voltage Peak Diode Recovery
1 2 dt
nC
ns
J
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
UNIT Amps Volts V/ns ns C Amps
71 284 1.3 15
Tj = 25C Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C MIN
(Body Diode) (VGS = 0V, IS = -71A)
5
dv/
t rr Q rr IRRM
Reverse Recovery Time (IS = -71A, di/dt = 100A/s) Reverse Recovery Charge (IS = -71A, di/dt = 100A/s) Peak Recovery Current (IS = -71A, di/dt = 100A/s) Characteristic Junction to Case Junction to Ambient
300 600 2.6 10 17 34
TYP MAX
THERMAL CHARACTERISTICS
Symbol RJC RJA UNIT C/W
0.21 40
1 Repetitive Rating: Pulse width limited by maximum junction temperature 2 Pulse Test: Pulse width < 380 s, Duty Cycle < 2% 3 See MIL-STD-750 Method 3471
0.25
, THERMAL IMPEDANCE (C/W)
4 Starting Tj = +25C, L = 1.27mH, RG = 25, Peak IL = 71A 5 dv/dt numbers reflect the limitations of the test circuit rather than the device itself. IS -71A di/dt 700A/s VR 500V TJ 150C 6 Eon includes diode reverse recovery. See figures 18, 20.
APT Reserves the right to change, without notice, the specifications and information contained herein.
0.20
0.9 0.7 Note:
PDM t1 t2 Peak TJ = PDM x ZJC + TC Duty Factor D = t1/t2
0.15
0.5 0.10 0.3 0.05 0.1 0 0.05 10-5 10-4 SINGLE PULSE
3-2004
050-7117 Rev B
Z
JC
10-3 10-2 10-1 1.0 RECTANGULAR PULSE DURATION (SECONDS) FIGURE 1, MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs PULSE DURATION
10
Typical Performance Curves
RC MODEL Junction temp. ( "C) 0.0492 0.0273F
200 180
ID, DRAIN CURRENT (AMPERES)
APT50M50JFLL
15 &10V 7.5V 7V
160 140 120 100 80 60 40 20 0
6.5V
Power (Watts)
0.142
0.469F
6V 5.5V 5V
0.0189 Case temperature
44.2F
RDS(ON), DRAIN-TO-SOURCE ON RESISTANCE
FIGURE 2, TRANSIENT THERMAL IMPEDANCE MODEL 180 160
ID, DRAIN CURRENT (AMPERES)
VDS> ID (ON) x RDS(ON) MAX. 250SEC. PULSE TEST @ <0.5 % DUTY CYCLE
0 5 10 15 20 25 30 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 3, LOW VOLTAGE OUTPUT CHARACTERISTICS 1.4
V
GS
NORMALIZED TO = 10V @ I = 35.5A
D
140 120 100 80 60 40 20 0 0 1 2 3 4 5 6 7 8 VGS, GATE-TO-SOURCE VOLTAGE (VOLTS) FIGURE 4, TRANSFER CHARACTERISTICS TJ = -55C TJ = +125C TJ = +25C
1.3 1.2 1.1 VGS=10V 1.0 0.9 0.8 VGS=20V
0
80 70
ID, DRAIN CURRENT (AMPERES) BVDSS, DRAIN-TO-SOURCE BREAKDOWN VOLTAGE (NORMALIZED)
1.15 1.10 1.05 1.00 0.95 0.90 0.85 -50
40 60 80 100 120 140 160 180 ID, DRAIN CURRENT (AMPERES) FIGURE 5, RDS(ON) vs DRAIN CURRENT
20
60 50 40 30 20 10 0 25
RDS(ON), DRAIN-TO-SOURCE ON RESISTANCE (NORMALIZED)
50 75 100 125 150 TC, CASE TEMPERATURE (C) FIGURE 6, MAXIMUM DRAIN CURRENT vs CASE TEMPERATURE 2.5
I
D
-25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) FIGURE 7, BREAKDOWN VOLTAGE vs TEMPERATURE 1.2 1.1 1.0 0.9 0.8 0.7 0.6 -50
= 35.5A
V
GS
= 10V
2.0
1.5
1.0
VGS(TH), THRESHOLD VOLTAGE (NORMALIZED)
0.5
0.0 -50
-25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) FIGURE 8, RDS(ON) vs. TEMPERATURE
0 25 50 75 100 125 150 TC, CASE TEMPERATURE (C) FIGURE 9, THRESHOLD VOLTAGE vs TEMPERATURE
-25
050-7117 Rev B
3-2004
356
OPERATION HERE LIMITED BY RDS (ON)
30,000 10,000
C, CAPACITANCE (pF)
APT50M50JFLL
Ciss
ID, DRAIN CURRENT (AMPERES)
100 100S Coss 1,000
10 1mS TC =+25C TJ =+150C SINGLE PULSE 10mS
100
Crss
1 10 100 500 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 10, MAXIMUM SAFE OPERATING AREA 16
D
1
IDR, REVERSE DRAIN CURRENT (AMPERES)
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
I
= 71A
0 10 20 30 40 50 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 11,CAPACITANCE vs DRAIN-TO-SOURCE VOLTAGE 200 100 TJ =+150C TJ =+25C
10
12
VDS=100V VDS=250V VDS=400V
8
10
4
50 100 150 200 250 300 Qg, TOTAL GATE CHARGE (nC) FIGURE 12, GATE CHARGE vs GATE-TO-SOURCE VOLTAGE 120 100 td(off)
td(on) and td(off) (ns)
0
0
1 0.3 0.5 0.7 0.9 1.1 1.3 1.5 VSD, SOURCE-TO-DRAIN VOLTAGE (VOLTS) FIGURE 13, SOURCE-DRAIN DIODE FORWARD VOLTAGE 160 140 120
V
DD G
= 333V
R
= 3
T = 125C
J
L = 100H
tf
80 60 40 20 0 10
V
DD G
= 333V
R
= 3
T = 125C
J
tr and tf (ns)
100 80 60 40 tr
L = 100H
td(on) 30 50 70 90 110
20 70 90 110 ID (A) FIGURE 15, RISE AND FALL TIMES vs CURRENT 7000 6000
SWITCHING ENERGY (J)
V I
DD
ID (A) FIGURE 14, DELAY TIMES vs CURRENT
DD G
0 10
30
50
3000 2500
SWITCHING ENERGY (J)
V
= 333V
= 333V
R
= 3
D J
= 71A
T = 125C
J
T = 125C L = 100H EON includes diode reverse recovery.
L = 100H
Eoff
2000 1500 1000 500
E ON includes diode reverse recovery.
5000 4000 3000 2000 1000 0
Eon Eoff
3-2004
Eon
050-7117 Rev B
ID (A) FIGURE 16, SWITCHING ENERGY vs CURRENT
0 10
30
50
70
90
110
10 15 20 25 30 35 40 45 50 RG, GATE RESISTANCE (Ohms) FIGURE 17, SWITCHING ENERGY VS. GATE RESISTANCE
0
5
Typical Performance Curves
APT50M50JFLL
90% Gate Voltage
10% T 125C J
Gate Voltage TJ125C
td(off) tf
Drain Voltage 90%
td(on) tr
10% Drain Current 5% 0 Switching Energy 10%
90%
Drain Current
5% Drain Voltage
Switching Energy
Figure 18, Turn-on Switching Waveforms and Definitions
Figure 19, Turn-off Switching Waveforms and Definitions
APT60DF60
V DD
IC
V CE
G D.U.T.
Figure 20, Inductive Switching Test Circuit
SOT-227 (ISOTOP(R)) Package Outline
31.5 (1.240) 31.7 (1.248) 7.8 (.307) 8.2 (.322) W=4.1 (.161) W=4.3 (.169) H=4.8 (.187) H=4.9 (.193) (4 places) 11.8 (.463) 12.2 (.480) 8.9 (.350) 9.6 (.378) Hex Nut M4 (4 places)
r = 4.0 (.157) (2 places)
4.0 (.157) 4.2 (.165) (2 places)
25.2 (0.992) 0.75 (.030) 12.6 (.496) 25.4 (1.000) 0.85 (.033) 12.8 (.504)
14.9 (.587) 15.1 (.594) 30.1 (1.185) 30.3 (1.193) 38.0 (1.496) 38.2 (1.504)
* Source
Drain
* Source terminals are shorted internally. Current handling capability is equal for either Source terminal.
* Source Dimensions in Millimeters and (Inches)
ISOTOP(R) is a Registered Trademark of SGS Thomson.
Gate
APT's products are covered by one or more of U.S.patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. US and Foreign patents pending. All Rights Reserved.
050-7117 Rev B
3-2004
3.3 (.129) 3.6 (.143)
1.95 (.077) 2.14 (.084)


▲Up To Search▲   

 
Price & Availability of APT50M50JFLL04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X