|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
3.2mmx1.6mm SMD CHIP LED LAMP Part Number: APT3216YC Yellow Features 3.2mmx1.6mm SMT LED, 0.75mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE : 2000PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 3. RoHS COMPLIANT. Description The Yellow source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Yellow Light Emitting Diode. Package Dimensions 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.2(0.008") unless otherwise noted. 3. Specifications are subject to change without notice. 4. The device has a single mounting surface. The device must be mounted according to the specifications. SPEC NO: DSAD0992 APPROVED: WYNEC REV NO: V.6 CHECKED: Allen Liu DATE: MAY/07/2007 DRAWN: Y.L.LI PAGE: 1 OF 5 ERP: 1203001999 Selection Guide Part No. Dice Lens Type Iv (mcd) [2] @ 20mA Min. APT3216YC Yellow (GaAsP/GaP) WATER CLEAR 2.6 Typ. 8 Viewing Angle [1] 21/2 120 Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous intensity/ luminous Flux: +/-15%. Electrical / Optical Characteristics at TA=25C Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Yellow Yellow Yellow Yellow Yellow Yellow Typ. 590 588 35 20 2.1 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR=5V Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V. Absolute Maximum Ratings at TA=25C Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating Temperature Storage Temperature Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. Yellow 75 30 140 5 -40C To +85C -40C To +85C Units mW mA mA V SPEC NO: DSAD0992 APPROVED: WYNEC REV NO: V.6 CHECKED: Allen Liu DATE: MAY/07/2007 DRAWN: Y.L.LI PAGE: 2 OF 5 ERP: 1203001999 Yellow APT3216YC SPEC NO: DSAD0992 APPROVED: WYNEC REV NO: V.6 CHECKED: Allen Liu DATE: MAY/07/2007 DRAWN: Y.L.LI PAGE: 3 OF 5 ERP: 1203001999 APT3216YC Recommended Soldering Pattern (Units : mm; Tolerance: 0.1) Tape Specifications (Units : mm) SPEC NO: DSAD0992 APPROVED: WYNEC REV NO: V.6 CHECKED: Allen Liu DATE: MAY/07/2007 DRAWN: Y.L.LI PAGE: 4 OF 5 ERP: 1203001999 PACKING & LABEL SPECIFICATIONS APT3216YC SPEC NO: DSAD0992 APPROVED: WYNEC REV NO: V.6 CHECKED: Allen Liu DATE: MAY/07/2007 DRAWN: Y.L.LI PAGE: 5 OF 5 ERP: 1203001999 |
Price & Availability of APT3216YC |