Part Number Hot Search : 
H3AA009V SA7026DH HER30 T12N10G SI7705DN 78L06 AD1385 B3060
Product Description
Full Text Search
 

To Download APT3216SEC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.2mmx1.6mm SMD CHIP LED LAMP
APT3216SEC
SUPER BRIGHT ORANGE
Features
3.2mmx1.6mm SMT LED, 0.75mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE : 2000PCS / REEL. RoHS COMPLIANT.
Description
The Super Bright Orange device is made with DH InGaAlP (on GaAs substrate) light emitting diode chip.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.2(0.008") unless otherwise noted. 3. Specifications are subject to change without notice.
SPEC NO: DSAD0990 APPROVED: J. Lu
REV NO: V.3 CHECKED: Allen Liu
DATE: FEB/28/2005 DRAWN: Y.W.WANG
PAGE: 1 OF 4 ERP:1203001962
Selection Guide
Part No. Dice Lens Type Iv (mcd) @ 20mA Min. APT3216SEC SUPER BRIGHT ORANGE (InGaAlP) WATER CLEAR 70 Typ. 200 Viewing Angle 2 1/2 120
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25C
Symbol peak D 1/2 C VF IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Super Bright Orange Super Bright Orange Super Bright Orange Super Bright Orange Super Bright Orange Super Bright Orange Typ. 610 601 29 30 2.0 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Super Bright Orange 75 30 195 5 -40C To +85C
Units mW mA mA V
SPEC NO: DSAD0990 APPROVED: J. Lu
REV NO: V.3 CHECKED: Allen Liu
DATE: FEB/28/2005 DRAWN: Y.W.WANG
PAGE: 2 OF 4 ERP:1203001962
Super Bright Orange
APT3216SEC
SPEC NO: DSAD0990 APPROVED: J. Lu
REV NO: V.3 CHECKED: Allen Liu
DATE: FEB/28/2005 DRAWN: Y.W.WANG
PAGE: 3 OF 4 ERP:1203001962
APT3216SEC
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
SPEC NO: DSAD0990 APPROVED: J. Lu
REV NO: V.3 CHECKED: Allen Liu
DATE: FEB/28/2005 DRAWN: Y.W.WANG
PAGE: 4 OF 4 ERP:1203001962


▲Up To Search▲   

 
Price & Availability of APT3216SEC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X