|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
TYPICAL PERFORMANCE CURVES (R) APT30GT60BRDQ2 APT30GT60BRDQ2G* APT30GT60BRDQ2(G) 600V *G Denotes RoHS Compliant, Pb Free Terminal Finish. Thunderbolt IGBT(R) The Thunderblot IGBT(R) is a new generation of high voltage power IGBTs. Using Non- Punch Through Technology, the Thunderblot IGBT(R) offers superior ruggedness and ultrafast switching speed. * Low Forward Voltage Drop * Low Tail Current * RBSOA and SCSOA Rated * High Freq. Switching to 100KHz * Ultra Low Leakage Current G TO -2 47 C E C G E MAXIMUM RATINGS Symbol VCES VGE I C1 I C2 I CM SSOA PD TJ,TSTG TL Parameter Collector-Emitter Voltage Gate-Emitter Voltage Continuous Collector Current @ TC = 25C Continuous Collector Current @ TC = 110C Pulsed Collector Current 1 All Ratings: TC = 25C unless otherwise specified. APT30GT60BRDQ2(G) UNIT Volts 600 30 64 30 110 110A @ 600V 250 -55 to 150 300 Amps Switching Safe Operating Area @ TJ = 150C Total Power Dissipation Operating and Storage Junction Temperature Range Max. Lead Temp. for Soldering: 0.063" from Case for 10 Sec. Watts C STATIC ELECTRICAL CHARACTERISTICS Symbol V(BR)CES VGE(TH) VCE(ON) Characteristic / Test Conditions Collector-Emitter Breakdown Voltage (VGE = 0V, I C = 250A) Gate Threshold Voltage (VCE = VGE, I C = 700A, Tj = 25C) MIN TYP MAX Units 600 3 1.6 4 2.0 2.8 50 2 5 2.5 Collector-Emitter On Voltage (VGE = 15V, I C = 30A, Tj = 25C) Collector-Emitter On Voltage (VGE = 15V, I C = 30A, Tj = 125C) Collector Cut-off Current (VCE = 600V, VGE = 0V, Tj = 25C) 2 Volts I CES I GES A nA 12-2005 052-6282 Rev A Collector Cut-off Current (VCE = 600V, VGE = 0V, Tj = 125C) Gate-Emitter Leakage Current (VGE = 20V) 1000 100 CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed. APT Website - http://www.advancedpower.com DYNAMIC CHARACTERISTICS Symbol Cies Coes Cres VGEP Qg Qge Qgc SSOA td(on) td(off) tf Eon1 Eon2 td(on) tr td(off) tf Eon1 Eon2 Eoff Eoff tr Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Gate-to-Emitter Plateau Voltage Total Gate Charge 3 APT30GT60BRDQ2(G) Test Conditions Capacitance VGE = 0V, VCE = 25V f = 1 MHz Gate Charge VCE = 300V I C = 30A TJ = 150C, R G = 10, VGE = 15V, L = 100H,VCE = 600V Inductive Switching (25C) VCC = 400V VGE = 15V RG = 10 I C = 30A VGE = 15V MIN TYP MAX UNIT pF V nC 1600 155 90 7.5 145 10 60 110 12 20 225 80 525 605 600 12 20 245 100 570 965 830 J ns ns A Gate-Emitter Charge Gate-Collector ("Miller ") Charge Switching Safe Operating Area Turn-on Delay Time Current Rise Time Turn-off Delay Time Current Fall Time Turn-on Switching Energy Turn-off Switching Energy Turn-on Delay Time Current Rise Time Turn-off Delay Time Current Fall Time Turn-on Switching Energy Turn-off Switching Energy 44 55 4 5 Turn-on Switching Energy (Diode) 6 TJ = +25C Inductive Switching (125C) VCC = 400V VGE = 15V RG = 10 I C = 30A J Turn-on Switching Energy (Diode) 6 TJ = +125C THERMAL AND MECHANICAL CHARACTERISTICS Symbol RJC RJC WT Characteristic Junction to Case (IGBT) Junction to Case (DIODE) Package Weight MIN TYP MAX UNIT C/W gm .50 .67 5.9 1 Repetitive Rating: Pulse width limited by maximum junction temperature. 2 For Combi devices, Ices includes both IGBT and FRED leakages 3 See MIL-STD-750 Method 3471. 4 Eon1 is the clamped inductive turn-on energy of the IGBT only, without the effect of a commutating diode reverse recovery current adding to the IGBT turn-on loss. Tested in inductive switching test circuit shown in figure 21, but with a Silicon Carbide diode. 12-2005 Rev A 5 Eon2 is the clamped inductive turn-on energy that includes a commutating diode reverse recovery current in the IGBT turn-on switching loss. (See Figures 21, 22.) 6 Eoff is the clamped inductive turn-off energy measured in accordance with JEDEC standard JESD24-1. (See Figures 21, 23.) APT Reserves the right to change, without notice, the specifications and information contained herein. 052-6282 TYPICAL PERFORMANCE CURVES 100 V 90 IC, COLLECTOR CURRENT (A) 80 70 60 50 40 30 20 10 0 GE = 15V 140 120 APT30GT60BRDQ2(G) 15 &13V IC, COLLECTOR CURRENT (A) TJ = -55C 11V 100 80 60 40 20 0 10V 9V 8V 7V 6V 0 5 10 15 20 VCE, COLLECTER-TO-EMITTER VOLTAGE (V) I = 30A C T = 25C J TJ = 25C TJ = 125C 100 FIGURE 1, Output Characteristics(TJ = 25C) 250s PULSE TEST<0.5 % DUTY CYCLE 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 VCE, COLLECTER-TO-EMITTER VOLTAGE (V) 16 VGE, GATE-TO-EMITTER VOLTAGE (V) 14 12 10 FIGURE 2, Output Characteristics (TJ = 125C) 90 IC, COLLECTOR CURRENT (A) 80 70 60 50 40 30 20 10 0 0 TJ = -55C VCE = 120V VCE = 300V 8 6 4 2 0 0 20 40 60 80 100 120 140 160 GATE CHARGE (nC) FIGURE 4, Gate Charge VCE = 480V TJ = 125C TJ = 25C 2 4 6 8 10 12 VGE, GATE-TO-EMITTER VOLTAGE (V) FIGURE 3, Transfer Characteristics VCE, COLLECTOR-TO-EMITTER VOLTAGE (V) 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 IC = 60A TJ = 25C. 250s PULSE TEST <0.5 % DUTY CYCLE VCE, COLLECTOR-TO-EMITTER VOLTAGE (V) 4.5 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 0 VGE = 15V. 250s PULSE TEST <0.5 % DUTY CYCLE IC = 60A IC = 30A IC = 15A IC = 30A IC = 15A 8 10 12 14 16 VGE, GATE-TO-EMITTER VOLTAGE (V) FIGURE 5, On State Voltage vs Gate-to- Emitter Voltage 1.15 0 6 25 50 75 100 125 150 TJ, Junction Temperature (C) FIGURE 6, On State Voltage vs Junction Temperature 90 1.05 1.00 0.95 0.90 0.85 0.80 0.75 IC, DC COLLECTOR CURRENT(A) VGS(TH), THRESHOLD VOLTAGE (NORMALIZED) 1.10 80 70 60 50 40 30 20 10 -25 0 25 50 75 100 125 150 TC, CASE TEMPERATURE (C) FIGURE 8, DC Collector Current vs Case Temperature 0 -50 12-2005 052-6282 Rev A 0.70 -50 -25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) FIGURE 7, Threshold Voltage vs. Junction Temperature 16 td(ON), TURN-ON DELAY TIME (ns) 14 12 10 8 6 4 VCE = 400V T = 25C, or 125C L = 100H 300 td (OFF), TURN-OFF DELAY TIME (ns) 250 200 150 100 50 VCE = 400V RG = 10 VGE =15V,TJ=125C APT30GT60BRDQ2(G) VGE = 15V VGE =15V,TJ=25C 2 RJ = 10 G 0 10 20 30 40 50 60 70 ICE, COLLECTOR TO EMITTER CURRENT (A) FIGURE 9, Turn-On Delay Time vs Collector Current 60 50 tf, FALL TIME (ns) tr, RISE TIME (ns) 40 30 20 10 0 TJ = 25 or 125C,VGE = 15V RG = 10, L = 100H, VCE = 400V 0 10 20 30 40 50 60 70 ICE, COLLECTOR TO EMITTER CURRENT (A) FIGURE 10, Turn-Off Delay Time vs Collector Current 160 140 120 100 80 60 40 20 0 TJ = 25C, VGE = 15V TJ = 125C, VGE = 15V 0 L = 100H 0 RG = 10, L = 100H, VCE = 400V 0 10 20 30 40 50 60 70 ICE, COLLECTOR TO EMITTER CURRENT (A) FIGURE 11, Current Rise Time vs Collector Current 3000 EON2, TURN ON ENERGY LOSS (J) 2500 2000 1500 1000 500 TJ = 25C 0 10 20 30 40 50 60 70 ICE, COLLECTOR TO EMITTER CURRENT (A) FIGURE 12, Current Fall Time vs Collector Current 2000 EOFF, TURN OFF ENERGY LOSS (J) V = 400V CE V = +15V GE R = 10 G V = 400V CE V = +15V GE R = 10 G TJ = 125C 1500 TJ = 125C 1000 500 TJ = 25C 0 10 20 30 40 50 60 70 ICE, COLLECTOR TO EMITTER CURRENT (A) FIGURE 13, Turn-On Energy Loss vs Collector Current 4500 SWITCHING ENERGY LOSSES (J) 4000 3500 3000 1500 1000 500 0 Eoff,60A Eoff,30A Eoff,15A Eon2,15A Eon2,30A = 400V V CE = +15V V GE T = 125C J 0 0 10 20 30 40 50 60 70 ICE, COLLECTOR TO EMITTER CURRENT (A) FIGURE 14, Turn Off Energy Loss vs Collector Current 3000 SWITCHING ENERGY LOSSES (J) V = 400V CE V = +15V GE R = 10 G 0 Eon2,60A 2500 2000 1500 1000 500 0 Eon2,60A Eoff,60A Eon2,30A Eoff,15A Eon2,15A Eoff,30A Rev A 12-2005 052-6282 10 20 30 40 50 RG, GATE RESISTANCE (OHMS) FIGURE 15, Switching Energy Losses vs. Gate Resistance 0 25 50 75 100 125 TJ, JUNCTION TEMPERATURE (C) FIGURE 16, Switching Energy Losses vs Junction Temperature 0 TYPICAL PERFORMANCE CURVES 3,000 IC, COLLECTOR CURRENT (A) Cies 1,000 C, CAPACITANCE ( F) 500 P 120 100 80 60 40 20 APT30GT60BRDQ2(G) Coes 100 50 Cres 10 0 10 20 30 40 50 VCE, COLLECTOR-TO-EMITTER VOLTAGE (VOLTS) Figure 17, Capacitance vs Collector-To-Emitter Voltage 0 100 200 300 400 500 600 700 VCE, COLLECTOR TO EMITTER VOLTAGE Figure 18,Minimim Switching Safe Operating Area 0 0.60 0.50 0.40 0.30 0.20 0.10 0 ZJC, THERMAL IMPEDANCE (C/W) D = 0.9 0.7 0.5 0.3 0.1 0.05 10-5 10-4 Note: PDM t1 t2 SINGLE PULSE Duty Factor D = 1/t2 Peak TJ = PDM x ZJC + TC t 10-3 10-2 10-1 RECTANGULAR PULSE DURATION (SECONDS) Figure 19a, Maximum Effective Transient Thermal Impedance, Junction-To-Case vs Pulse Duration 1.0 140 FMAX, OPERATING FREQUENCY (kHz) Junction temp. (C) RC MODEL 50 0.0838 0.00245 10 5 T = 125C J T = 75C C D = 50 % V = 400V CE R = 10 G Power (watts) 0.207 0.00548 = min (fmax, fmax2) 0.05 fmax1 = td(on) + tr + td(off) + tf max F fmax2 = Pdiss = Pdiss - Pcond Eon2 + Eoff TJ - TC RJC 0.209 Case temperature. (C) 0.165 FIGURE 19b, TRANSIENT THERMAL IMPEDANCE MODEL 15 25 35 45 55 65 IC, COLLECTOR CURRENT (A) Figure 20, Operating Frequency vs Collector Current 1 5 052-6282 Rev A 12-2005 APT30GT60BRDQ2(G) Gate Voltage APT40DQ60 10% TJ = 125C td(on) Collector Current V CC IC V CE tr 5% 10% 90% 5% Collector Voltage A D.U.T. Switching Energy Figure 21, Inductive Switching Test Circuit Figure 22, Turn-on Switching Waveforms and Definitions 90% td(off) tf 90% Gate Voltage TJ = 125C Collector Voltage 10% 0 Collector Current Switching Energy Figure 23, Turn-off Switching Waveforms and Definitions 052-6282 Rev A 12-2005 TYPICAL PERFORMANCE CURVES APT30GT60BRDQ2(G) ULTRAFAST SOFT RECOVERY ANTI-PARALLEL DIODE MAXIMUM RATINGS Symbol IF(AV) IF(RMS) IFSM Symbol VF Characteristic / Test Conditions Maximum Average Forward Current (TC = 111C, Duty Cycle = 0.5) RMS Forward Current (Square wave, 50% duty) Non-Repetitive Forward Surge Current (TJ = 45C, 8.3ms) Characteristic / Test Conditions IF = 30A Forward Voltage IF = 60A IF = 30A, TJ = 125C MIN All Ratings: TC = 25C unless otherwise specified. APT30GT60BRDQ2(G) UNIT Amps 40 63 320 TYP MAX UNIT Volts STATIC ELECTRICAL CHARACTERISTICS 1.85 2.24 1.48 MIN TYP MAX UNIT ns nC DYNAMIC CHARACTERISTICS Symbol trr trr Qrr IRRM trr Qrr IRRM trr Qrr IRRM Characteristic Test Conditions Reverse Recovery Time I = 1A, di /dt = -100A/s, V = 30V, T = 25C F F R J Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current 0.70 ZJC, THERMAL IMPEDANCE (C/W) 0.60 0.50 0.40 0.5 0.30 0.20 0.10 0 0.3 0.1 0.05 10-5 10-4 Note: 22 25 35 3 160 480 6 85 920 20 - IF = 40A, diF/dt = -200A/s VR = 400V, TC = 25C - Amps ns nC Amps ns nC Amps IF = 40A, diF/dt = -200A/s VR = 400V, TC = 125C IF = 40A, diF/dt = -1000A/s VR = 400V, TC = 125C D = 0.9 0.7 PDM t1 t2 SINGLE PULSE Duty Factor D = 1/t2 Peak TJ = PDM x ZJC + TC t 10-3 10-2 10-1 1.0 RECTANGULAR PULSE DURATION (seconds) FIGURE 24a. MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs. PULSE DURATION RC MODEL 0.289 Power (watts) 0.381 Case temperature (C) 0.00448 FIGURE 24b, TRANSIENT THERMAL IMPEDANCE MODEL 052-6282 0.120 Rev A 12-2005 Junction temp (C) 120 trr, REVERSE RECOVERY TIME (ns) 100 80 60 TJ = 125C 40 20 0 TJ = 175C TJ = 25C TJ = -55C 0.5 1 1.5 2 2.5 3 VF, ANODE-TO-CATHODE VOLTAGE (V) Figure 25. Forward Current vs. Forward Voltage 1400 Qrr, REVERSE RECOVERY CHARGE (nC) 1200 1000 800 600 400 200 0 T = 125C J V = 400V R 180 160 140 120 100 80 60 40 20 80A APT30GT60BRDQ2(G) T = 125C J V = 400V R IF, FORWARD CURRENT (A) 40A 20A 0 0 200 400 600 800 1000 1200 -diF /dt, CURRENT RATE OF CHANGE(A/s) Figure 26. Reverse Recovery Time vs. Current Rate of Change IRRM, REVERSE RECOVERY CURRENT (A) 25 T = 125C J V = 400V R 0 80A 80A 20 15 40A 10 40A 20A 20A 5 0 200 400 600 800 1000 1200 -diF /dt, CURRENT RATE OF CHANGE (A/s) Figure 27. Reverse Recovery Charge vs. Current Rate of Change 0 200 400 600 800 1000 1200 -diF /dt, CURRENT RATE OF CHANGE (A/s) Figure 28. Reverse Recovery Current vs. Current Rate of Change 80 Duty cycle = 0.5 T = 175C J 0 1.4 Kf, DYNAMIC PARAMETERS (Normalized to 1000A/s) 1.2 1.0 0.8 0.6 0.4 0.2 trr Qrr IRRM 70 60 IF(AV) (A) 50 40 30 trr Qrr 20 10 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) Figure 29. Dynamic Parameters vs. Junction Temperature 0.0 0 75 100 125 150 175 Case Temperature (C) Figure 30. Maximum Average Forward Current vs. CaseTemperature 0 25 50 200 CJ, JUNCTION CAPACITANCE (pF) 180 160 140 120 100 80 60 40 20 10 100 200 VR, REVERSE VOLTAGE (V) Figure 31. Junction Capacitance vs. Reverse Voltage Rev A 12-2005 0 1 052-6282 TYPICAL PERFORMANCE CURVES +18V 0V diF /dt Adjust Vr APT6017LLL APT30GT60BRDQ2(G) D.U.T. 30H trr/Qrr Waveform PEARSON 2878 CURRENT TRANSFORMER Figure 32. Diode Test Circuit 1 2 3 4 IF - Forward Conduction Current diF /dt - Rate of Diode Current Change Through Zero Crossing. IRRM - Maximum Reverse Recovery Current. Zero 1 4 5 3 2 trr - Reverse Recovery Time, measured from zero crossing where diode current goes from positive to negative, to the point at which the straight line through IRRM and 0.25 IRRM passes through zero. Qrr - Area Under the Curve Defined by IRRM and trr. 0.25 IRRM 5 Figure 33, Diode Reverse Recovery Waveform and Definitions TO-247 Package Outline e1 SAC: Tin, Silver, Copper 4.69 (.185) 5.31 (.209) 1.49 (.059) 2.49 (.098) 6.15 (.242) BSC 20.80 (.819) 21.46 (.845) 3.55 (.138) 3.81 (.150) 15.49 (.610) 16.26 (.640) 5.38 (.212) 6.20 (.244) Collector (Cathode) 4.50 (.177) Max. 0.40 (.016) 0.79 (.031) 2.87 (.113) 3.12 (.123) 1.65 (.065) 2.13 (.084) 1.01 (.040) 1.40 (.055) 2.21 (.087) 2.59 (.102) 5.45 (.215) BSC 2-Plcs. APT's products are covered by one or more of U.S.patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. US and Foreign patents pending. All Rights Reserved. 052-6282 Dimensions in Millimeters and (Inches) Rev A Gate Collector (Cathode) Emitter (Anode) 12-2005 19.81 (.780) 20.32 (.800) |
Price & Availability of APT30GT60BRDQ2G |