Part Number Hot Search : 
5962R MC140 D1789 UDZS13B 8ZETE1 MC140 C104F PCP1104
Product Description
Full Text Search
 

To Download APT30DS60B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1
2
TO -24
7
1 - Cathode 2 2 - Anode 1
APT30DS60B
1 2
600V
30A
2-300V HIGH FREQUENCY SOFT RECOVERY RECTIFIER DIODES IN SERIES
PRODUCT APPLICATIONS
* Anti-Parallel Diode * * * * *
-Switchmode Power Supply -Inverters Free Wheeling Diode -Motor Controllers -Converters Snubber Diode Uninterruptible Power Supply (UPS) Induction Heating High Speed Rectifiers
PRODUCT FEATURES
* Ultrafast Recovery Times * Soft Recovery Characteristics * Popular TO-247 Package * trr < 25ns @ 30 Amps * High Blocking Voltage * Low Leakage Current
PRODUCT BENEFITS
* Low Losses * Low Noise Switching * Cooler Operation * Higher Reliability Systems * Increased System Power
Density
MAXIMUM RATINGS
Symbol VR VRRM VRWM IF(AV) IF(RMS) IFSM TJ,TSTG TL Characteristic / Test Conditions Maximum D.C. Reverse Voltage Maximum Peak Repetitive Reverse Voltage Maximum Working Peak Reverse Voltage
All Ratings: TC = 25C unless otherwise specified.
APT30DS60B UNIT
600
Volts
Maximum Average Forward Current (TC = 105C, Duty Cycle = 0.5) RMS Forward Current Non-Repetitive Forward Surge Current (TJ = 45C, 8.3ms) Operating and StorageTemperature Range Lead Temperature: 0.063" from Case for 10 Sec.
30 70 320 -55 to 150 300
C Amps
STATIC ELECTRICAL CHARACTERISTICS
Symbol Characteristic / Test Conditions IF = 30A VF Maximum Forward Voltage IF = 60A IF = 30A, TJ = 150C IRM CT LS Maximum Reverse Leakage Current VR = VR Rated VR = VR Rated, TJ = 125C Junction Capacitance, VR = 150V Series Inductance (Lead to Lead 5mm from Base)
APT Website - http://www.advancedpower.com
Bend, Oregon 97702-1035 F-33700 Merignac - France Phone: (541) 382-8028 Phone: (33) 5 57 92 15 15 FAX: (541) 388-0364 FAX: (33) 5 56 47 97 61
MIN
TYP
MAX
UNIT
4.0 4.0 3.5 250 500 35 10
A pF nH
053-3007 Rev -
Volts
USA
405 S.W. Columbia Street
EUROPE
Avenue J.F. Kennedy Bat B4 Parc Cadera Nord
DYNAMIC CHARACTERISTICS
Symbol trr1 trr2 trr3 tfr1 tfr2 IRRM1 IRRM2 Qrr1 Qrr2 Vfr1 Vfr2 diM/dt IF = 30A, diF /dt = -500A/s, VR = 350V Characteristic Reverse Recovery Time, IF = 1.0A, diF /dt = -15A/s, VR = 30V, TJ = 25C Reverse Recovery Time IF = 30A, diF /dt = -500A/s, VR = 350V Forward Recovery Time IF = 30A, diF /dt = 500A/s, VR = 350V Reverse Recovery Current IF = 30A, diF /dt = -500A/s, VR = 350V Recovery Charge IF = 30A, diF /dt = -500A/s, VR = 350V Forward Recovery Voltage IF = 30A, diF /dt = 500A/s, VR = 350V Rate of Fall of Recovery Current TJ = 25C TJ = 100C TJ = 25C TJ = 100C TJ = 25C TJ = 100C TJ = 25C TJ = 100C TJ = 25C TJ = 100C TJ = 25C TJ = 100C MIN TYP
APT30DS60B
MAX UNIT
35 20 35 45 50 6.5 9.2 75
45
ns
13.5
Amps
20
nC
160 20
Volts
21 900
A/s
2000
THERMAL AND MECHANICAL CHARACTERISTICS
Symbol RJC RJA WT Characteristic / Test Conditions Junction-to-Case Thermal Resistance Junction-to-Ambient Thermal Resistance MIN TYP MAX UNIT C/W oz gm
0.66 40 0.22
Package Weight
6.1 10
Maximum Mounting Torque (Screw Type = 6-32 or 3.5mm Machine)
lb*in N*m
Torque
1.1
0.7 0.5 D=0.5
, THERMAL IMPEDANCE (C/W)
0.2 0.1 0.05 0.1 0.05 0.02 0.01 0.01 0.005 SINGLE PULSE
NOTE:
JC
PDM
t1 t2
Z
DUTY FACTOR D = t1 / t2
053-3007 Rev -
PEAK TJ =PDM x Z JC + TC
0.001 10-5
10-3 10-2 10-1 1.0 RECTANGULAR PULSE DURATION (SECONDS) Figure 1, Maximum Effective Transient Thermal Impedance, Junction-To-Case vs Pulse Duration
10-4
10
APT30DS60B
50 Qrr, REVERSE RECOVERY CHARGE (nano-COULOMBS) 360
TJ = 100C VR = 350V
IF, FORWARD CURRENT (AMPERES)
40 TJ = 150C 30 TJ = 100C
300 240 180 120 15A 60
60A 30A
20 TJ = 25C 10 TJ = -55C
0 1 2 3 4 5 VF, ANODE-TO-CATHODE VOLTAGE (VOLTS) Figure 2, Forward Voltage Drop vs Forward Current 20 IRRM, REVERSE RECOVERY CURRENT (AMPERES)
TJ = 100C VR = 350V
0
0 10 50 100 500 1000 diF /dt, CURRENT SLEW RATE (AMPERES/SEC) Figure 3, Reverse Recovery Charge vs Current Slew Rate 2.5
60A Kf, DYNAMIC PARAMETERS (NORMALIZED) 2.0 Qrr 1.5 trr 1.0 IRRM 0.5 Qrr 0.0 30A
16
12 15A 8
trr
4
0 0 200 400 600 800 1000 diF /dt, CURRENT SLEW RATE (AMPERES/SEC) Figure 4, Reverse Recovery Current vs Current Slew Rate 100
TJ = 100C VR = 350V
-25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) Figure 5, Dynamic Parameters vs Junction Temperature 2000 tfr, FORWARD RECOVERY TIME (nano-SECONDS)
TJ = 100C VR = 350V IF = 30A
-50
40 Vfr, FORWARD RECOVERY VOLTAGE (VOLTS)
trr, REVERSE RECOVERY TIME (nano-SECONDS)
80
1500 Vfr 1000
30
60
60A 30A 15A
20
40
500 tfr
10
20
0 200 400 600 800 1000 diF /dt, CURRENT SLEW RATE (AMPERES/SEC) Figure 6, Reverse Recovery Time vs Current Slew Rate 300
0
0 0 200 400 600 800 1000 diF /dt, CURRENT SLEW RATE (AMPERES/SEC) Figure 7, Forward Recovery Voltage/Time vs Current Slew Rate 0
CJ, JUNCTION CAPACITANCE (pico-FARADS)
100
50
10 0.01
0.05
0.1
0.5 1 5 VR, REVERSE VOLTAGE (VOLTS)
10
50
100
200
Figure 8, Junction Capacitance vs Reverse Voltage
053-3007 Rev -
Vr
APT30DS60B
D.U.T. 30H
trr/Qrr Waveform
+15v diF /dt Adjust 0v -15v
PEARSON 411 CURRENT TRANSFORMER
Figure 9, Diode Reverse Recovery Test Circuit and Waveforms
1 2 3 4
IF - Forward Conduction Current diF /dt - Current Slew Rate, Rate of Forward Current Change Through Zero Crossing. Zero IRRM - Peak Reverse Recovery Current. trr - Reverse Recovery Time Measured from Point of IF 3 Current Falling Through Zero to a Tangent Line { 6 diM/dt} Extrapolated Through Zero Defined by 0.75 and 0.50 IRRM. 5 0.5 IRRM 0.75 IRRM 2 Qrr = 1/2 (trr . IRRM) 1 4 6
5 6
Qrr - Area Under the Curve Defined by IRRM and trr. diM/dt - Maximum Rate of Current Change During the Trailing Portion of trr.
Figure 10, Diode Reverse Recovery Waveform and Definitions
TO-247 Package Outline
4.69 (.185) 5.31 (.209) 1.49 (.059) 2.49 (.098) 6.15 (.242) BSC 20.80 (.819) 21.46 (.845) 3.50 (.138) 3.81 (.150) 15.49 (.610) 16.26 (.640) 5.38 (.212) 6.20 (.244)
4.50 (.177) Max. 0.40 (.016) 0.79 (.031) 1.65 (.065) 2.13 (.084) 1.01 (.040) 1.40 (.055)
19.81 (.780) 20.32 (.800)
Anode 1
2.21 (.087) 2.59 (.102)
053-3007 Rev -
Cathode 2
10.90 (.430) BSC
Dimensions in Millimeters and (Inches)
APT Reserves the right to change, without notice, the specifications and information contained herein.


▲Up To Search▲   

 
Price & Availability of APT30DS60B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X