Part Number Hot Search : 
EPA3569S RAS5005 17570 AN7006NS BAS16T NTE1651 WRC10MD T72V3
Product Description
Full Text Search
 

To Download APT30DS30B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1
2
TO -24
7
1 - Cathode 2 - Anode Back of Case - Cathode
1 2
APT30DS30B
300V
30A
HIGH FREQUENCY SOFT RECOVERY RECTIFIER DIODE
PRODUCT APPLICATIONS
* Anti-Parallel Diode * * * * *
-Switchmode Power Supply -Inverters Free Wheeling Diode -Motor Controllers -Converters Snubber Diode Uninterruptible Power Supply (UPS) Induction Heating High Speed Rectifiers
PRODUCT FEATURES
* Ultrafast Recovery Times * Soft Recovery Characteristics * Popular TO-247 Package * trr < 25ns @ 30 Amps * High Blocking Voltage * Low Leakage Current
PRODUCT BENEFITS
* Low Losses * Low Noise Switching * Cooler Operation * Higher Reliability Systems * Increased System Power
Density
MAXIMUM RATINGS
Symbol VR VRRM VRWM IF(AV) IF(RMS) IFSM TJ,TSTG TL Characteristic / Test Conditions Maximum D.C. Reverse Voltage
All Ratings: TC = 25C unless otherwise specified.
APT30DS30B UNIT
Maximum Peak Repetitive Reverse Voltage Maximum Working Peak Reverse Voltage
Maximum Average Forward Current (TC = 100C, Duty Cycle = 0.5) RMS Forward Current
Non-Repetitive Forward Surge Current (TJ = 45C, 8.3ms) Operating and StorageTemperature Range
Lead Temperature: 0.063" from Case for 10 Sec.
STATIC ELECTRICAL CHARACTERISTICS
Symbol Characteristic / Test Conditions
Y R A IN IM L E R P
300 30 70 320 -55 to 150 300
MIN TYP IF = 30A IF = 60A IF = 30A, TJ = 150C
Volts
Amps
C
MAX
UNIT
2.0
Volts
VF
Maximum Forward Voltage
2.0 1.75 250
IRM CT LS
Maximum Reverse Leakage Current
VR = VR Rated VR = VR Rated, TJ = 125C
A
500 70 10
pF nH
050-5947 Rev - 1-2000
Junction Capacitance, VR = 150V Series Inductance (Lead to Lead 5mm from Base)
APT Website - http://www.advancedpower.com
USA EUROPE
405 S.W. Columbia Street Chemin de Magret
Bend, Oregon 97702 -1035 F-33700 Merignac - France
Phone: (541) 382-8028 Phone: (33) 5 57 92 15 15
FAX: (541) 388-0364 FAX: (33) 5 56 47 97 61
DYNAMIC CHARACTERISTICS
Symbol trr1 trr2 trr3 tfr1 tfr2 IRRM1 IRRM2 Qrr1 Qrr2 Vfr1 Vfr2 diM/dt Characteristic Reverse Recovery Time, IF = 1.0A, diF /dt = -15A/s, VR = 30V, TJ = 25C Reverse Recovery Time IF = 30A, diF /dt = -500A/s, VR = 180V Forward Recovery Time IF = 30A, diF /dt = 500A/s, VR = 180V Reverse Recovery Current IF = 30A, diF /dt = -500A/s, VR = 180V Recovery Charge IF = 30A, diF /dt = -500A/s, VR = 180V Forward Recovery Voltage TJ = 25C TJ = 100C TJ = 25C TJ = 100C TJ = 25C TJ = 100C TJ = 25C TJ = 100C TJ = 25C MIN TYP
APT30DS30B
MAX UNIT
35 20 35 45 50 6.5 9.2 75
45
ns
13.5
Amps
20
nC
160 20 21
Volts
IF = 30A, diF /dt = 500A/s, VR = 180V Rate of Fall of Recovery Current
IF = 30A, diF /dt = -500A/s, VR = 180V
THERMAL AND MECHANICAL CHARACTERISTICS
Symbol RqJC RqJA WT Characteristic / Test Conditions
Junction-to-Case Thermal Resistance
Junction-to-Ambient Thermal Resistance Package Weight
Y R A IN IM L E R P
TJ = 100C TJ = 25C
900
A/s
TJ = 100C
2000
MIN
TYP
MAX
UNIT C/W oz gm lb*in N*m
0.9 40
0.22 6.1
10
Torque
Maximum Mounting Torque (Screw Type = 6-32 or 3.5mm Machine)
1.1
1.0 0.5 D=0.5
, THERMAL IMPEDANCE (C/W)
0.2 0.1 0.05 0.05 0.02 0.01 0.01 0.005
t2 DUTY FACTOR D = t1 / t2
0.1
SINGLE PULSE
NOTE:
qJC
PDM
0.001 10-5 10-4
t1
050-5947 Rev - 1-2000
Z
PEAK TJ =PDM x Z JC + TC
10-3 10-2 10-1 1.0 RECTANGULAR PULSE DURATION (SECONDS) Figure 1, Maximum Effective Transient Thermal Impedance, Junction-To-Case vs Pulse Duration
10
APT30DS30B
50
Qrr, REVERSE RECOVERY CHARGE (nano-COULOMBS)
360
TJ = 100C VR = 180V
IF, FORWARD CURRENT (AMPERES)
40 TJ = 150C 30 TJ = 100C
300 240 180 120 15A 60
60A 30A
20 TJ = 25C 10 TJ = -55C
0 0.5 1.0 1.5 2.0 2.5 VF, ANODE-TO-CATHODE VOLTAGE (VOLTS) Figure 2, Forward Voltage Drop vs Forward Current 20
IRRM, REVERSE RECOVERY CURRENT (AMPERES)
TJ = 100C VR = 180V
0
0 10 50 100 500 1000 diF /dt, CURRENT SLEW RATE (AMPERES/SEC) Figure 3, Reverse Recovery Charge vs Current Slew Rate 2.5
60A
Kf, DYNAMIC PARAMETERS (NORMALIZED)
16
12
8
4
0 0 200 400 600 800 1000 diF /dt, CURRENT SLEW RATE (AMPERES/SEC) Figure 4, Reverse Recovery Current vs Current Slew Rate 100
TJ = 100C VR = 180V
80
1500
30
60
Vfr
60A
30A 40
15A
1000
20
500 tfr
10
20
0 200 400 600 800 1000 diF /dt, CURRENT SLEW RATE (AMPERES/SEC) Figure 6, Reverse Recovery Time vs Current Slew Rate 1000
0
0 0 200 400 600 800 1000 diF /dt, CURRENT SLEW RATE (AMPERES/SEC) Figure 7, Forward Recovery Voltage/Time vs Current Slew Rate 0
CJ, JUNCTION CAPACITANCE (pico-FARADS)
100
Vfr, FORWARD RECOVERY VOLTAGE (VOLTS)
tfr, FORWARD RECOVERY TIME (nano-SECONDS)
trr, REVERSE RECOVERY TIME (nano-SECONDS)
Y R A IN IM L E R P
30A Qrr 1.5 15A trr 1.0 trr IRRM 0.5 Qrr 0.0 -50 2000
TJ = 100C VR = 180V IF = 30A
2.0
-25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) Figure 5, Dynamic Parameters vs Junction Temperature 40
10 0.01
0.05
0.1
0.5 1 5 VR, REVERSE VOLTAGE (VOLTS)
10
50
100
200
Figure 8, Junction Capacitance vs Reverse Voltage
050-5947 Rev - 1-2000
Vr
D.U.T. 30H
trr/Qrr Waveform
+15v diF /dt Adjust 0v -15v
PEARSON 411 CURRENT TRANSFORMER
Figure 9, Diode Reverse Recovery Test Circuit and Waveforms
1 2 3 4
IF - Forward Conduction Current
diF /dt - Current Slew Rate, Rate of Forward Current Change Through Zero Crossing. IRRM - Peak Reverse Recovery Current.
trr - Reverse Recovery Time Measured from Point of IF
Current Falling Through Zero to a Tangent Line { 6 diM/dt} Extrapolated Through Zero Defined by 0.75 and 0.50 IRRM.
5 6
Qrr - Area Under the Curve Defined by IRRM and trr.
diM/dt - Maximum Rate of Current Change During the Trailing Portion of trr.
Y R A IN IM L E R P
1 4 Zero 5 3 0.5 IRRM 0.75 IRRM 2
Figure 10, Diode Reverse Recovery Waveform and Definitions
6
Qrr = 1/2 (trr . IRRM)
TO-247 Package Outline
4.69 (.185) 5.31 (.209) 1.49 (.059) 2.49 (.098) 6.15 (.242) BSC
15.49 (.610) 16.26 (.640) 5.38 (.212) 6.20 (.244)
Cathode
20.80 (.819) 21.46 (.845) 3.50 (.138) 3.81 (.150)
4.50 (.177) Max. 0.40 (.016) 0.79 (.031) 1.65 (.065) 2.13 (.084) 1.01 (.040) 1.40 (.055)
19.81 (.780) 20.32 (.800)
Anode
050-5947 Rev - 1-2000
2.21 (.087) 2.59 (.102)
Cathode
10.90 (.430) BSC
Dimensions in Millimeters and (Inches)
APT Reserves the right to change, without notice, the specifications and information contained herein.
APT's devices are covered by one or more of the following U.S.patents: 4,895,810 5,256,583 5,045,903 4,748,103 5,089,434 5,283,202 5,182,234 5,231,474 5,019,522 5,434,095 5,262,336 5,528,058


▲Up To Search▲   

 
Price & Availability of APT30DS30B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X