Part Number Hot Search : 
NTE341 1N3317 PD754 L8567 OC31T5S TC144 MBU103 MC14515
Product Description
Full Text Search
 

To Download APT30D60SG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
600V APT30D60B APT30D60BG*
30A APT30D60S APT30D60SG*
*G Denotes RoHS Compliant, Pb Free Terminal Finish.
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
TO
PRODUCT APPLICATIONS
* Anti-Parallel Diode -Switchmode Power Supply -Inverters * Free Wheeling Diode -Motor Controllers -Converters -Inverters * Snubber Diode * PFC
PRODUCT FEATURES
* Ultrafast Recovery Times * Soft Recovery Characteristics
PRODUCT BENEFITS
* Low Losses * Low Noise Switching
1 2
-2 4
7
D3PAK
* Cooler Operation * Popular TO-247 Package or Surface Mount D3PAK Package * Higher Reliability Systems * Low Forward Voltage * Low Leakage Current * Increased System Power Density
1
2
1
2
1 - Cathode 2 - Anode Back of Case - Cathode
MAXIMUM RATINGS
Symbol VR VRRM VRWM IF(AV) IF(RMS) IFSM TJ,TSTG TL Characteristic / Test Conditions Maximum D.C. Reverse Voltage Maximum Peak Repetitive Reverse Voltage Maximum Working Peak Reverse Voltage
All Ratings: TC = 25C unless otherwise specified.
APT30D60B(G)_S(G) UNIT
600
Volts
Maximum Average Forward Current (TC = 140C, Duty Cycle = 0.5) RMS Forward Current (Square wave, 50% duty) Non-Repetitive Forward Surge Current (TJ = 45C, 8.3ms) Operating and StorageTemperature Range Lead Temperature for 10 Sec.
30 72 320 -55 to 175 300
C Amps
STATIC ELECTRICAL CHARACTERISTICS
Symbol Characteristic / Test Conditions IF = 30A VF Forward Voltage IF = 60A IF = 30A, TJ = 125C IRM CT Maximum Reverse Leakage Current Junction Capacitance, VR = 200V
APT Website - http://www.advancedpower.com
MIN
TYP
MAX
UNIT
1.6 1.9 1.4
1.8
Volts
VR = VR Rated VR = VR Rated, TJ = 125C
250 500 44
A pF
4-2005 053-6002 Rev H
DYNAMIC CHARACTERISTICS
Symbol trr trr Qrr IRRM trr Qrr IRRM trr Qrr IRRM Characteristic Reverse Recovery Time Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current IF = 30A, diF/dt = -1000A/s VR = 400V, TC = 125C IF = 30A, diF/dt = -200A/s VR = 400V, TC = 125C IF = 30A, diF/dt = -200A/s VR = 400V, TC = 25C Test Conditions IF = 1A, diF/dt = -100A/s, VR = 30V, TJ = 25C MIN -
APT30D60B(G)_S(G)
TYP MAX UNIT ns nC
23 85 130 4 160 700 8 70 1300 30 -
-
Amps ns nC Amps ns nC Amps
THERMAL AND MECHANICAL CHARACTERISTICS
Symbol RJC RJA WT Characteristic / Test Conditions Junction-to-Case Thermal Resistance Junction-to-Ambient Thermal Resistance Package Weight MIN TYP MAX UNIT C/W oz g
.67 40 0.22 5.9 10 1.1
lb*in N*m
Torque
Maximum Mounting Torque
APT Reserves the right to change, without notice, the specifications and information contained herein. 0.70 , THERMAL IMPEDANCE (C/W) 0.60 0.50 0.40 0.5 0.30 0.20 0.10 0 10 0.3
Note:
0.9
0.7
PDM
t1 t2
Z
0.1 0.05
-5
SINGLE PULSE 10
-4
Duty Factor D = 1/t2 Peak TJ = PDM x ZJC + TC
JC
t
10-3 10-2 10-1 1.0 RECTANGULAR PULSE DURATION (seconds) FIGURE 1a. MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs. PULSE DURATION
RC MODEL Junction temp (C)
4-2005
0.289 C/W Power (watts) 0.381 C/W Case temperature (C)
0.00448 J/C
053-6002 Rev H
0.120 J/C
FIGURE 1b, TRANSIENT THERMAL IMPEDANCE MODEL
TYPICAL PERFORMANCE CURVES
100 trr, REVERSE RECOVERY TIME (ns)
200 180 160 140 120 100 80 60 40 20 30A 60A
APT30D60B(G)_S(G)
T = 125C J V = 400V
R
IF, FORWARD CURRENT (A)
80 TJ = 175C TJ = 150C 40 TJ = 125C 20 TJ = -55C 0.5 1 1.5 2 2.5 VF, ANODE-TO-CATHODE VOLTAGE (V) Figure 2. Forward Current vs. Forward Voltage 1800 0 0 TJ = 25C
60
15A
0 200 400 600 800 1000 1200 -diF /dt, CURRENT RATE OF CHANGE(A/s) Figure 3. Reverse Recovery Time vs. Current Rate of Change IRRM, REVERSE RECOVERY CURRENT (A) 35 30 25 20 15 10 5 0
T = 125C J V = 400V
R
0
Qrr, REVERSE RECOVERY CHARGE (nC)
1600 1400 1200 1000 800 600 400 200 0
T = 125C J V = 400V
R
60A
60A
30A
30A 15A
15A
0 200 400 600 800 1000 1200 -diF /dt, CURRENT RATE OF CHANGE (A/s) Figure 4. Reverse Recovery Charge vs. Current Rate of Change
0 200 400 600 800 1000 1200 -diF /dt, CURRENT RATE OF CHANGE (A/s) Figure 5. Reverse Recovery Current vs. Current Rate of Change 90 80 70
Duty cycle = 0.5 T = 175C
J
1.2
Kf, DYNAMIC PARAMETERS (Normalized to 1000A/s)
1.0 0.8 trr 0.6 0.4 0.2 0.0 IRRM Qrr
trr
Qrr
60 IF(AV) (A) 50 40 30 20 10
25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) Figure 6. Dynamic Parameters vs. Junction Temperature 350
CJ, JUNCTION CAPACITANCE (pF)
0
75 100 125 150 175 Case Temperature (C) Figure 7. Maximum Average Forward Current vs. CaseTemperature
0
25
50
300 250 200 150 100 50 10 100 200 VR, REVERSE VOLTAGE (V) Figure 8. Junction Capacitance vs. Reverse Voltage 0 1
4-2005 053-6002 Rev H
Vr +18V 0V D.U.T. 30H diF /dt Adjust
APT5018BLL
APT30D60B(G)_S(G)
trr/Qrr Waveform
PEARSON 2878 CURRENT TRANSFORMER
Figure 9. Diode Test Circuit
1 2 3 4
IF - Forward Conduction Current diF /dt - Rate of Diode Current Change Through Zero Crossing. IRRM - Maximum Reverse Recovery Current. Zero
1
4
5 3 2
trr - Reverse Recovery Time, measured from zero crossing where diode current goes from positive to negative, to the point at which the straight line through IRRM and 0.25 IRRM passes through zero. Qrr - Area Under the Curve Defined by IRRM and trr.
0.25 IRRM
5
Figure 10, Diode Reverse Recovery Waveform and Definitions
TO-247 Package Outline
e1 SAC: Tin, Silver, Copper
4.69 (.185) 5.31 (.209) 1.49 (.059) 2.49 (.098) 6.15 (.242) BSC 15.49 (.610) 16.26 (.640) 5.38 (.212) 6.20 (.244)
D PAK Package Outline
e3 100% Sn
4.90 (.193) 5.10 (.201) 1.45 (.057) 1.60 (.063) 15.85 (.624) 16.05(.632) 13.30 (.524) 13.60(.535)
3
Cathode (Heat Sink)
1.00 (.039) 1.15(.045)
Cathode
20.80 (.819) 21.46 (.845) 3.50 (.138) 3.81 (.150)
18.70 (.736) 19.10 (.752) 0.40 (.016) 0.65 (.026)
12.40 (.488) 12.70 (.500)
4-2005
4.50 (.177) Max. 0.40 (.016) 0.79 (.031) 1.65 (.065) 2.13 (.084) 1.01 (.040) 1.40 (.055)
19.81 (.780) 20.32 (.800)
0.020 (.001) 0.250 (.010) 2.70 (.106) 2.90 (.114)
1.15 (.045) 1.45 (.057)
1.20 (.047) 1.90 (.075) 1.40 (.055) 2.10 (.083) 5.45 (.215) BSC (2 Plcs.)
2.40 (.094) 2.70 (.106) (Base of Lead)
053-6002 Rev H
Anode
2.21 (.087) 2.59 (.102)
Heat Sink (Cathode) and Leads are Plated
Cathode
10.90 (.430) BSC
Dimensions in Millimeters and (Inches)
Anode Cathode Dimensions in Millimeters (Inches)
APT's products are covered by one or more of U.S.patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. US and Foreign patents pending. All Rights Reserved.


▲Up To Search▲   

 
Price & Availability of APT30D60SG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X