Part Number Hot Search : 
FN1A4M 20P3600 LH1519 30CPQ150 CCF551 LXT972 MXB7843 P4456
Product Description
Full Text Search
 

To Download APT30D40HCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1
3
2 1 - Anode 1 2 - Common Cathode 3 - Anode 2 1 2 3
APT30D40HCT
400V
2x30A
ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
PRODUCT APPLICATIONS
* Parallel Diode * * * * *
-Switchmode Power Supply -Inverters Free Wheeling Diode -Motor Controllers -Converters Snubber Diode Uninterruptible Power Supply (UPS) Induction Heating High Speed Rectifiers
PRODUCT FEATURES
* Ultrafast Recovery Times * Soft Recovery Characteristics * Hermetic TO-258 Package * Low Forward Voltage * High Blocking Voltage * Low Leakage Current
PRODUCT BENEFITS
* Low Losses * Low Noise Switching * Cooler Operation * Higher Reliability Systems * Increased System Power
Density
MAXIMUM RATINGS
Symbol VR VRRM VRWM IF(AV) IF(RMS) IFSM TJ,TSTG TL Characteristic / Test Conditions Maximum D.C. Reverse Voltage Maximum Peak Repetitive Reverse Voltage Maximum Working Peak Reverse Voltage
All Ratings Are Per Leg: TC = 25C unless otherwise specified.
APT30D40HCT UNIT
400
Volts
Maximum Average Forward Current (TC = 85C, Duty Cycle = 0.5) RMS Forward Current Non-Repetitive Forward Surge Current (TJ = 45C, 8.3ms) Operating and StorageTemperature Range Lead Temperature: 0.063" from Case for 10 Sec.
30 70 320 -55 to 150 300
C Amps
STATIC ELECTRICAL CHARACTERISTICS
Symbol Characteristic / Test Conditions IF = 30A VF Maximum Forward Voltage IF = 60A IF = 30A, TJ = 150C IRM CT LS Maximum Reverse Leakage Current VR = VR Rated VR = VR Rated, TJ = 125C Junction Capacitance, VR = 200V Series Inductance (Lead to Lead 5mm from Base)
APT Website - http://www.advancedpower.com
Bend, Oregon 97702-1035 F-33700 Merignac - France Phone: (541) 382-8028 Phone: (33) 5 57 92 15 15 FAX: (541) 388-0364 FAX: (33) 5 56 47 97 61
MIN
TYP
MAX
UNIT
1.75 1.85 1.55 250 500 52 TBD
A pF nH
053-4018 Rev A
Volts
USA
405 S.W. Columbia Street
EUROPE
Avenue J.F. Kennedy Bat B4 Parc Cadera Nord
DYNAMIC CHARACTERISTICS
Symbol trr1 trr2 trr3 tfr1 tfr2 IRRM1 IRRM2 Qrr1 Qrr2 Vfr1 Vfr2 diM/dt IF = 30A, diF /dt = -240A/s, VR = 240V (See Figure 10) Characteristic Reverse Recovery Time, IF = 30A, diF /dt = -100A/s, VR = 50V, TJ = 25C Reverse Recovery Time IF = 30A, diF /dt = -240A/s, VR = 240V Forward Recovery Time IF = 30A, diF /dt = 240A/s, VR = 240V Reverse Recovery Current IF = 30A, diF /dt = -100A/s, VR = 50V Recovery Charge IF = 30A, diF /dt = -240A/s, VR = 240V Forward Recovery Voltage IF = 30A, diF /dt = 240A/s, VR = 240V Rate of Fall of Recovery Current TJ = 25C TJ = 100C TJ = 25C TJ = 100C TJ = 25C TJ = 100C TJ = 25C TJ = 100C TJ = 25C TJ = 100C TJ = 25C TJ = 100C MIN TYP
APT30D40HCT
MAX UNIT
40 45 70 150 150 2.2 5 135
60
ns
5
Amps
nC
350 3.2
Volts
3.2 500
A/s
500
THERMAL AND MECHANICAL CHARACTERISTICS
Symbol RJC RJA Characteristic / Test Conditions Junction-to-Case Thermal Resistance Junction-to-Ambient Thermal Resistance MIN TYP MAX UNIT C/W
1.2 40
1.0 0.5 , THERMAL IMPEDANCE (C/W)
D=0.5
0.2 0.1 0.1 0.05 0.05 0.02 0.01 SINGLE PULSE 0.01 0.005
NOTE:
JC
PDM
t1 t2
Z
DUTY FACTOR D = t1 / t2
053-4018 Rev A
PEAK TJ =PDM x Z JC + TC
0.001 10-5 10-3 10-2 10-1 1.0 RECTANGULAR PULSE DURATION (SECONDS) FIGURE 1, MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs PULSE DURATION 10-4 10
APT30D40HCT
100 Qrr, REVERSE RECOVERY CHARGE (nano-COULOMBS) 1600
TJ = 100C VR = 240V
IF, FORWARD CURRENT (AMPERES)
80
1200 60A
60 TJ = 150C 40 TJ = 100C 20 TJ = 25C TJ = -55C
800 30A 400 15A
0 0.4 0.8 1.2 1.6 2.0 2.4 VF, ANODE-TO-CATHODE VOLTAGE (VOLTS) Figure 2, Forward Voltage Drop vs Forward Current 50 IRRM, REVERSE RECOVERY CURRENT (AMPERES)
TJ = 100C VR = 240V
0 10 50 100 500 1000 diF /dt, CURRENT SLEW RATE (AMPERES/SEC) Figure 3, Reverse Recovery Charge vs Current Slew Rate 2.0
Kf, DYNAMIC PARAMETERS (NORMALIZED)
40
60A
1.6 Qrr 1.2 trr 0.8 IRRM Qrr trr
30 30A 15A
20
10
0.4
0 0 200 400 600 800 1000 diF /dt, CURRENT SLEW RATE (AMPERES/SEC) Figure 4, Reverse Recovery Current vs Current Slew Rate 100
TJ = 100C VR = 240V
-25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) Figure 5, Dynamic Parameters vs Junction Temperature 800 tfr, FORWARD RECOVERY TIME (nano-SECONDS)
TJ = 100C VR = 240V IF = 30A
0.0
-50
16 Vfr, FORWARD RECOVERY VOLTAGE (VOLTS)
trr, REVERSE RECOVERY TIME (nano-SECONDS)
90
60A 30A 15A
600 Vfr 400
12
80
8
70
60
200 tfr
4
0 200 400 600 800 1000 diF /dt, CURRENT SLEW RATE (AMPERES/SEC) Figure 6, Reverse Recovery Time vs Current Slew Rate 1000 500
50
0 0 0 200 400 600 800 1000 diF /dt, CURRENT SLEW RATE (AMPERES/SEC) Figure 7, Forward Recovery Voltage/Time vs Current Slew Rate
CJ, JUNCTION CAPACITANCE (pico-FARADS)
100 50
10 0.01
0.05
0.1
0.5 1 5 VR, REVERSE VOLTAGE (VOLTS)
10
50
100
200
Figure 8, Junction Capacitance vs Reverse Voltage
053-4018 Rev A
Vr
APT30D40HCT
D.U.T. 30H
trr/Qrr Waveform
+15v diF /dt Adjust 0v -15v
PEARSON 411 CURRENT TRANSFORMER
Figure 9, Diode Reverse Recovery Test Circuit and Waveforms
1 2 3 4
IF - Forward Conduction Current diF /dt - Current Slew Rate, Rate of Forward Current Change Through Zero Crossing. Zero IRRM - Peak Reverse Recovery Current. trr - Reverse Recovery Time Measured from Point of IF 3 Current Falling Through Zero to a Tangent Line { 6 diM/dt} Extrapolated Through Zero Defined by 0.75 and 0.50 IRRM. 5 0.5 IRRM 0.75 IRRM 2 Qrr = 1/2 (trr . IRRM) 1 4 6
5 6
Qrr - Area Under the Curve Defined by IRRM and trr. diM/dt - Maximum Rate of Current Change During the Trailing Portion of trr.
Figure 10, Diode Reverse Recovery Waveform and Definitions
TO-258AA Package Outline
17.65 (.695) 17.39 (.685) TO-258AA (Revised 3/1/90) 8.89 (.350) 8.63 (.340)
1.14 (.045) 0.88 (.035)
4.19 (.165) 3.94 (.155) 21.21 (.835) 20.70 (.815) 13.84 (.545) 13.58 (.535) 17.96 (.707) 17.70 (.697)
Anode 1
19.05 (0.750) 12.70 (0.500)
Common Cathode Anode 2
3.56 (.140) BSC 6.86 (.270) 6.09 (.240)
1.65 (.065) Dia. Typ. 1.39 (.055) 3 Leads 5.08 (.200) BSC
Dimensions in Millimeters and (Inches)
053-4018 Rev A
APT Reserves the right to change, without notice, the specifications and information contained herein.


▲Up To Search▲   

 
Price & Availability of APT30D40HCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X