Part Number Hot Search : 
CA010 HMT112 FA071B10 STA506A H90ZA6 BD4733 BZ5245 D6283
Product Description
Full Text Search
 

To Download APT2X31DQ120J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2
3
2
3
2 1 4
3
1
4
1
4
Anti-Parallel APT2x30DQ120J
Parallel APT2X31DQ120J
ISOTOP (R)
SO
2 T-
27
"UL Recognized"
file # E145592
APT2X31DQ120J APT2x30DQ120J
1200V 30A 1200V 30A
DUAL DIE ISOTOP(R) PACKAGE
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
PRODUCT APPLICATIONS
* Anti-Parallel Diode
-Switchmode Power Supply -Inverters * Free Wheeling Diode -Motor Controllers -Converters * Snubber Diode
PRODUCT FEATURES
* Ultrafast Recovery Times * Soft Recovery Characteristics * Popular SOT-227 Package * Low Forward Voltage * High Blocking Voltage * Low Leakage Current * Avalanche Energy Rated
PRODUCT BENEFITS
* Low Losses * Low Noise Switching * Cooler Operation * Higher Reliability Systems * Increased System Power
Density
* Uninterruptible Power Supply (UPS) * Induction Heating * High Speed Rectifiers MAXIMUM RATINGS
Symbol VR VRRM VRWM IF(AV) IF(RMS) IFSM EAVL TJ,TSTG Characteristic / Test Conditions Maximum D.C. Reverse Voltage
All Ratings: TC = 25C unless otherwise specified.
APT2x31_30DQ120J UNIT
Maximum Peak Repetitive Reverse Voltage Maximum Working Peak Reverse Voltage Maximum Average Forward Current (TC = 89C, Duty Cycle = 0.5) RMS Forward Current (Square wave, 50% duty) Non-Repetitive Forward Surge Current (TJ = 45C, 8.3ms) Avalanche Energy (1A, 40mH) Operating and StorageTemperature Range
1200
Volts
30 39 210 20 -55 to 175
mJ C Amps
STATIC ELECTRICAL CHARACTERISTICS
Symbol Characteristic / Test Conditions IF = 30A VF Forward Voltage IF = 60A IF = 30A, TJ = 125C IRM CT Maximum Reverse Leakage Current Junction Capacitance, VR = 200V Microsemi Website - http://www.microsemi.com VR = 1200V VR = 1200V, TJ = 125C MIN TYP MAX UNIT
2.6 3.25 1.8
3.1
Volts
7-2006 053-4221 Rev D
100 500 36
A pF
DYNAMIC CHARACTERISTICS
Symbol trr trr Qrr IRRM trr Qrr IRRM trr Qrr IRRM Characteristic Reverse Recovery Time Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current IF = 30A, diF/dt = -1000A/s VR = 800V, TC = 125C IF = 30A, diF/dt = -200A/s VR = 800V, TC = 125C IF = 30A, diF/dt = -200A/s VR = 800V, TC = 25C Test Conditions IF = 1A, diF/dt = -100A/s, VR = 30V, TJ = 25C MIN -
APT2x31_30DQ120J
TYP MAX UNIT ns nC
25 300 360 4 380 1700 8 160 2550 28 -
-
Amps ns nC Amps ns nC Amps
THERMAL AND MECHANICAL CHARACTERISTICS
Symbol Characteristic / Test Conditions RJC VIsolation WT Junction-to-Case Thermal Resistance RMS Voltage (50-60hHz Sinusoidal Wavefomr Ffrom Terminals to Mounting Base for 1 Min.) Package Weight MIN TYP MAX UNIT C/W Volts
1.1 2500 1.03 29.2 10 1.1
oz
g lb*in N*m
Torque
Maximum Mounting Torque
Microsemi reserves the right to change, without notice, the specifications and information contained herein. 1.20 , THERMAL IMPEDANCE (C/W) 1.00 0.80 0.60 0.40 0.20 0 D = 0.9
0.7
0.5 0.3 0.1 0.05 10-5 10-4
Note:
PDM
t1 t2
JC
Z
SINGLE PULSE
Duty Factor D = 1/t2 Peak TJ = PDM x ZJC + TC
t
10-3 10-2 10-1 1.0 RECTANGULAR PULSE DURATION (seconds) FIGURE 1a. MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs. PULSE DURATION
TJ (C)
7-2006
0.219 Dissipated Power (Watts) 0.00306 0.0463 0.267 0.468
TC (C)
0.341 ZEXT are the external thermal impedances: Case to sink, sink to ambient, etc. Set to zero when modeling only the case to junction.
053-4221 Rev D
FIGURE 1b, TRANSIENT THERMAL IMPEDANCE MODEL
ZEXT
TYPICAL PERFORMANCE CURVES
100 trr, REVERSE RECOVERY TIME (ns) 90 IF, FORWARD CURRENT (A) 80 70 60 50 40 30 20 10 0 0 TJ = 125C TJ = -55C TJ = 175C TJ = 25C
450 400 350 300 250 200 150 100 50 30A 60A
APT2x31_30DQ120J
T = 125C J V = 800V
R
15A
1 2 3 4 5 VF, ANODE-TO-CATHODE VOLTAGE (V) Figure 2. Forward Current vs. Forward Voltage
T = 125C J V = 800V
R
0 200 400 600 800 1000 1200 -diF /dt, CURRENT RATE OF CHANGE(A/s) Figure 3. Reverse Recovery Time vs. Current Rate of Change IRRM, REVERSE RECOVERY CURRENT (A) 30 25 20 15 10
T = 125C J V = 800V
R
0
4000 Qrr, REVERSE RECOVERY CHARGE (nC) 3500 3000 2500 2000 1500 1000 500 0
60A
60A
30A
30A
15A
15A
5 0
0 200 400 600 800 1000 1200 -diF /dt, CURRENT RATE OF CHANGE (A/s) Figure 4. Reverse Recovery Charge vs. Current Rate of Change 1.2 Kf, DYNAMIC PARAMETERS (Normalized to 1000A/s) 1.0 trr 0.8 0.6 0.4 0.2 0.0 trr Qrr
0 200 400 600 800 1000 1200 -diF /dt, CURRENT RATE OF CHANGE (A/s) Figure 5. Reverse Recovery Current vs. Current Rate of Change 45 40 35 30 IF(AV) (A) 25 20 15 10 5
Duty cycle = 0.5 T = 175C
J
IRRM
Qrr
25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) Figure 6. Dynamic Parameters vs. Junction Temperature
200 CJ, JUNCTION CAPACITANCE (pF)
0
75 100 125 150 175 Case Temperature (C) Figure 7. Maximum Average Forward Current vs. CaseTemperature
0
25
50
150
100 7-2006
50
10 100 200 VR, REVERSE VOLTAGE (V) Figure 8. Junction Capacitance vs. Reverse Voltage
0
1
053-4221 Rev D
APT2x31_30DQ120J
Vr +18V 0V D.U.T. 30H
trr/Qrr Waveform
diF /dt Adjust
APT10035LLL
PEARSON 2878 CURRENT TRANSFORMER
Figure 9. Diode Test Circuit
1 2 3 4
IF - Forward Conduction Current diF /dt - Rate of Diode Current Change Through Zero Crossing. IRRM - Maximum Reverse Recovery Current. Zero
1
4
5 3 2
trr - Reverse Recovery Time, measured from zero crossing where diode current goes from positive to negative, to the point at which the straight line through IRRM and 0.25 IRRM passes through zero. Qrr - Area Under the Curve Defined by IRRM and trr.
0.25 IRRM
5
Figure 10, Diode Reverse Recovery Waveform and Definitions
SOT-227 (ISOTOP(R)) Package Outline
31.5 (1.240) 31.7 (1.248) 7.8 (.307) 8.2 (.322) W=4.1 (.161) W=4.3 (.169) H=4.8 (.187) H=4.9 (.193) (4 places) 11.8 (.463) 12.2 (.480) 8.9 (.350) 9.6 (.378) Hex Nut M4 H100 (4 places)
r = 4.0 (.157) (2 places)
4.0 (.157) 4.2 (.165) (2 places)
25.2 (0.992) 0.75 (.030) 12.6 (.496) 25.4 (1.000) 0.85 (.033) 12.8 (.504)
3.3 (.129) 3.6 (.143)
1.95 (.077) 2.14 (.084)
APT2x30DQ120J
7-2006
14.9 (.587) 15.1 (.594) 30.1 (1.185) 30.3 (1.193) 38.0 (1.496) 38.2 (1.504)
Anti-parallel
APT2X31DQ120J
Parallel
Anode 2
Cathode 1 Cathode 1
Anode 1
053-4221 Rev D
Dimensions in Millimeters and (Inches)
Cathode 2
Anode 1
Cathode 2
Anode 2
ISOTOP(R) is a registered trademark of ST Microelectronics NV. Microsemi's products are covered by one or more of U.S.patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. US and Foreign patents pending. All Rights Reserved.


▲Up To Search▲   

 
Price & Availability of APT2X31DQ120J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X