|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
2.0x1.25mm SMD CHIP LED LAMP Part Number: APT2012YC Yellow Features 2.0mmx1.25mm SMT LED,0.75mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE : 2000PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 3. RoHS COMPLIANT. Description The Yellow source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Yellow Light Emitting Diode. Package Dimensions Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.1(0.004") unless otherwise noted. 3. Specifications are subject to change without notice. 4. The device has a single mounting surface. The device must be mounted according to the specifications. SPEC NO: DSAD0947 APPROVED: WYNEC REV NO: V.6 CHECKED: Allen Liu DATE: MAY/05/2007 DRAWN: Y.L.LI PAGE: 1 OF 5 ERP: 1203001905 Selection Guide Part No. Dice Lens Type Iv (mcd) [2] @ 20mA Min. APT2012YC Yellow (GaAsP/GaP) WATER CLEAR 2.6 Typ. 8 Viewing Angle [1] 21/2 120 Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous intensity/ luminous Flux: +/-15%. Electrical / Optical Characteristics at TA=25C Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Yellow Yellow Yellow Yellow Yellow Yellow Typ. 590 588 35 20 2.1 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR=5V Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V. Absolute Maximum Ratings at TA=25C Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating Temperature Storage Temperature Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. Yellow 75 30 140 5 -40C To +85C -40C To +85C Units mW mA mA V SPEC NO: DSAD0947 APPROVED: WYNEC REV NO: V.6 CHECKED: Allen Liu DATE: MAY/05/2007 DRAWN: Y.L.LI PAGE: 2 OF 5 ERP: 1203001905 Yellow APT2012YC SPEC NO: DSAD0947 APPROVED: WYNEC REV NO: V.6 CHECKED: Allen Liu DATE: MAY/05/2007 DRAWN: Y.L.LI PAGE: 3 OF 5 ERP: 1203001905 APT2012YC Recommended Soldering Pattern (Units : mm; Tolerance: 0.1) Tape Specifications (Units : mm) SPEC NO: DSAD0947 APPROVED: WYNEC REV NO: V.6 CHECKED: Allen Liu DATE: MAY/05/2007 DRAWN: Y.L.LI PAGE: 4 OF 5 ERP: 1203001905 PACKING & LABEL SPECIFICATIONS APT2012YC SPEC NO: DSAD0947 APPROVED: WYNEC REV NO: V.6 CHECKED: Allen Liu DATE: MAY/05/2007 DRAWN: Y.L.LI PAGE: 5 OF 5 ERP: 1203001905 |
Price & Availability of APT2012YC |