Part Number Hot Search : 
F1621 HMC807 RS805 MO456FA DS3930 TLRE50T 72F32 P6KE20
Product Description
Full Text Search
 

To Download APT2012VGC-Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2.0x1.25mm SMD CHIP LED LAMP PRELIMINARY SPEC
ATTENTION
OBSERVE PRECAUTIONS FOR HANDLING ELECTROSTATIC DISCHARGE SENSITIVE DEVICES
Part Number: APT2012VGC/Z
Green
Features
2.0mmx1.25mm SMT LED,0.75mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE : 2000PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 3. RoHS COMPLIANT.
Description
The Green source color devices are made with InGaN Light Emitting Diode. Static electricity and surge damage the LEDS. It is recommended to use a wrist band or anti-electrostatic glove when handling the LEDs. All devices, equipment and machinery must be electrically grounded.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.1(0.004") unless otherwise noted. 3. Specifications are subject to change without notice. 4. The device has a single mounting surface. The device must be mounted according to the specifications.
SPEC NO: DSAH0984 APPROVED: WYNEC
REV NO: V.2 CHECKED: Allen Liu
DATE: MAY/05/2007 DRAWN: Y.L.LI
PAGE: 1 OF 5 ERP: 1203006325
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] @ 20mA Min. APT2012VGC/Z Green (InGaN) WATER CLEAR 380 Typ. 800 Viewing Angle [1] 21/2 120
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous intensity/ luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Green Green Green Green Green Green Typ. 525 535 39 65 3.2 3.7 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR=5V
Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating Temperature Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Green 111 30 100 5 -40C To +85C -40C To +85C
Units mW mA mA V
SPEC NO: DSAH0984 APPROVED: WYNEC
REV NO: V.2 CHECKED: Allen Liu
DATE: MAY/05/2007 DRAWN: Y.L.LI
PAGE: 2 OF 5 ERP: 1203006325
Green
APT2012VGC/Z
SPEC NO: DSAH0984 APPROVED: WYNEC
REV NO: V.2 CHECKED: Allen Liu
DATE: MAY/05/2007 DRAWN: Y.L.LI
PAGE: 3 OF 5 ERP: 1203006325
APT2012VGC/Z
Recommended Soldering Pattern (Units : mm; Tolerance: 0.1)
Tape Specifications (Units : mm)
SPEC NO: DSAH0984 APPROVED: WYNEC
REV NO: V.2 CHECKED: Allen Liu
DATE: MAY/05/2007 DRAWN: Y.L.LI
PAGE: 4 OF 5 ERP: 1203006325
PACKING & LABEL SPECIFICATIONS
APT2012VGC/Z
SPEC NO: DSAH0984 APPROVED: WYNEC
REV NO: V.2 CHECKED: Allen Liu
DATE: MAY/05/2007 DRAWN: Y.L.LI
PAGE: 5 OF 5 ERP: 1203006325


▲Up To Search▲   

 
Price & Availability of APT2012VGC-Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X