|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
2.0x1.25mm SMD CHIP LED LAMP APT2012SURC HYPER RED Features 2.0mmx1.25mm SMT LED,0.75mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE : 2000PCS / REEL. RoHS COMPLIANT. Description The Hyper Red source color devices are made with DH InGaAlP on GaAs substrate Light Emitting Diode. Package Dimensions Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.1(0.004") unless otherwise noted. 3. Specifications are subject to change without notice. SPEC NO: DSAD0944 APPROVED: J. Lu REV NO: V.4 CHECKED: Allen Liu DATE: MAR/19/2005 DRAWN: Y.W.WANG PAGE: 1 OF 4 ERP:1203001883 Selection Guide Part No. Dice Lens Type Iv (mcd) @ 20mA Min. APT2012SURC HYPER RED (InGaAlP) WATER CLEAR 70 Typ. 200 Viewing Angle 2 1/2 120 Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. Electrical / Optical Characteristics at TA=25C Symbol peak D 1/2 C VF IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Hyper Red Hyper Red Hyper Red Hyper Red Hyper Red Hyper Red Typ. 640 628 27 45 1.9 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V Absolute Maximum Ratings at TA=25C Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. Hyper Red 170 30 185 5 -40C To +85C Units mW mA mA V SPEC NO: DSAD0944 APPROVED: J. Lu REV NO: V.4 CHECKED: Allen Liu DATE: MAR/19/2005 DRAWN: Y.W.WANG PAGE: 2 OF 4 ERP:1203001883 Hyper Red APT2012SURC SPEC NO: DSAD0944 APPROVED: J. Lu REV NO: V.4 CHECKED: Allen Liu DATE: MAR/19/2005 DRAWN: Y.W.WANG PAGE: 3 OF 4 ERP:1203001883 APT2012SURC Recommended Soldering Pattern (Units : mm) Tape Specifications (Units : mm) Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters. SPEC NO: DSAD0944 APPROVED: J. Lu REV NO: V.4 CHECKED: Allen Liu DATE: MAR/19/2005 DRAWN: Y.W.WANG PAGE: 4 OF 4 ERP:1203001883 |
Price & Availability of APT2012SURC |