Part Number Hot Search : 
MB506W 2SD975 AT24C01A SA11A C4560C LCX245F SC147 U30D10PT
Product Description
Full Text Search
 

To Download APT2012SGC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2.0x1.25mm SMD CHIP LED LAMP
APT2012SGC
SUPER BRIGHT GREEN
Features
2.0mmx1.25mm SMT LED,0.75mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE : 2000PCS / REEL. RoHS COMPLIANT.
Description
The Super Bright Green source color devices are made with Gallium Phosphide Green Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.1(0.004") unless otherwise noted. 3. Specifications are subject to change without notice.
SPEC NO: DSAA8210 APPROVED: J. Lu
REV NO: V.5 CHECKED: Allen Liu
DATE: MAR/19/2005 DRAWN: Y.W.WANG
PAGE: 1 OF 4 ERP:1203001868
Selection Guide
Part No. Dice Lens Type Iv (mcd) @ 20mA Min. APT2012SGC SUPER BRIGHT GREEN (GaP) WATER CLEAR 4 Typ. 15 Viewing Angle 21/2 120
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25C
Symbol peak D 1/2 C VF IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Super Bright Green Super Bright Green Super Bright Green Super Bright Green Super Bright Green Super Bright Green Typ. 565 568 30 15 2.2 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR= 5V
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating / Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Super Bright Green 105 25 140 5 -40C To +85C
Units mW mA mA V
SPEC NO: DSAA8210 APPROVED: J. Lu
REV NO: V.5 CHECKED: Allen Liu
DATE: MAR/19/2005 DRAWN: Y.W.WANG
PAGE: 2 OF 4 ERP:1203001868
Super Bright Green
APT2012SGC
SPEC NO: DSAA8210 APPROVED: J. Lu
REV NO: V.5 CHECKED: Allen Liu
DATE: MAR/19/2005 DRAWN: Y.W.WANG
PAGE: 3 OF 4 ERP:1203001868
APT2012SGC
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
SPEC NO: DSAA8210 APPROVED: J. Lu
REV NO: V.5 CHECKED: Allen Liu
DATE: MAR/19/2005 DRAWN: Y.W.WANG
PAGE: 4 OF 4 ERP:1203001868


▲Up To Search▲   

 
Price & Availability of APT2012SGC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X