|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
2.0x1.25 mm INFRARED EMITTING DIODE Part Number: APT2012SF4C Features 2.0mmx1.25mm SMT LED,0.75mm THICKNESS. MECHANICALLY AND SPECTRALLY MATCHED TO THE PHOTOTRANSISTOR. WATER CLEAR LENS. PACKAGE: 2000PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 3. RoHS COMPLIANT. Description SF4 Made with Gallium Aluminum Arsenide Infrared Emitting diodes. Package Dimensions Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.1(0.004") unless otherwise noted. 3. Specifications are subject to change without notice. 4. The device has a single mounting surface. The device must be mounted according to the specifications. SPEC NO: DSAH3785 APPROVED: WYNEC REV NO: V.1 CHECKED: Allen Liu DATE: APR/28/2007 DRAWN: Y.L.LI PAGE: 1 OF 5 ERP: 1203004867 Selection Guide Part No. Dice Lens Type Po (mW/sr) [2] @ 20mA Min. APT2012SF4C SF4 (GaAIAs) WATER CLEAR 0.4 Typ. 1 Viewing Angle [1] 21/2 120 Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Radiant Intensity/ luminous flux: +/-15%. Electrical / Optical Characteristics at TA=25C Parameter Forward Voltage [1] Reverse Current Capacitance Peak Spectral Wavelength Spectral Bandwidth Note: 1. Forward Voltage: +/-0.1V. P/N SF4 SF4 SF4 SF4 SF4 Symbol VF IR C P 1/2 Typ. 1.3 Max. 1.6 10 Units V uA pF nm nm Test Conditions IF=20mA VR = 5V VF=0V;f=1MHz IF=20mA IF=20mA 90 880 50 Absolute Maximum Ratings at TA=25C Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating Temperature Storage Temperature Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. Symbol PT IF iFS VR TA TSTG SF4 80 50 1.2 5 -40 To +85 -40 To +85 Units mW mA A V C C SPEC NO: DSAH3785 APPROVED: WYNEC REV NO: V.1 CHECKED: Allen Liu DATE: APR/28/2007 DRAWN: Y.L.LI PAGE: 2 OF 5 ERP: 1203004867 APT2012SF4C SPEC NO: DSAH3785 APPROVED: WYNEC REV NO: V.1 CHECKED: Allen Liu DATE: APR/28/2007 DRAWN: Y.L.LI PAGE: 3 OF 5 ERP: 1203004867 APT2012SF4C Recommended Soldering Pattern (Units : mm; Tolerance: 0.1) Tape Specifications (Units : mm) SPEC NO: DSAH3785 APPROVED: WYNEC REV NO: V.1 CHECKED: Allen Liu DATE: APR/28/2007 DRAWN: Y.L.LI PAGE: 4 OF 5 ERP: 1203004867 PACKING & LABEL SPECIFICATIONS APT2012SF4C SPEC NO: DSAH3785 APPROVED: WYNEC REV NO: V.1 CHECKED: Allen Liu DATE: APR/28/2007 DRAWN: Y.L.LI PAGE: 5 OF 5 ERP: 1203004867 |
Price & Availability of APT2012SF4C |