Part Number Hot Search : 
SWW9N90 LTC2413 B1545 SP432A 2SK529 CSD655 FM1200 S1881
Product Description
Full Text Search
 

To Download APT2012MGC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2.0x1.25mm SMD CHIP LED LAMP
APT2012MGC
MEGA GREEN
Features
2.0mmx1.25mm SMT LED,0.75mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE : 2000PCS / REEL. RoHS COMPLIANT.
Description
The Mega Green source color devices are made with DH InGaAlP on GaAs substrate Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.1(0.004") unless otherwise noted. 3. Specifications are subject to change without notice.
SPEC NO: DSAA7633 APPROVED: J. Lu
REV NO: V.5 CHECKED: Allen Liu
DATE: MAR/12/2005 DRAWN: Y.CHENG
PAGE: 1 OF 4 ERP: 1203001819
Selection Guide
Part No. Dice Lens Type Iv (mcd) @ 20mA Min. APT2012MGC MEGA GREEN (InGaAlP) WATER CLEAR 18 Typ. 70 Viewing Angle 21/2 120
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25C
Symbol peak D 1/2 C VF IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Mega Green Mega Green Mega Green Mega Green Mega Green Mega Green Typ. 574 568 26 20 2.1 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Mega Green 105 30 150 5 -40C To +85C
Units mW mA mA V
SPEC NO: DSAA7633 APPROVED: J. Lu
REV NO: V.5 CHECKED: Allen Liu
DATE: MAR/12/2005 DRAWN: Y.CHENG
PAGE: 2 OF 4 ERP: 1203001819
Mega Green
APT2012MGC
SPEC NO: DSAA7633 APPROVED: J. Lu
REV NO: V.5 CHECKED: Allen Liu
DATE: MAR/12/2005 DRAWN: Y.CHENG
PAGE: 3 OF 4 ERP: 1203001819
APT2012MGC
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
Remarks: If there is sorting requirement (eg. forward voltage, luminous intensity or wavelength), the condition as follows: 1.Wavelength: +/-1nm (Test condition is based on the sorting standard). 2.Luminous intensity: +/-15% (Test condition is based on the sorting standard). 3.Forward voltage: +/-0.1V (Test condition is based on the sorting standard).
SPEC NO: DSAA7633 APPROVED: J. Lu
REV NO: V.5 CHECKED: Allen Liu
DATE: MAR/12/2005 DRAWN: Y.CHENG
PAGE: 4 OF 4 ERP: 1203001819


▲Up To Search▲   

 
Price & Availability of APT2012MGC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X