Part Number Hot Search : 
STW4102 AM29LV 1N5353BE 20F2GAH S593TXRW DL5242 FR3502 MSAU429
Product Description
Full Text Search
 

To Download APT1608F3C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1.6x0.8mm INFRARED EMITTING DIODE
Part Number: APT1608F3C
Features
1.6mmX0.8mm SMT LED, 0.75mm THICKNESS. MECHANICALLY AND SPECTRALLY MATCHED TO PHOTOTRANSISTOR. WATER CLEAR LENS. PACKAGE: 2000PCS / REEL . MOISTURE SENSITIVITY LEVEL : LEVEL 3. RoHS COMPLIANT.
Description
F3 Made with Gallium Arsenide Infrared Emitting diodes.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.1(0.004") unless otherwise noted. 3. Specifications are subject to change without notice. 4. The device has a single mounting surface. The device must be mounted according to the specifications.
SPEC NO: DSAH3781 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: APR/28/2007 DRAWN: Y.L.LI
PAGE: 1 OF 5 ERP: 1203001654
Selection Guide
Part No. Dice Lens Type Po (mW/sr) [2] @ 20mA Min. APT1608F3C F3 (GaAs) WATER CLEAR 0.4 Typ. 1.2 Viewing Angle [1] 21/2 120
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Radiant Intensity/ luminous flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Parameter Forward Voltage [1] Reverse Current Capacitance Peak Spectral Wavelength Spectral Bandwidth
Note: 1. Forward Voltage: +/-0.1V.
P/N F3 F3 F3 F3 F3
Symbol VF IR C P 1/2
Typ. 1.2
Max. 1.6 10
Units V uA pF nm nm
Test Conditions IF=20mA VR = 5V VF=0V;f=1MHz IF=20mA IF=20mA
90 940 50
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating Temperature Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Symbol PT IF iFS VR TA TSTG
F3 80 50 1.2 5 -40 To +85 -40 To +85
Units mW mA A V C C
SPEC NO: DSAH3781 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: APR/28/2007 DRAWN: Y.L.LI
PAGE: 2 OF 5 ERP: 1203001654
APT1608F3C
SPEC NO: DSAH3781 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: APR/28/2007 DRAWN: Y.L.LI
PAGE: 3 OF 5 ERP: 1203001654
APT1608F3C
Recommended Soldering Pattern (Units : mm; Tolerance: 0.1)
Tape Specifications (Units : mm)
SPEC NO: DSAH3781 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: APR/28/2007 DRAWN: Y.L.LI
PAGE: 4 OF 5 ERP: 1203001654
PACKING & LABEL SPECIFICATIONS
APT1608F3C
SPEC NO: DSAH3781 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: APR/28/2007 DRAWN: Y.L.LI
PAGE: 5 OF 5 ERP: 1203001654


▲Up To Search▲   

 
Price & Availability of APT1608F3C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X