Part Number Hot Search : 
87C52X2 MBR1015 C3752 ML7800 74LCX00 IW4060BN DS278410 KS823C03
Product Description
Full Text Search
 

To Download APT15D60BCA05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
600V 2x14A APT15D60BCA APT15D60BCAG*
*G Denotes RoHS Compliant, Pb Free Terminal Finish.
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
TO
PRODUCT APPLICATIONS
* Parallel Diode -Switchmode Power Supply -Inverters * Free Wheeling Diode -Motor Controllers -Converters -Inverters * Snubber Diode * PFC
PRODUCT FEATURES
* Ultrafast Recovery Times * Soft Recovery Characteristics * Popular TO-247 Package * Low Forward Voltage * Low Leakage Current
PRODUCT BENEFITS
* Low Losses * Low Noise Switching * Cooler Operation * Higher Reliability Systems * Increased System Power Density
1 2
-2 4
7
3
1 2
1 - Cathode 1 2 - Anode 3 - Cathode 2 Back of Case - Anode
3
MAXIMUM RATINGS
Symbol VR VRRM VRWM IF(AV) IF(RMS) IFSM TJ,TSTG TL Characteristic / Test Conditions Maximum D.C. Reverse Voltage Maximum Peak Repetitive Reverse Voltage Maximum Working Peak Reverse Voltage
All Ratings Per Leg: TC = 25C unless otherwise specified.
APT15D60BCA(G) UNIT
600
Volts
Maximum Average Forward Current (TC = 103C, Duty Cycle = 0.5) RMS Forward Current (Square wave, 50% duty) Non-Repetitive Forward Surge Current (TJ = 45C, 8.3ms) Operating and StorageTemperature Range Lead Temperature for 10 Sec.
14 20 110 -55 to 175 300
C Amps
STATIC ELECTRICAL CHARACTERISTICS
Symbol Characteristic / Test Conditions IF = 15A VF Forward Voltage IF = 30A IF = 15A, TJ = 125C IRM CT Maximum Reverse Leakage Current Junction Capacitance, VR = 200V
APT Website - http://www.advancedpower.com
MIN
TYP
MAX
UNIT
1.6 1.9 1.4
1.8
Volts
VR = VR Rated, TJ = 125C
500 23
050-5978 Rev B
pF
2-2005
VR = VR Rated
150
A
DYNAMIC CHARACTERISTICS
Symbol trr trr Qrr IRRM trr Qrr IRRM trr Qrr IRRM Characteristic Reverse Recovery Time Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current IF = 15A, diF/dt = -1000A/s VR = 400V, TC = 125C IF = 15A, diF/dt = -200A/s VR = 400V, TC = 125C IF = 15A, diF/dt = -200A/s VR = 400V, TC = 25C Test Conditions IF = 1A, diF/dt = -100A/s, VR = 30V, TJ = 25C MIN TYP
APT15D60BCA(G)
MAX UNIT ns nC
21 80 95 3 150 520 7 60 810 22 -
-
Amps ns nC Amps ns nC Amps
THERMAL AND MECHANICAL CHARACTERISTICS
Symbol RJC RJA WT Characteristic / Test Conditions Junction-to-Case Thermal Resistance Junction-to-Ambient Thermal Resistance Package Weight MIN TYP MAX UNIT C/W oz g
2.60 40 0.22 5.9 10 1.1
lb*in N*m
Torque
Maximum Mounting Torque
APT Reserves the right to change, without notice, the specifications and information contained herein. 3.00 , THERMAL IMPEDANCE (C/W) 2.50 2.00 1.50 1.00 0.50 0
0.9 0.7 0.5 0.3 0.1 0.05 10
-5
Note:
PDM
t1 t2
SINGLE PULSE 10
-4
Duty Factor D = 1/t2 Peak TJ = PDM x ZJC + TC
Z
JC
t
10-3 10-2 10-1 1.0 RECTANGULAR PULSE DURATION (seconds) FIGURE 1a. MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs. PULSE DURATION
RC MODEL Junction temp (C)
2-2005
0.944 C/W Power (watts) 1.66 C/W Case temperature (C)
0.00104 J/C
050-5978 Rev B
0.0329 J/C
FIGURE 1b, TRANSIENT THERMAL IMPEDANCE MODEL
TYPICAL PERFORMANCE CURVES
60 50 40 30 20 10 0 TJ = 125C TJ = 150C TJ = -55C 0 TJ = 25C trr, REVERSE RECOVERY TIME (ns)
180 160 140 120 100 80 60 40 20 15A 30A
APT15D60BCA(G)
T = 125C J V = 400V
R
IF, FORWARD CURRENT (A)
7.5A
0.5 1 1.5 2 2.5 3 VF, ANODE-TO-CATHODE VOLTAGE (V) Figure 2. Forward Current vs. Forward Voltage 1200 Qrr, REVERSE RECOVERY CHARGE (nC) 1000 800 15A 600 400 200 0
T = 125C J V = 400V
R
0 200 400 600 800 1000 1200 -diF /dt, CURRENT RATE OF CHANGE(A/s) Figure 3. Reverse Recovery Time vs. Current Rate of Change IRRM, REVERSE RECOVERY CURRENT (A) 30 25 20 15 10 5 0
T = 125C J V = 400V
R
0
30A
30A
15A
7.5A
7.5A
0 200 400 600 800 1000 1200 -diF /dt, CURRENT RATE OF CHANGE (A/s) Figure 4. Reverse Recovery Charge vs. Current Rate of Change 1.2 Kf, DYNAMIC PARAMETERS (Normalized to 1000A/s) 1.0 0.8 0.6 0.4 0.2 0.0 Qrr IRRM trr trr Qrr
0 200 400 600 800 1000 1200 -diF /dt, CURRENT RATE OF CHANGE (A/s) Figure 5. Reverse Recovery Current vs. Current Rate of Change 25
Duty cycle = 0.5 T = 175C
J
20
IF(AV) (A)
15
10
5
25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) Figure 6. Dynamic Parameters vs. Junction Temperature
160 CJ, JUNCTION CAPACITANCE (pF) 140 120 100 80
0
75 100 125 150 175 Case Temperature (C) Figure 7. Maximum Average Forward Current vs. CaseTemperature
0
25
50
40 20
10 100 200 VR, REVERSE VOLTAGE (V) Figure 8. Junction Capacitance vs. Reverse Voltage
0
1
050-5978 Rev B
4-2005
60
Vr +18V 0V D.U.T. 30H diF /dt Adjust
APTXXMXXLLL
APT15D60BCA(G)
trr/Qrr Waveform
PEARSON 2878 CURRENT TRANSFORMER
Figure 9. Diode Test Circuit
1 2 3 4
IF - Forward Conduction Current diF /dt - Rate of Diode Current Change Through Zero Crossing. IRRM - Maximum Reverse Recovery Current. Zero
1
4
5 3 2
trr - Reverse Recovery Time, measured from zero crossing where diode current goes from positive to negative, to the point at which the straight line through IRRM and 0.25 IRRM passes through zero. Qrr - Area Under the Curve Defined by IRRM and trr.
0.25 IRRM
5
Figure 10, Diode Reverse Recovery Waveform and Definitions
TO-247 Package Outline
e1 SAC: Tin, Silver, Copper
4.69 (.185) 5.31 (.209) 1.49 (.059) 2.49 (.098) 6.15 (.242) BSC
15.49 (.610) 16.26 (.640) 5.38 (.212) 6.20 (.244)
Common Anode
20.80 (.819) 21.46 (.845) 3.55 (.138) 3.81 (.150)
4.50 (.177) Max. 0.40 (.016) 0.79 (.031)
2.87 (.113) 3.12 (.123) 1.65 (.065) 2.13 (.084)
4-2005
19.81 (.780) 20.32 (.800)
1.01 (.040) 1.40 (.055)
Cathode 1 Common Anode Cathode 2
050-5978 Rev B
2.21 (.087) 2.59 (.102)
5.45 (.215) BSC 2-Plcs.
Dimensions in Millimeters and (Inches)
APT's products are covered by one or more of U.S.patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. US and Foreign patents pending. All Rights Reserved.


▲Up To Search▲   

 
Price & Availability of APT15D60BCA05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X