Part Number Hot Search : 
LTC1042C GBP3508 S4F42Z1 XPC750ED 01111 2SD347 74AC241 KBP201
Product Description
Full Text Search
 

To Download APT15D40K05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
400V 15A APT15D40K APT15D40KG*
*G Denotes RoHS Compliant, Pb Free Terminal Finish.
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
PRODUCT APPLICATIONS
* Anti-Parallel Diode -Switchmode Power Supply -Inverters * Free Wheeling Diode -Motor Controllers -Converters -Inverters * Snubber Diode * PFC
PRODUCT FEATURES
* Ultrafast Recovery Times * Soft Recovery Characteristics * Popular TO-220 Package * Low Forward Voltage * Low Leakage Current
PRODUCT BENEFITS
* Low Losses * Low Noise Switching * Cooler Operation * Higher Reliability Systems * Increased System Power Density
1
TO-220
2
1
2
1 - Cathode 2 - Anode Back of Case - Cathode
MAXIMUM RATINGS
Symbol VR VRRM VRWM IF(AV) IF(RMS) IFSM TJ,TSTG TL Characteristic / Test Conditions Maximum D.C. Reverse Voltage Maximum Peak Repetitive Reverse Voltage Maximum Working Peak Reverse Voltage
All Ratings: TC = 25C unless otherwise specified.
APT15D40K(G) UNIT
400
Volts
Maximum Average Forward Current (TC = 140C, Duty Cycle = 0.5) RMS Forward Current (Square wave, 50% duty) Non-Repetitive Forward Surge Current (TJ = 45C, 8.3ms) Operating and StorageTemperature Range Lead Temperature for 10 Sec.
15 36 110 -55 to 175 300
C Amps
STATIC ELECTRICAL CHARACTERISTICS
Symbol Characteristic / Test Conditions IF = 15A VF Forward Voltage IF = 30A IF = 15A, TJ = 125C IRM CT Maximum Reverse Leakage Current Junction Capacitance, VR = 200V
APT Website - http://www.advancedpower.com
MIN
TYP
MAX
UNIT
1.3 1.6 1.2
1.5
Volts
VR = VR Rated VR = VR Rated, TJ = 125C
150 500 33
053-4010 Rev F
pF
4-2005
A
DYNAMIC CHARACTERISTICS
Symbol trr trr Qrr IRRM trr Qrr IRRM trr Qrr IRRM Characteristic Reverse Recovery Time Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current IF = 15A, diF/dt = -1000A/s VR = 266V, TC = 125C IF =15A, diF/dt = -200A/s VR = 266V, TC = 125C IF = 15A, diF/dt = -200A/s VR = 266V, TC = 25C Test Conditions IF = 1A, diF/dt = -100A/s, VR = 30V, TJ = 25C MIN TYP 19
APT15D40K(G)
MAX UNIT ns nC
-
35 60 3 95 300 6 43 540 21 -
Amps ns nC Amps ns nC Amps
THERMAL AND MECHANICAL CHARACTERISTICS
Symbol RJC RJA WT Characteristic / Test Conditions Junction-to-Case Thermal Resistance Junction-to-Ambient Thermal Resistance Package Weight MIN TYP MAX UNIT C/W oz g
1.35 80 0.07 1.9 10 1.1
lb*in N*m
Torque
Maximum Mounting Torque
APT Reserves the right to change, without notice, the specifications and information contained herein. 1.40 , THERMAL IMPEDANCE (C/W) 1.20 1.00 0.80 0.5 0.60 0.40 0.20 0 0.3
Note:
0.9
0.7
PDM
t1 t2
Z
0.1 0.05 10
-5
SINGLE PULSE 10-4
Duty Factor D = 1/t2 Peak TJ = PDM x ZJC + TC
JC
t
10-3 10-2 10-1 1.0 RECTANGULAR PULSE DURATION (seconds) FIGURE 1a. MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs. PULSE DURATION
RC MODEL Junction temp (C) 0.725 C/W 0.00166 J/C
4-2005
Power (watts)
0.455 C/W
0.0381 J/C
053-4010 Rev F
0.172 C/W Case temperature (C)
0.645 J/C
FIGURE 1b, TRANSIENT THERMAL IMPEDANCE MODEL
TYPICAL PERFORMANCE CURVES
60 50 40 30 20 TJ = 125C TJ = 150C 10 TJ = 150C 0 TJ = 25C TJ = -55C trr, REVERSE RECOVERY TIME (ns)
120 100 80 60 40 20 0
APT15D40K(G)
T = 125C J V = 266V
R
30A 15A
IF, FORWARD CURRENT (A)
7.5A
0.5 1 1.5 2 2.5 VF, ANODE-TO-CATHODE VOLTAGE (V) Figure 2. Forward Current vs. Forward Voltage 800 Qrr, REVERSE RECOVERY CHARGE (nC) 700 600 500 400 300 200 100 0 7.5A 15A
T = 125C J V = 266V
R
0
0 200 400 600 800 1000 1200 -diF /dt, CURRENT RATE OF CHANGE(A/s) Figure 3. Reverse Recovery Time vs. Current Rate of Change IRRM, REVERSE RECOVERY CURRENT (A) 25
T = 125C J V = 266V
R
30A
30A
20
15
10
15A 7.5A
5
0 200 400 600 800 1000 1200 -diF /dt, CURRENT RATE OF CHANGE (A/s) Figure 4. Reverse Recovery Charge vs. Current Rate of Change 1.4 Kf, DYNAMIC PARAMETERS (Normalized to 1000A/s) 1.2 1.0 0.8 0.6 0.4 0.2 0.0 0 Qrr Qrr trr
0 200 400 600 800 1000 1200 -diF /dt, CURRENT RATE OF CHANGE (A/s) Figure 5. Reverse Recovery Current vs. Current Rate of Change 40 35 30 IF(AV) (A) 25 20 15 10 5 75 100 125 150 175 Case Temperature (C) Figure 7. Maximum Average Forward Current vs. CaseTemperature 0 25 50
Duty cycle = 0.5 T = 175C
J
0
IRRM trr
25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) Figure 6. Dynamic Parameters vs. Junction Temperature 200 CJ, JUNCTION CAPACITANCE (pF)
150
100 4-2005 1 053-4010 Rev F
50
10 100 200 VR, REVERSE VOLTAGE (V) Figure 8. Junction Capacitance vs. Reverse Voltage
0
APT15D40K(G)
Vr +18V 0V D.U.T. 30H
trr/Qrr Waveform
diF /dt Adjust
APT30M75B2LL
PEARSON 2878 CURRENT TRANSFORMER
Figure 9. Diode Test Circuit
1 2 3 4
IF - Forward Conduction Current diF /dt - Rate of Diode Current Change Through Zero Crossing. IRRM - Maximum Reverse Recovery Current. Zero
1
4
5 3 2
trr - Reverse Recovery Time, measured from zero crossing where diode current goes from positive to negative, to the point at which the straight line through IRRM and 0.25 IRRM passes through zero. Qrr - Area Under the Curve Defined by IRRM and trr.
0.25 IRRM
5
Figure 10, Diode Reverse Recovery Waveform and Definitions
TO-220 (K) Package Outline
e3 100% Sn
10.66 (.420) 9.66 (.380)
1.39 (.055) 0.51 (.020)
Cathode
5.33 (.210) 4.83 (.190) 6.85 (.270) 5.85 (.230)
12.192 (.480) 9.912 (.390)
3.42 (.135) 2.54 (.100)
4.08 (.161) Dia. 3.54 (.139)
0.080 (2.032) MAX. 14.73 (.580) 12.70 (.500)
3.683 (.145) MAX.
4-2005
0.50 (.020) 0.41 (.016) 2.92 (.115) 2.04 (.080) 4.82 (.190) 3.56 (.140)
Cathode Anode
053-4010 Rev F
1.01 (.040) 2-Plcs. .83 (.033) 5.33 (.210) 4.83 (.190)
1.77 (.070) 2-Plcs. 1.15 (.045)
Dimensions in Millimeters and (Inches)
APT's products are covered by one or more of U.S.patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. US and Foreign patents pending. All Rights Reserved.


▲Up To Search▲   

 
Price & Availability of APT15D40K05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X