Part Number Hot Search : 
E3499A AN8064SP CLL4690 X25045VI CA0258M ASWSS01 MAX505 001M0
Product Description
Full Text Search
 

To Download APT12040JVR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APT12040JVR
1200V 26A 0.400W
S G D S
POWER MOS V (R)
Power MOS V(R) is a new generation of high voltage N-Channel enhancement mode power MOSFETs. This new technology minimizes the JFET effect, increases packing density and reduces the on-resistance. Power MOS V(R) also achieves faster switching speeds through optimized gate layout.
SO
ISOTOP (R)
2 T-
27
"UL Recognized"
Faster Switching Lower Leakage
100% Avalanche Tested Popular SOT-227 Package
G
D
S
MAXIMUM RATINGS
Symbol VDSS ID IDM VGS VGSM PD TJ,TSTG TL IAR EAR EAS Parameter Drain-Source Voltage Continuous Drain Current @ TC = 25C Pulsed Drain Current
1
All Ratings: TC = 25C unless otherwise specified.
APT12040JVR UNIT Volts Amps Volts Watts W/C C Amps mJ
1200 26 104 30 40 700 5.6 -55 to 150 300 26 50
4
Gate-Source Voltage Continuous Gate-Source Voltage Transient Total Power Dissipation @ TC = 25C Linear Derating Factor Operating and Storage Junction Temperature Range Lead Temperature: 0.063" from Case for 10 Sec. Avalanche Current
1
(Repetitive and Non-Repetitive)
1
Repetitive Avalanche Energy
Single Pulse Avalanche Energy
3600
STATIC ELECTRICAL CHARACTERISTICS
Symbol BVDSS ID(on) RDS(on) IDSS IGSS VGS(th) Characteristic / Test Conditions Drain-Source Breakdown Voltage (VGS = 0V, ID = 250A) On State Drain Current
2
MIN
TYP
MAX
UNIT Volts Amps
1200 26 0.400 100 500 100 2 4
(VDS > I D(on) x R DS(on) Max, VGS = 10V)
2
Drain-Source On-State Resistance
(VGS = 10V, 0.5 ID[Cont.])
Ohms A nA Volts
050-5588 Rev C
Zero Gate Voltage Drain Current (VDS = VDSS, VGS = 0V) Zero Gate Voltage Drain Current (VDS = 0.8 VDSS, VGS = 0V, TC = 125C) Gate-Source Leakage Current (VGS = 30V, VDS = 0V) Gate Threshold Voltage (VDS = VGS, ID = 5mA)
APT Website - http://www.advancedpower.com
Bend, Oregon 97702-1035 33700 Merignac - France Phone: (541) 382-8028 Phone: (33) 5 57 92 15 15
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
USA
405 S.W. Columbia Street
EUROPE
FAX: (541) 388-0364 FAX: (33) 5 56 47 97 61
Chemin de Magret
DYNAMIC CHARACTERISTICS
Symbol Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge
3
APT12040JVR
Test Conditions VDS = 25V f = 1 MHz VGS = 10V VGS = 0V MIN TYP MAX UNIT
15000 1240 640 800 64 400 20 18 90 20
18000 1730 960 1200 96 600 40 36 135 40
ns nC pF
Gate-Source Charge Gate-Drain ("Miller ") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time
ID = ID[Cont.] @ 25C VDD = 0.5 VDSS RG = 0.6W VGS = 15V
VDD = 0.5 VDSS
ID = ID[Cont.] @ 25C
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
Symbol IS ISM VSD t rr Q rr Characteristic / Test Conditions Continuous Source Current (Body Diode) Pulsed Source Current Diode Forward Voltage
1 2
MIN
TYP
MAX
UNIT Amps Volts ns C
26 104 1.3 1400 38
(Body Diode) (VGS = 0V, IS = -ID[Cont.])
Reverse Recovery Time (IS = -ID[Cont.], dl S/dt = 100A/s) Reverse Recovery Charge (IS = -ID[Cont.], dl S/dt = 100A/s)
THERMAL / PACKAGE CHARACTERISTICS
Symbol RqJC RqJA VIsolation Torque Characteristic Junction to Case Junction to Ambient RMS Voltage (50-60 Hz Sinusoidal Waveform From Terminals to Mounting Base for 1 Min.) Maximum Torque for Device Mounting Screws and Electrical Terminations.
3 See MIL-STD-750 Method 3471 4 Starting T = +25C, L = 10.65mH, R = 25W j G
MIN
TYP
MAX
UNIT C/W Volts
0.18 40 2500 13
lbin
1 Repetitive Rating: Pulse width limited by maximum junction
temperature. , Peak IL = 26A 2 Pulse Test: Pulse width < 380 S, Duty Cycle < 2%
APT Reserves the right to change, without notice, the specifications and information contained herein. 0.2
, THERMAL IMPEDANCE (C/W)
0.1 0.05
D=0.5 0.2 0.1
0.01 0.005
0.05 0.02 0.01 SINGLE PULSE Note:
PDM t1 t2 Duty Factor D = t1/t2 Peak TJ = PDM x ZJC + TC
050-5588 Rev C
qJC
0.001 0.0005 10-5 10-4
Z
10-3 10-2 10-1 1.0 10 RECTANGULAR PULSE DURATION (SECONDS) FIGURE 1, MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs PULSE DURATION
50
ID, DRAIN CURRENT (AMPERES)
APT12040JVR
VGS=6V, 7V, 10V & 15V
ID, DRAIN CURRENT (AMPERES)
50 5V
VGS=6V, 7V, 10V & 15V 5V
40
40
30
30
20 4.5V 10 4V
20 4.5V 10 4V
0 100 200 300 400 500 600 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 2, TYPICAL OUTPUT CHARACTERISTICS
RDS(ON), DRAIN-TO-SOURCE ON RESISTANCE
0
0 4 8 12 16 20 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 3, TYPICAL OUTPUT CHARACTERISTICS 1.20
V
GS
0
50
ID, DRAIN CURRENT (AMPERES)
40
VDS> ID (ON) x RDS (ON)MAX. 250SEC. PULSE TEST @ <0.5 % DUTY CYCLE
NORMALIZED TO = 10V @ 0.5 I [Cont.]
D
1.15
30
1.10
VGS=10V VGS=20V
20 TJ = +125C TJ = +25C TJ = -55C
1.05
10
1.00
0 2 4 6 8 VGS, GATE-TO-SOURCE VOLTAGE (VOLTS) FIGURE 4, TYPICAL TRANSFER CHARACTERISTICS 30
ID, DRAIN CURRENT (AMPERES)
0
0.95
0
15 30 45 60 75 ID, DRAIN CURRENT (AMPERES) FIGURE 5, RDS(ON) vs DRAIN CURRENT
BVDSS, DRAIN-TO-SOURCE BREAKDOWN VOLTAGE (NORMALIZED)
1.15 1.10 1.05 1.00 0.95 0.90 0.85
25 20 15 10 5 0
50 75 100 125 150 TC, CASE TEMPERATURE (C) FIGURE 6, MAXIMUM DRAIN CURRENT vs CASE TEMPERATURE
RDS(ON), DRAIN-TO-SOURCE ON RESISTANCE (NORMALIZED)
25
-25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) FIGURE 7, BREAKDOWN VOLTAGE vs TEMPERATURE 1.2
VGS(TH), THRESHOLD VOLTAGE (NORMALIZED)
-50
2.5
I = 0.5 I [Cont.]
D D
V
GS
= 10V
2.0
1.1 1.0 0.9 0.8 0.7 0.6
050-5588 Rev C
1.5
1.0
0.5
0.0 -50
-25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) FIGURE 8, ON-RESISTANCE vs. TEMPERATURE
-25 0 25 50 75 100 125 150 TC, CASE TEMPERATURE (C) FIGURE 9, THRESHOLD VOLTAGE vs TEMPERATURE
-50
200
ID, DRAIN CURRENT (AMPERES)
100 50
OPERATION HERE LIMITED BY RDS (ON)
10S 100S
C, CAPACITANCE (pF)
70,000 50,000
APT12040JVR
Ciss 10,000 5,000 Coss 1,000 Crss 400
10 5
1mS 10mS
1 .5
TC =+25C TJ =+150C SINGLE PULSE
100mS
.1
1 5 10 50 100 500 1200 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 10, MAXIMUM SAFE OPERATING AREA
I = I [Cont.]
D D
.01 .1 1 10 50 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 11, TYPICAL CAPACITANCE vs DRAIN-TO-SOURCE VOLTAGE
IDR, REVERSE DRAIN CURRENT (AMPERES)
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
20
200 100 50 TJ =+150C TJ =+25C
16
VDS=120V VDS=240V
12
8
VDS=600V
10 5
4
250 500 750 1000 1250 1500 Qg, TOTAL GATE CHARGE (nC) FIGURE 12, GATE CHARGES vs GATE-TO-SOURCE VOLTAGE
0
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 VSD, SOURCE-TO-DRAIN VOLTAGE (VOLTS) FIGURE 13, TYPICAL SOURCE-DRAIN DIODE FORWARD VOLTAGE
1
SOT-227 (ISOTOP(R)) Package Outline
31.5 (1.240) 31.7 (1.248) 7.8 (.307) 8.2 (.322) W=4.1 (.161) W=4.3 (.169) H=4.8 (.187) H=4.9 (.193) (4 places) 11.8 (.463) 12.2 (.480) 8.9 (.350) 9.6 (.378) Hex Nut M4 (4 places)
r = 4.0 (.157) (2 places)
4.0 (.157) 4.2 (.165) (2 places)
25.2 (0.992) 0.75 (.030) 12.6 (.496) 25.4 (1.000) 0.85 (.033) 12.8 (.504)
3.3 (.129) 3.6 (.143) 14.9 (.587) 15.1 (.594) 30.1 (1.185) 30.3 (1.193) 38.0 (1.496) 38.2 (1.504)
1.95 (.077) 2.14 (.084)
* Source
Drain
* Source terminals are shorted internally. Current handling capability is equal for either Source terminal.
* Source
050-5588 Rev C
Gate
Dimensions in Millimeters and (Inches)
ISOTOP(R) is a Registered Trademark of SGS Thomson. APT's devices are covered by one or more of the following U.S.patents: 4,895,810 5,256,583 5,045,903 4,748,103 5,089,434 5,283,202 5,182,234 5,231,474 5,019,522 5,434,095
"UL Recognized" File No. E145592
5,262,336 5,528,058


▲Up To Search▲   

 
Price & Availability of APT12040JVR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X