Part Number Hot Search : 
C3082 C3082 UPD70F IR21592 SPLSI1 D7808 TB62726F NCP1601B
Product Description
Full Text Search
 

To Download APT10M09LVFR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APT10M09B2VFR APT10M09LVFR
100V 100A 0.009
POWER MOS V(R) FREDFET
Power MOS V(R) is a new generation of high voltage N-Channel enhancement mode power MOSFETs. This new technology minimizes the JFET effect, increases packing density and reduces the on-resistance. Power MOS V(R) also achieves faster switching speeds through optimized gate layout.
B2VFR
T-MAXTM
TO-264
LVFR
* T-MAXTM or TO-264 Package * Faster Switching * Lower Leakage
MAXIMUM RATINGS
Symbol VDSS ID IDM VGS VGSM PD TJ,TSTG TL IAR EAR EAS Parameter Drain-Source Voltage Continuous Drain Current Pulsed Drain Current
1 6
* Avalanche Energy Rated * FAST RECOVERY BODY DIODE
G S D
All Ratings: TC = 25C unless otherwise specified.
APT10M09B2VFR_LVFR UNIT Volts Amps
100
@ TC = 25C
100 400 30 40 625 5.00 -55 to 150 300 100 50 3000
Gate-Source Voltage Continuous Gate-Source Voltage Transient Total Power Dissipation @ TC = 25C Linear Derating Factor Operating and Storage Junction Temperature Range Lead Temperature: 0.063" from Case for 10 Sec. Avalanche Current
1
Volts Watts W/C C Amps mJ
(Repetitive and Non-Repetitive)
1 4
Repetitive Avalanche Energy
Single Pulse Avalanche Energy
STATIC ELECTRICAL CHARACTERISTICS
Symbol BVDSS RDS(on) IDSS IGSS VGS(th) Characteristic / Test Conditions Drain-Source Breakdown Voltage (VGS = 0V, ID = 250A) Drain-Source On-State Resistance
2
MIN
TYP
MAX
UNIT Volts
100 0.009 100 500 100 2 4
(VGS = 10V, ID = 50A)
Ohms A nA Volts
5-2004 050-5905 Rev A
Zero Gate Voltage Drain Current (VDS = 100V, VGS = 0V) Zero Gate Voltage Drain Current (VDS = 80V, VGS = 0V, TC = 125C) Gate-Source Leakage Current (VGS = 30V, VDS = 0V) Gate Threshold Voltage (VDS = VGS, ID = 2.5mA)
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
APT Website - http://www.advancedpower.com
DYNAMIC CHARACTERISTICS
Symbol Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge
3
APT10M09B2VFR_LVFR
Test Conditions VGS = 0V VDS = 25V f = 1 MHz VGS = 10V VDD = 50V ID = 100A @ 25C VGS = 15V VDD = 50V ID = 100A @ 25C RG = 0.6 MIN TYP MAX UNIT
9875 3940 1470 350 60 180 18 36 50 9
ns nC pF
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
Symbol IS ISM VSD
dv/ dt
Characteristic / Test Conditions Continuous Source Current (Body Diode) Pulsed Source Current Diode Forward Voltage Peak Diode Recovery
1 2 dt
MIN
TYP
MAX
UNIT Amps Volts V/ns ns C Amps
100 400 1.3 8
Tj = 25C Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C
(Body Diode) (VGS = 0V, IS = -100A)
5
dv/
t rr Q rr IRRM
Reverse Recovery Time (IS = -100A, di/dt = 100A/s) Reverse Recovery Charge (IS = -100A, di/dt = 100A/s) Peak Recovery Current (IS = -100A, di/dt = 100A/s)
190 370 0.4 1.7 9 15
THERMAL CHARACTERISTICS
Symbol RJC RJA Characteristic Junction to Case Junction to Ambient MIN TYP MAX UNIT C/W
0.20 40
1 Repetitive Rating: Pulse width limited by maximum junction temperature 2 Pulse Test: Pulse width < 380 s, Duty Cycle < 2% 3 See MIL-STD-750 Method 3471
4 Starting T = +25C, L = 0.60mH, R = 25, Peak I = 100A j G L 5 dv/dt numbers reflect the limitations of the test circuit rather than the device itself. IS -ID100A di/dt 200A/s VR 100V TJ 150C 6 The maximum current is limited by lead temperature.
APT Reserves the right to change, without notice, the specifications and information contained herein.
0.25
, THERMAL IMPEDANCE (C/W)
0.20
0.9 0.7 0.5 0.3
0.15
5-2004
0.10
Note:
PDM t1 t2
JC
050-5905 Rev A
0.05 0.1 0 0.05 10-5 10-4 SINGLE PULSE 10-3 10-2
Peak TJ = PDM x ZJC + TC
Duty Factor D = t1/t2
Z
10-1 RECTANGULAR PULSE DURATION (SECONDS) FIGURE 1, MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs PULSE DURATION
1.0
Typical Performance Curves
ID, DRAIN CURRENT (AMPERES)
Junction temp. (C) RC MODEL
350 300 8V 250 200 150 100 50 0
APT10M09B2VFR_LVFR
VGS =15V, 10V, & 9V
0.0302
0.00809F
Power (watts)
7V
0.0729
0.0182F
6V
0.0955 Case temperature. (C)
0.264F
5V 0
FIGURE 2, TRANSIENT THERMAL IMPEDANCE MODEL
RDS(ON), DRAIN-TO-SOURCE ON RESISTANCE
5 10 15 20 25 30 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 3, LOW VOLTAGE OUTPUT CHARACTERISTICS 1.40
NORMALIZED TO = 10V @ 50A V
GS
120 100 80 60 TJ = -55C 40 TJ = +25C 20 0 TJ = +125C 0 1 2 3 4 5 6 7 VGS, GATE-TO-SOURCE VOLTAGE (VOLTS) FIGURE 4, TRANSFER CHARACTERISTICS
VDS> ID (ON) x RDS (ON)MAX. 250 SEC. PULSE TEST @ <0.5 % DUTY CYCLE
ID, DRAIN CURRENT (AMPERES)
1.30 1.20 1.10 1.00 0.90 0.80 VGS=20V
VGS=10V
0
100
BVDSS, DRAIN-TO-SOURCE BREAKDOWN VOLTAGE (NORMALIZED)
1.15
40 80 120 160 200 ID, DRAIN CURRENT (AMPERES) FIGURE 5, RDS(ON) vs DRAIN CURRENT
ID, DRAIN CURRENT (AMPERES)
80
1.10
60
1.05
40
1.00
20
0.95
50 75 100 125 150 TC, CASE TEMPERATURE (C) FIGURE 6, MAXIMUM DRAIN CURRENT vs CASE TEMPERATURE
RDS(ON), DRAIN-TO-SOURCE ON RESISTANCE (NORMALIZED)
0 25
0.90 -50
-25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) FIGURE 7, BREAKDOWN VOLTAGE vs TEMPERATURE
2.00
I
D
1.2
= 50A = 10V V
GS
VGS(TH), THRESHOLD VOLTAGE (NORMALIZED)
1.75 1.50 1.25 1.00 0.75
1.1 1.0 0.9 0.8 0.7 0.6 -50
0.50 -50
-25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) FIGURE 8, ON-RESISTANCE vs. TEMPERATURE
0 25 50 75 100 125 150 TC, CASE TEMPERATURE (C) FIGURE 9, THRESHOLD VOLTAGE vs TEMPERATURE
-25
050-5905 Rev A
5-2004
400
OPERATION HERE LIMITED BY RDS (ON)
30,000
APT10M09B2VFR_LVFR
Ciss
ID, DRAIN CURRENT (AMPERES)
100 50
100S
C, CAPACITANCE (pF)
10,000
Coss
1mS 10 5 TC =+25C TJ =+150C SINGLE PULSE 10mS
1,000
Crss
1
1 10 100 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 10, MAXIMUM SAFE OPERATING AREA
I
D
0 10 20 30 40 50 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 11, CAPACITANCE vs DRAIN-TO-SOURCE VOLTAGE
IDR, REVERSE DRAIN CURRENT (AMPERES)
100
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
16
= 100A
200 100 TJ =+150C TJ =+25C
12 VDS = 20V 8 VDS = 50V VDS = 80V 4
10
100 200 300 400 500 Qg, TOTAL GATE CHARGE (nC) FIGURE 12, GATE CHARGE vs GATE-TO-SOURCE VOLTAGE
0
0
1 0.3 0.5 0.7 0.9 1.1 1.3 1.5 VSD, SOURCE-TO-DRAIN VOLTAGE (VOLTS) FIGURE 13, SOURCE-DRAIN DIODE FORWARD VOLTAGE
T-MAXTM (B2) Package Outline (B2VFR)
4.69 (.185) 5.31 (.209) 1.49 (.059) 2.49 (.098) 15.49 (.610) 16.26 (.640) 5.38 (.212) 6.20 (.244)
TO-264 (L) Package Outline (LVFR)
4.60 (.181) 5.21 (.205) 1.80 (.071) 2.01 (.079) 19.51 (.768) 20.50 (.807) 3.10 (.122) 3.48 (.137) 5.79 (.228) 6.20 (.244)
Drain
20.80 (.819) 21.46 (.845)
Drain
25.48 (1.003) 26.49 (1.043)
4.50 (.177) Max. 0.40 (.016) 0.79 (.031)
2.87 (.113) 3.12 (.123) 1.65 (.065) 2.13 (.084) 2.29 (.090) 2.69 (.106) 19.81 (.780) 21.39 (.842)
2.29 (.090) 2.69 (.106)
5-2004
19.81 (.780) 20.32 (.800)
1.01 (.040) 1.40 (.055)
Gate Drain Source
0.48 (.019) 0.84 (.033) 2.59 (.102) 3.00 (.118)
Gate Drain Source
050-5905 Rev A
2.21 (.087) 2.59 (.102)
5.45 (.215) BSC 2-Plcs.
0.76 (.030) 1.30 (.051) 2.79 (.110) 3.18 (.125) 5.45 (.215) BSC 2-Plcs.
These dimensions are equal to the TO-247 without the mounting hole. Dimensions in Millimeters and (Inches)
Dimensions in Millimeters and (Inches)
APT's products are covered by one or more of U.S.patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. US and Foreign patents pending. All Rights Reserved.


▲Up To Search▲   

 
Price & Availability of APT10M09LVFR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X