Part Number Hot Search : 
FQP90N08 N4124 5KP90 X6753M CS484 TLGU53DF 2SJ655 PCA9698
Product Description
Full Text Search
 

To Download APT10M09LVFR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APT10M09B2VFR APT10M09LVFR
100V 100A 0.009W
POWER MOS V (R)
FREDFET
B2VFR
Power MOS V(R) is a new generation of high voltage N-Channel enhancement mode power MOSFETs. This new technology minimizes the JFET effect, increases packing density and reduces the on-resistance. Power MOS V(R) also achieves faster switching speeds through optimized gate layout.
T-MAXTM
TO-264
LVFR
* Identical Specifications: T-MAXTM or TO-264 Package * Lower Leakage * Fast Recovery Body Diode
MAXIMUM RATINGS
Symbol VDSS ID IDM VGS VGSM PD TJ,TSTG TL IAR EAR EAS Parameter
D G S
* Faster Switching * 100% Avalanche Tested
All Ratings: TC = 25C unless otherwise specified.
APT10M09 UNIT Volts Amps
Drain-Source Voltage
Continuous Drain Current @ TC = 25C Pulsed Drain Current
1 5
Gate-Source Voltage Continuous Gate-Source Voltage Transient
Total Power Dissipation @ TC = 25C Linear Derating Factor
Operating and Storage Junction Temperature Range Lead Temperature: 0.063" from Case for 10 Sec. Avalanche Current
1 5
Repetitive Avalanche Energy
Single Pulse Avalanche Energy
AL IC HN EC ON TI ED AT NC RM VA FO AD IN
100 100 400
5
30 40 625 5.0
Volts Watts W/C C Amps mJ
-55 to 150 300 100 50
(Repetitive and Non-Repetitive)
1
4
3000
STATIC ELECTRICAL CHARACTERISTICS
Symbol BVDSS ID(on) RDS(on) IDSS IGSS VGS(th) Characteristic / Test Conditions Drain-Source Breakdown Voltage (VGS = 0V, ID = 250A) On State Drain Current
2 5
MIN
TYP
MAX
UNIT Volts Amps
100 100 0.009 100 500 100 2 4
(VDS > I D(on) x R DS(on) Max, VGS = 10V)
2
Drain-Source On-State Resistance
(VGS = 10V, 0.5 ID[Cont.])
Ohms A nA
050-5905 rev- 11-99
Zero Gate Voltage Drain Current (VDS = VDSS, VGS = 0V) Zero Gate Voltage Drain Current (VDS = 0.8 VDSS, VGS = 0V, TC = 125C) Gate-Source Leakage Current (VGS = 30V, VDS = 0V) Gate Threshold Voltage (VDS = VGS, ID = 2.5mA)
APT Website - http://www.advancedpower.com
Volts
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
USA EUROPE
405 S.W. Columbia Street Chemin de Magret
Bend, Oregon 97702 -1035 F-33700 Merignac - France
Phone: (541) 382-8028 Phone: (33) 5 57 92 15 15
FAX: (541) 388-0364 FAX: (33) 5 56 47 97 61
DYNAMIC CHARACTERISTICS
Symbol Ciss Coss Crss Qg Qgs Qgd t d(on) tr t d(off) tf Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge
3
APT10M09 B2VFR - LVFR
Test Conditions VGS = 0V VDS = 25V f = 1 MHz VGS = 10V VDD = 0.5 VDSS VGS = 15V MIN TYP MAX UNIT pF
10030 3730 1370 340 109 131 18 36 51 9
nC
Gate-Source Charge Turn-on Delay Time Rise Time
Gate-Drain ("Miller") Charge
Turn-off Delay Time Fall Time
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
Symbol IS ISM VSD
dv/ dt
Characteristic / Test Conditions Pulsed Source Current
1
Continuous Source Current (Body Diode) (Body Diode)
6
Diode Forward Voltage Peak Diode Recovery
t rr Q rr IRRM
Reverse Recovery Time (IS = -ID [Cont.], di/dt = 100A/s) Reverse Recovery Charge (IS = -ID [Cont.], di/dt = 100A/s) Peak Recovery Current (IS = -ID [Cont.], di/dt = 100A/s)
AL IC HN EC ON TI ED AT NC RM VA FO AD IN
ID = ID [Cont.] @ 25C VDD = 0.5 VDSS RG = 0.6W ID = ID [Cont.] @ 25C MIN TYP
2
ns
MAX
UNIT Amps Volts V/ns ns
100 400 1.3 5
(VGS = 0V, IS = -ID [Cont.])
dv/
dt
Tj = 25C Tj = 25C
190 370
Tj = 125C
0.4 1.7 9 15
Tj = 125C Tj = 25C Tj = 125C
C
Amps
THERMAL CHARACTERISTICS
Symbol RqJC RqJA Characteristic Junction to Case Junction to Ambient MIN TYP MAX UNIT C/W
0.20 40
4 Starting T = +25C, L = 600H, R = 25W, Peak I = 100A j G L 5 The maximum current is limited by lead temperature. 6 I -I [Cont.], di/ = 100A/s, V = 50V, T 150C, R = 2.0W S D R j G dt
1 Repetitive Rating: Pulse width limited by maximum T j 2 Pulse Test: Pulse width < 380 S, Duty Cycle < 2% 3 See MIL-STD-750 Method 3471
APT Reserves the right to change, without notice, the specifications and information contained herein.
T-MAXTM (B2) Package Outline
4.69 (.185) 5.31 (.209) 1.49 (.059) 2.49 (.098) 15.49 (.610) 16.26 (.640) 5.38 (.212) 6.20 (.244)
TO-264 (L) Package Outline
4.60 (.181) 5.21 (.205) 1.80 (.071) 2.01 (.079)
19.51 (.768) 20.50 (.807) 3.10 (.122) 3.48 (.137) 5.79 (.228) 6.20 (.244)
Collector
Collector
20.80 (.819) 21.46 (.845)
25.48 (1.003) 26.49 (1.043)
4.50 (.177) Max. 0.40 (.016) 0.79 (.031) 19.81 (.780) 20.32 (.800)
2.87 (.113) 3.12 (.123) 1.65 (.065) 2.13 (.084) 2.29 (.090) 2.69 (.106) 19.81 (.780) 21.39 (.842)
2.29 (.090) 2.69 (.106)
050-5905 rev- 11-99
1.01 (.040) 1.40 (.055) 2.21 (.087) 2.59 (.102) 5.45 (.215) BSC 2-Plcs.
Gate Collector Emitter
Gate Collector Emitter
0.48 (.019) 0.76 (.030) 0.84 (.033) 1.30 (.051) 2.79 (.110) 2.59 (.102) 3.18 (.125) 3.00 (.118) 5.45 (.215) BSC 2-Plcs.
These dimensions are equal to the TO-247 without the mounting hole.
Dimensions in Millimeters and (Inches)
Dimensions in Millimeters and (Inches)
APT's devices are covered by one or more of the following U.S.patents: 4,895,810 5,256,583
5,045,903 4,748,103
5,089,434 5,283,202
5,182,234 5,231,474
5,019,522 5,434,095
5,262,336 5,528,058


▲Up To Search▲   

 
Price & Availability of APT10M09LVFR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X