Part Number Hot Search : 
EN6387B NTE1881 EG01CV KDEC12 CLL4692 PNZ155 VM73LFS 74LS0
Product Description
Full Text Search
 

To Download APT100M50J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APT100M50J
500V, 100A, 0.038 Max
N-Channel MOSFET
Power MOS 8TM is a high speed, high voltage N-channel switch-mode power MOSFET. A proprietary planar stripe design yields excellent reliability and manufacturability. Low switching loss is achieved with low input capacitance and ultra low Crss "Miller" capacitance. The intrinsic gate resistance and capacitance of the poly-silicon gate structure help control slew rates during switching, resulting in low EMI and reliable paralleling, even when switching at very high frequency. Reliability in flyback, boost, forward, and other circuits is enhanced by the high avalanche energy capability.
S G D
S
SO
2 T-
27
ISOTOP (R)
"UL Recognized"
file # E145592
APT100M50J
G
D
Single die MOSFET
S
FEATURES
* Fast switching with low EMI/RFI * Low RDS(on) * Ultra low Crss for improved noise immunity * Low gate charge * Avalanche energy rated * RoHS compliant
TYPICAL APPLICATIONS
* PFC and other boost converter * Buck converter * Two switch forward (asymmetrical bridge) * Single switch forward * Flyback * Inverters
Absolute Maximum Ratings
Symbol ID IDM VGS EAS IAR Parameter Continuous Drain Current @ TC = 25C Continuous Drain Current @ TC = 100C Pulsed Drain Current Gate-Source Voltage Single Pulse Avalanche Energy 2 Avalanche Current, Repetitive or Non-Repetitive
1
Ratings 100 64 490 30 3350 75
Unit
A
V mJ A
Thermal and Mechanical Characteristics
Symbol PD RJC RCS TJ,TSTG VIsolation WT Characteristic Total Power Dissipation @ TC = 25C Junction to Case Thermal Resistance Case to Sink Thermal Resistance, Flat, Greased Surface Operating and Storage Junction Temperature Range RMS Voltage (50-60hHz Sinusoidal Waveform from Terminals to Mounting Base for 1 Min.) Package Weight -55 2500 1.03 29.2 10 1.1 0.15 150 Min Typ Max 960 0.13 Unit W C/W C V oz g in*lbf N*m
12-2006 050-8102 Rev A
Torque
Terminals and Mounting Screws. Microsemi Website - http://www.microsemi.com
Static Characteristics
Symbol
VBR(DSS) VBR(DSS)/TJ RDS(on) VGS(th) VGS(th)/TJ IDSS IGSS
TJ = 25C unless otherwise specified
Test Conditions
VGS = 0V, ID = 250A Reference to 25C, ID = 250A VGS = 10V, ID = 75A VGS = VDS, ID = 5mA VDS = 500V VGS = 0V TJ = 25C TJ = 125C
APT100M50J
Typ 0.60 0.030 4 -10 Max Unit V V/C V mV/C A nA
Parameter
Drain-Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Drain-Source On Resistance
3
Min 500
Gate-Source Threshold Voltage Threshold Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate-Source Leakage Current
3
0.038 5 100 500 100
VGS = 30V
Dynamic Characteristics
Symbol
gfs Ciss Crss Coss Co(cr) Co(er) Qg Qgs Qgd td(on) tr td(off) tf
4
TJ = 25C unless otherwise specified
Test Conditions
VDS = 50V, ID = 75A VGS = 0V, VDS = 25V f = 1MHz
Parameter
Forward Transconductance Input Capacitance Reverse Transfer Capacitance Output Capacitance Effective Output Capacitance, Charge Related
Min
Typ 115 24600 330 2645 1535
Max
Unit S
pF
5
VGS = 0V, VDS = 0V to 333V
Effective Output Capacitance, Energy Related Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-On Delay Time Current Rise Time Turn-Off Delay Time Current Fall Time
VGS = 0 to 10V, ID = 75A, VDS = 250V Resistive Switching VDD = 333V, ID = 75A RG = 2.2 6 , VGG = 15V
775 620 140 280 105 125 280 90 nC
ns
Source-Drain Diode Characteristics
Symbol
IS ISM VSD trr Qrr dv/dt
Parameter
Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) 1 Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Peak Recovery dv/dt
Test Conditions
MOSFET symbol showing the integral reverse p-n junction diode (body diode)
Min
D
Typ
Max 100
Unit A
G S
490 1.0 855 35 8 V ns C V/ns
ISD = 75A, TJ = 25C, VGS = 0V ISD = 75A 3 diSD/dt = 100A/s, TJ = 25C ISD 75A, di/dt 1000A/s, VDD = 100V, TJ = 125C
1 Repetitive Rating: Pulse width and case temperature limited by maximum junction temperature. 2 Starting at TJ = 25C, L = 1.19mH, RG = 2.2, IAS = 75A. 3 Pulse test: Pulse Width < 380s, duty cycle < 2%. 4 Co(cr) is defined as a fixed capacitance with the same stored charge as COSS with VDS = 67% of V(BR)DSS. 5 Co(er) is defined as a fixed capacitance with the same stored energy as COSS with VDS = 67% of V(BR)DSS. To calculate Co(er) for any value of VDS less than V(BR)DSS, use this equation: Co(er) = -5.71E-7/VDS^2 + 1.33E-7/VDS + 3.80E-10. 6 RG is external gate resistance, not including internal gate resistance or gate driver impedance. (MIC4452)
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
050-8102
Rev A
12-2006
600 500 ID, DRAIN CURRENT (A)
V
GS
= 10V
300 250 ID, DRIAN CURRENT (A)
TJ = -55C
APT100M50J
T = 125C
J
V
GS
= 7,8 & 10V
400
TJ = 25C
200 150 100 50 0
6V
300 200 100
TJ = 125C
TJ = 150C
5V 4.5V
0
25 20 15 10 5 0 VDS(ON), DRAIN-TO-SOURCE VOLTAGE (V) Figure 1, Output Characteristics
NORMALIZED TO VGS = 10V @ 75A
0
30 25 20 15 10 5 VDS, DRAIN-TO-SOURCE VOLTAGE (V) Figure 2, Output Characteristics
RDS(ON), DRAIN-TO-SOURCE ON RESISTANCE
2.5
500
VDS> ID(ON) x RDS(ON) MAX. 250SEC. PULSE TEST @ <0.5 % DUTY CYCLE
2.0 ID, DRAIN CURRENT (A)
400
1.5
300
TJ = -55C
1.0
200
TJ = 25C TJ = 125C
0.5
100
0 25 50 75 100 125 150 0 -55 -25 TJ, JUNCTION TEMPERATURE (C) Figure 3, RDS(ON) vs Junction Temperature 200 180
TJ = -55C
0
0
8 7 6 5 4 3 2 1 VGS, GATE-TO-SOURCE VOLTAGE (V) Figure 4, Transfer Characteristics
40,000 10,000 C, CAPACITANCE (pF)
Ciss
gfs, TRANSCONDUCTANCE
160 140 120 100 80 60 40 20 0 0 20
TJ = 25C TJ = 125C
1000
Coss
100
Crss
40 60 80 100 120 140 160 ID, DRAIN CURRENT (A) Figure 5, Gain vs Drain Current
500 400 300 200 100 VDS, DRAIN-TO-SOURCE VOLTAGE (V) Figure 6, Capacitance vs Drain-to-Source Voltage 0 500 ISD, REVERSE DRAIN CURRENT (A) 450 400 350 300 250 200 150 100 50 0 0
TJ = 25C
10
16 VGS, GATE-TO-SOURCE VOLTAGE (V) 14 12 10 8 6 4 2
ID = 75A
VDS = 100V
VDS = 250V
VDS = 400V
050-8102
100 200 300 400 500 600 700 800 Qg, TOTAL GATE CHARGE (nC) Figure 7, Gate Charge vs Gate-to-Source Voltage 0
0
1.5 1.2 0.9 0.6 0.3 VSD, SOURCE-TO-DRAIN VOLTAGE (V) Figure 8, Reverse Drain Current vs Source-to-Drain Voltage
Rev A
12-2006
TJ = 150C
600
I
DM
600
I
DM
APT100M50J
100 ID, DRAIN CURRENT (A)
100 ID, DRAIN CURRENT (A)
10
Rds(on)
13s
100s 1ms 10ms
100ms DC line
13s
10
Rds(on)
100s
1ms
10ms 100ms DC line
1
TJ = 125C TC = 75C
1
TJ = 150C TC = 25C
0.1
1
800 100 10 VDS, DRAIN-TO-SOURCE VOLTAGE (V) Figure 9, Forward Safe Operating Area
0.1
Scaling for Different Case & Junction Temperatures: ID = ID(T = 25C)*(TJ - TC)/125
C
800 100 10 VDS, DRAIN-TO-SOURCE VOLTAGE (V) Figure 10, Maximum Forward Safe Operating Area 1
TJ (C)
0.0305 Dissipated Power (Watts) 0.0441 0.758 71.4 0.0879
TC (C)
0.0117 ZEXT are the external thermal impedances: Case to sink, sink to ambient, etc. Set to zero when modeling only the case to junction.
Figure 11, Transient Thermal Impedance Model 0.14 ZJC, THERMAL IMPEDANCE (C/W) 0.12 0.10 0.08
0.5 D = 0.9
0.7
0.06 0.04 0.02 0
0.3 SINGLE PULSE
ZEXT
Note:
PDM
t1 t2
0.1 0.05
Duty Factor D = 1/t2 Peak TJ = PDM x ZJC + TC
t1 = Pulse Duration
t
10-5
10-1 10-2 10-3 RECTANGULAR PULSE DURATION (seconds) Figure 12. Maximum Effective Transient Thermal Impedance Junction-to-Case vs Pulse Duration 10-4
1.0
SOT-227 (ISOTOP(R)) Package Outline
31.5 (1.240) 31.7 (1.248) 7.8 (.307) 8.2 (.322)
W=4.1 (.161) W=4.3 (.169) H=4.8 (.187) H=4.9 (.193) (4 places) 11.8 (.463) 12.2 (.480) 8.9 (.350) 9.6 (.378) Hex Nut M4 (4 places)
r = 4.0 (.157) (2 places)
4.0 (.157) 4.2 (.165) (2 places)
25.2 (0.992) 0.75 (.030) 12.6 (.496) 25.4 (1.000) 0.85 (.033) 12.8 (.504)
12-2006
3.3 (.129) 3.6 (.143) 14.9 (.587) 15.1 (.594)
1.95 (.077) 2.14 (.084)
* Source
Drain
* Emitter terminals are shorted internally. Current handling capability is equal for either Source terminal.
30.1 (1.185) 30.3 (1.193) 38.0 (1.496) 38.2 (1.504)
Rev A
* Source Dimensions in Millimeters and (Inches)
Gate
050-8102
ISOTOP(R) is a registered trademark of ST Microelectronics NV. Microsemi's products are covered by one or more of U.S.patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. US and Foreign patents pending. All Rights Reserved.


▲Up To Search▲   

 
Price & Availability of APT100M50J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X