Part Number Hot Search : 
MA785 LET9150 FQD10N20 167BZXC MA785 73D31 1N3292A EPS13
Product Description
Full Text Search
 

To Download APT10090SFLL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APT10090BFLL APT10090SFLL
1000V 12A 0.900
BFLL D3PAK
TO-247
POWER MOS 7
(R)
R
FREDFET
Power MOS 7 is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS. Both conduction and switching (R) losses are addressed with Power MOS 7 by significantly lowering RDS(ON) (R) and Qg. Power MOS 7 combines lower conduction and switching losses along with exceptionally fast switching speeds inherent with APT's patented metal gate structure. * Lower Input Capacitance * Lower Miller Capacitance * Lower Gate Charge, Qg
MAXIMUM RATINGS
Symbol VDSS ID IDM VGS VGSM PD TJ,TSTG TL IAR EAR EAS Parameter Drain-Source Voltage Continuous Drain Current @ TC = 25C Pulsed Drain Current
1
SFLL
* Increased Power Dissipation * Easier To Drive * TO-247 or Surface Mount D3PAK Package * FAST RECOVERY BODY DIODE
D G S
All Ratings: TC = 25C unless otherwise specified.
APT10090 UNIT Volts Amps
1000 12 48 30 40 298 2.4 -55 to 150 300 12 30
4
Gate-Source Voltage Continuous Gate-Source Voltage Transient Total Power Dissipation @ TC = 25C Linear Derating Factor Operating and Storage Junction Temperature Range Lead Temperature: 0.063" from Case for 10 Sec. Avalanche Current
1
Volts Watts W/C C Amps mJ
(Repetitive and Non-Repetitive)
1
Repetitive Avalanche Energy
Single Pulse Avalanche Energy
1210
STATIC ELECTRICAL CHARACTERISTICS
Symbol BVDSS ID(on) RDS(on) IDSS IGSS VGS(th) Characteristic / Test Conditions Drain-Source Breakdown Voltage (VGS = 0V, ID = 250A) On State Drain Current
2
MIN
TYP
MAX
UNIT Volts Amps
1000 12 0.90 250 1000 100 3 5
(VDS > I D(on) x R DS(on) Max, VGS = 10V)
2
Drain-Source On-State Resistance
(VGS = 10V, 6A)
Ohms A nA Volts
7-2003 050-7041 Rev C
Zero Gate Voltage Drain Current (VDS = 1000V, VGS = 0V) Zero Gate Voltage Drain Current (VDS = 800V, VGS = 0V, TC = 125C) Gate-Source Leakage Current (VGS = 30V, VDS = 0V) Gate Threshold Voltage (VDS = VGS, ID = 1mA)
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
APT Website - http://www.advancedpower.com
DYNAMIC CHARACTERISTICS
Symbol C iss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf Eon Eoff Eon Eoff Symbol IS ISM VSD
dv/ dt
APT10090BFLL - SFLL
Test Conditions
VGS = 0V VDS = 25V f = 1 MHz VGS = 10V VDD = 500V ID = 12A @ 25C RESISTIVE SWITCHING VGS = 15V VDD = 500V ID = 12A @ 25C RG = 0.6 6 INDUCTIVE SWITCHING @ 25C VDD = 670V, VGS = 15V ID = 12A, RG = 5 6 INDUCTIVE SWITCHING @ 125C VDD = 670V VGS = 15V ID = 12A, RG = 5
Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge
3
MIN
TYP
MAX
UNIT pF
1969 332 55 71 12 47 9 5 23 4 334 77 672 100
MIN TYP MAX
Gate-Source Charge Gate-Drain ("Miller ") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Switching Energy Turn-off Switching Energy Turn-on Switching Energy Turn-off Switching Energy Characteristic / Test Conditions Continuous Source Current (Body Diode) Pulsed Source Current Diode Forward Voltage Peak Diode Recovery
1 2 dt
nC
ns
J
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
UNIT Amps Volts V/ns ns
12 48 1.3 18
Tj = 25C Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C MIN
(Body Diode) (VGS = 0V, IS = -ID 12A)
5
dv/
t rr
Reverse Recovery Time (IS = -ID 12A, di/dt = 100A/s) Reverse Recovery Charge (IS = -ID 12A, di/dt = 100A/s) Peak Recovery Current (IS = -ID 12A, di/dt = 100A/s) Characteristic Junction to Case Junction to Ambient
200 350 0.7 2.0 10 15
TYP MAX
Q rr IRRM
C
Amps
THERMAL CHARACTERISTICS
Symbol RJC RJA UNIT C/W
0.42 40
4 Starting Tj = +25C, L = 16.8mH, RG = 25, Peak IL = 12A 5 dv/dt numbers reflect the limitations of the test circuit rather than the device itself. IS -ID12A di/dt 700A/s VR VDSS TJ 150C 6 Eon includes diode reverse recovery measured in accordance wtih JEDEC standard JESD24-1. See figures 18, 20.
1 Repetitive Rating: Pulse width limited by maximum junction temperature 2 Pulse Test: Pulse width < 380 s, Duty Cycle < 2% 3 See MIL-STD-750 Method 3471
APT Reserves the right to change, without notice, the specifications and information contained herein. 0.45
, THERMAL IMPEDANCE (C/W)
0.40 0.35 0.30 0.25
0.9
0.7
0.5 0.20 0.15 0.10 0.05 0 10-5 0.1 0.05 10-4 SINGLE PULSE 0.3
Note:
PDM t1 t2 Duty Factor D = t1/t2 Peak TJ = PDM x ZJC + TC
050-7041 Rev C
7-2003
Z
JC
10-3 10-2 10-1 RECTANGULAR PULSE DURATION (SECONDS) FIGURE 1, MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs PULSE DURATION
1.0
Typical Performance Curves
30
APT10090BFLL - SFLL
RC MODEL Junction temp. ( "C) 0.164 Power (Watts) 0.257 Case temperature 0.125F 0.00592F
ID, DRAIN CURRENT (AMPERES)
25 20 VGS =15,10V& 7.5V 7V 6.5 15 6V 10 5.5V 5V 0 0 5 10 15 20 25 30 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 3, LOW VOLTAGE OUTPUT CHARACTERISTICS 1.40
V
GS
5
RDS(ON), DRAIN-TO-SOURCE ON RESISTANCE
FIGURE 2, TRANSIENT THERMAL IMPEDANCE MODEL 30 TJ = -55C
ID, DRAIN CURRENT (AMPERES)
NORMALIZED TO = 10V @ I = 6A
D
25
1.30 1.20
20 15
TJ = +125C TJ = +25C
1.10
VGS=10V VGS=20V
10
VDS> ID (ON) x RDS(ON) MAX. 250SEC. PULSE TEST @ <0.5 % DUTY CYCLE
1.00
5 0
0.90 0.80
0 1 2 3 4 5 6 7 8 VGS, GATE-TO-SOURCE VOLTAGE (VOLTS) FIGURE 4, TRANSFER CHARACTERISTICS
0
5 10 15 20 ID, DRAIN CURRENT (AMPERES) FIGURE 5, RDS(ON) vs DRAIN CURRENT
12
BVDSS, DRAIN-TO-SOURCE BREAKDOWN VOLTAGE (NORMALIZED)
1.15
ID, DRAIN CURRENT (AMPERES)
10
1.10
8 6
1.05
1.00
4
0.95 0.90 0.85 -50
2 0
RDS(ON), DRAIN-TO-SOURCE ON RESISTANCE (NORMALIZED)
50 75 100 125 150 TC, CASE TEMPERATURE (C) FIGURE 6, MAXIMUM DRAIN CURRENT vs CASE TEMPERATURE 2.5
I V
D
25
-25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) FIGURE 7, BREAKDOWN VOLTAGE vs TEMPERATURE 1.2
= 6A = 10V
2.0
VGS(TH), THRESHOLD VOLTAGE (NORMALIZED)
GS
1.1
1.0 0.9 0.8
1.5
1.0
0.5
0.7 0.6 -50
0.0 -50
-25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) FIGURE 8, RDS(ON) vs. TEMPERATURE
-25 0 25 50 75 100 125 150 TC, CASE TEMPERATURE (C) FIGURE 9, THRESHOLD VOLTAGE vs TEMPERATURE
050-7041 Rev C
7-2003
APT10090BFLL - SFLL
48
ID, DRAIN CURRENT (AMPERES)
OPERATION HERE LIMITED BY RDS (ON)
10,000
Ciss 100S
C, CAPACITANCE (pF)
10
1,000
Coss 100 Crss
1
1mS 10mS TC =+25C TJ =+150C SINGLE PULSE
I
D
= 12A
IDR, REVERSE DRAIN CURRENT (AMPERES)
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
1 10 100 1000 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 10, MAXIMUM SAFE OPERATING AREA 16
.1
0 10 20 30 40 50 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 11, CAPACITANCE vs DRAIN-TO-SOURCE VOLTAGE 200 100
10
12
VDS=200V VDS=500V
TJ =+150C TJ =+25C 10
8
VDS=800V
4
20 30 40 50 60 70 80 90 100 Qg, TOTAL GATE CHARGE (nC) FIGURE 12, GATE CHARGE vs GATE-TO-SOURCE VOLTAGE 60 td(off) 50
0
0
10
1 0.3 0.5 0.7 0.9 1.1 1.3 1.5 VSD, SOURCE-TO-DRAIN VOLTAGE (VOLTS) FIGURE 13, SOURCE-DRAIN DIODE FORWARD VOLTAGE 40 tf 30
td(on) and td(off) (ns)
40
V
DD G
= 670V
R
= 5
30
T = 125C
J
tr and tf (ns)
L = 100H
20
V
DD G
= 670V
R
= 5
20 10 10 0 5 15 20 ID (A) FIGURE 14, DELAY TIMES vs CURRENT
V
DD G
T = 125C
J
tr
L = 100H
td(on) 0
10
10 15 20 ID (A) FIGURE 15, RISE AND FALL TIMES vs CURRENT 1200
0
5
1200
= 670V R = 5
1000
SWITCHING ENERGY (J)
Eon
SWITCHING ENERGY (J)
T = 125C
J
1000
L = 100H
800 600 400
E ON includes diode reverse recovery.
800 600
Eon
7-2003
400 Eoff
V I
DD
= 670V
D J
= 12A
200 0
Eoff
T = 125C
200 0
050-7041 Rev C
L = 100H E ON includes diode reverse recovery.
15 20 ID (A) FIGURE 16, SWITCHING ENERGY vs CURRENT
5
10
10 15 20 25 30 35 40 45 50 RG, GATE RESISTANCE (Ohms) FIGURE 17, SWITCHING ENERGY VS. GATE RESISTANCE
0
5
Typical Performance Curves
Gate Voltage
APT10090BFLL - SFLL
10 % td(on) tr 90% 5% 10 % 5%
Drain Voltage
90%
T = 125 C J
Gate Voltage
td(off)
T = 125 C J
Drain Current
Drain Voltage
90%
10% tf 0
Drain Current
Switching Energy
Switching Energy
Figure 18, Turn-on Switching Waveforms and Definitions
Figure 19, Turn-off Switching Waveforms and Definitions
APT15DF120B
V DD
IC
V CE
G D.U.T.
Figure 20, Inductive Switching Test Circuit
TO-247 Package Outline
Drain (Heat Sink)
4.69 (.185) 5.31 (.209) 1.49 (.059) 2.49 (.098) 6.15 (.242) BSC
D PAK Package Outline
4.98 (.196) 5.08 (.200) 1.47 (.058) 1.57 (.062) 15.95 (.628) 16.05 (.632) 13.41 (.528) 13.51 (.532)
3
15.49 (.610) 16.26 (.640) 5.38 (.212) 6.20 (.244)
1.04 (.041) 1.15 (.045)
Drain
20.80 (.819) 21.46 (.845) 3.50 (.138) 3.81 (.150)
Revised 4/18/95
13.79 (.543) 13.99 (.551)
Revised 8/29/97
11.51 (.453) 11.61 (.457)
0.46 (.018) 0.56 (.022) {3 Plcs}
4.50 (.177) Max. 0.40 (.016) 0.79 (.031) 2.87 (.113) 3.12 (.123) 1.65 (.065) 2.13 (.084) 1.01 (.040) 1.40 (.055)
19.81 (.780) 20.32 (.800)
2.21 (.087) 2.59 (.102)
5.45 (.215) BSC 2-Plcs.
Dimensions in Millimeters and (Inches)
Source Drain Gate Dimensions in Millimeters (Inches)
APT's devices are covered by one or more of the following U.S.patents:
4,895,810 5,256,583
5,045,903 4,748,103
5,089,434 5,283,202
5,182,234 5,231,474
5,019,522 5,434,095
5,262,336 5,528,058
050-7041 Rev C
Gate Drain Source
5.45 (.215) BSC {2 Plcs.}
Heat Sink (Drain) and Leads are Plated
7-2003
0.020 (.001) 0.178 (.007) 2.67 (.105) 2.84 (.112)
1.27 (.050) 1.40 (.055) 1.98 (.078) 2.08 (.082)
1.22 (.048) 1.32 (.052)
3.81 (.150) 4.06 (.160) (Base of Lead)


▲Up To Search▲   

 
Price & Availability of APT10090SFLL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X