Part Number Hot Search : 
B9034 ME56XBX CT273 SFH617A AT91SA ME56XBX MO9061 HT49CA1
Product Description
Full Text Search
 

To Download APT10035LLL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APT10035B2LL APT10035LLL
1000V 28A 0.350W
POWER MOS 7TM
Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS. Both conduction and switching losses are addressed with Power MOS 7TM by significantly lowering RDS(ON) and Qg. Power MOS 7TM combines lower conduction and switching losses along with exceptionally fast switching speeds inherent with APT's patented metal gate structure. * Lower Input Capacitance * Lower Miller Capacitance * Lower Gate Charge, Qg
MAXIMUM RATINGS
Symbol VDSS ID IDM VGS VGSM PD TJ,TSTG TL IAR EAR EAS Parameter Drain-Source Voltage Continuous Drain Current @ TC = 25C Pulsed Drain Current
1
B2LL
T-MAXTM
TO-264
LLL
* Increased Power Dissipation * Easier To Drive * Popular T-MAXTM or TO-264 Package
D G S
All Ratings: TC = 25C unless otherwise specified.
APT10035 UNIT Volts Amps
1000 28 112 30 40 690 5.52 -55 to 150 300 28 50
4
Gate-Source Voltage Continuous Gate-Source Voltage Transient Total Power Dissipation @ TC = 25C Linear Derating Factor Operating and Storage Junction Temperature Range Lead Temperature: 0.063" from Case for 10 Sec. Avalanche Current
1
Volts Watts W/C C Amps mJ
(Repetitive and Non-Repetitive)
1
Repetitive Avalanche Energy
Single Pulse Avalanche Energy
3000
STATIC ELECTRICAL CHARACTERISTICS
Symbol BVDSS ID(on) RDS(on) IDSS IGSS VGS(th) Characteristic / Test Conditions Drain-Source Breakdown Voltage (VGS = 0V, ID = 250A) On State Drain Current
2
MIN
TYP
MAX
UNIT Volts Amps
1000 28 0.350 100 500 100 3 5
(VDS > ID(on) x R DS(on) Max, VGS = 10V)
2
Drain-Source On-State Resistance
(VGS = 10V, 0.5 ID[Cont.])
Ohms A nA Volts
050-7010 Rev A 6-2001
Zero Gate Voltage Drain Current (VDS = VDSS, VGS = 0V) Zero Gate Voltage Drain Current (VDS = 0.8 VDSS, VGS = 0V, TC = 125C) Gate-Source Leakage Current (VGS = 30V, VDS = 0V) Gate Threshold Voltage (VDS = VGS, ID = 2.5mA)
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
APT Website - http://www.advancedpower.com
USA EUROPE
405 S.W. Columbia Street Chemin de Magret
Bend, Oregon 97702-1035 F-33700 Merignac - France
Phone: (541) 382-8028 Phone: (33) 5 57 92 15 15
FAX: (541) 388-0364 FAX: (33) 5 56 47 97 61
DYNAMIC CHARACTERISTICS
Symbol Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge
3
APT10035 B2LL - LLL
Test Conditions VGS = 0V VDS = 25V f = 1 MHz VGS = 10V VDD = 0.5 VDSS ID = ID[Cont.] @ 25C VGS = 15V VDD = 0.5 VDSS ID = ID[Cont.] @ 25C RG = 0.6W MIN TYP MAX UNIT
5185 900 144 183 24 117 12 11 38 9
ns nC pF
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
Symbol IS ISM VSD t rr Q rr
dv/ dt
Characteristic / Test Conditions Continuous Source Current (Body Diode) Pulsed Source Current Diode Forward Voltage
1 2
MIN
TYP
MAX
UNIT Amps Volts ns C
28 112 1.3 1156 28.7 10
(Body Diode) (VGS = 0V, IS = -ID[Cont.])
Reverse Recovery Time (IS = -ID[Cont.], dl S /dt = 100A/s) Reverse Recovery Charge (IS = -ID[Cont.], dl S/dt = 100A/s) Peak Diode Recovery dv/dt
5
V/ns
THERMAL CHARACTERISTICS
Symbol RqJC RqJA Characteristic Junction to Case Junction to Ambient MIN TYP MAX UNIT C/W
0.18 40
1 Repetitive Rating: Pulse width limited by maximum junction
temperature. 2 Pulse Test: Pulse width < 380 s, Duty Cycle < 2%
3 See MIL-STD-750 Method 3471 4 Starting T = +25C, L = 7.65mH, R = 25W, Peak I = 28A j G L 5 dv/ numbers reflect the limitations of the test circuit rather than the dt device itself. IS -ID[Cont.] di/dt 700A/s VR VDSS TJ 150C APT Reserves the right to change, without notice, the specifications and information contained herein.
T-MAXTM (B2) Package Outline
4.69 (.185) 5.31 (.209) 1.49 (.059) 2.49 (.098) 15.49 (.610) 16.26 (.640) 5.38 (.212) 6.20 (.244)
TO-264 (L) Package Outline
4.60 (.181) 5.21 (.205) 1.80 (.071) 2.01 (.079) 19.51 (.768) 20.50 (.807) 3.10 (.122) 3.48 (.137) 5.79 (.228) 6.20 (.244)
Drain
20.80 (.819) 21.46 (.845)
Drain
25.48 (1.003) 26.49 (1.043)
4.50 (.177) Max. 0.40 (.016) 0.79 (.031)
2.87 (.113) 3.12 (.123) 1.65 (.065) 2.13 (.084) 2.29 (.090) 2.69 (.106) 19.81 (.780) 21.39 (.842)
2.29 (.090) 2.69 (.106)
19.81 (.780) 20.32 (.800) 1.01 (.040) 1.40 (.055)
050-7010 Rev A 6-2001
Gate Drain Source
0.48 (.019) 0.84 (.033) 2.59 (.102) 3.00 (.118)
Gate Drain Source
2.21 (.087) 2.59 (.102)
5.45 (.215) BSC 2-Plcs.
0.76 (.030) 1.30 (.051) 2.79 (.110) 3.18 (.125) 5.45 (.215) BSC 2-Plcs.
These dimensions are equal to the TO-247 without the mounting hole. Dimensions in Millimeters and (Inches)
Dimensions in Millimeters and (Inches)
APT's devices are covered by one or more of the following U.S.patents: 4,895,810 5,256,583
5,045,903 4,748,103
5,089,434 5,283,202
5,182,234 5,231,474
5,019,522 5,434,095
5,262,336 5,528,058


▲Up To Search▲   

 
Price & Availability of APT10035LLL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X