Part Number Hot Search : 
SZN4469 LM257606 VN750 M68300 74453010 SLA608L AH293Y 1H220
Product Description
Full Text Search
 

To Download APT10021JLL04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APT10021JLL
1000V 37A 0.210
POWER MOS 7
(R)
R
MOSFET
G
S D
S
Power MOS 7 is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS. Both conduction and switching (R) losses are addressed with Power MOS 7 by significantly lowering RDS(ON) (R) and Qg. Power MOS 7 combines lower conduction and switching losses along with exceptionally fast switching speeds inherent with APT's patented metal gate structure. * Lower Input Capacitance * Lower Miller Capacitance * Lower Gate Charge, Qg
MAXIMUM RATINGS
Symbol VDSS ID IDM VGS VGSM PD TJ,TSTG TL IAR EAR EAS Parameter Drain-Source Voltage Continuous Drain Current @ TC = 25C Pulsed Drain Current
1
SO
2 T-
27
"UL Recognized"
ISOTOP (R)
* Increased Power Dissipation * Easier To Drive * Popular SOT-227 Package
D G S
All Ratings: TC = 25C unless otherwise specified.
APT10021JLL UNIT Volts Amps
1000 37 148 30 40 694 5.56 -55 to 150 300 37 50
4
Gate-Source Voltage Continuous Gate-Source Voltage Transient Total Power Dissipation @ TC = 25C Linear Derating Factor Operating and Storage Junction Temperature Range Lead Temperature: 0.063" from Case for 10 Sec. Avalanche Current
1
Volts Watts W/C C Amps mJ
(Repetitive and Non-Repetitive)
1
Repetitive Avalanche Energy
Single Pulse Avalanche Energy
3600
STATIC ELECTRICAL CHARACTERISTICS
Symbol BVDSS RDS(on) IDSS IGSS VGS(th) Characteristic / Test Conditions Drain-Source Breakdown Voltage (VGS = 0V, ID = 250A) Drain-Source On-State Resistance
2
MIN
TYP
MAX
UNIT Volts
1000 0.210 100 500 100 3 5
(VGS = 10V, 18.5A)
Ohms A nA Volts
4-2004 050-7017 Rev C
Zero Gate Voltage Drain Current (VDS = 1000V, VGS = 0V) Zero Gate Voltage Drain Current (VDS = 800V, VGS = 0V, TC = 125C) Gate-Source Leakage Current (VGS = 30V, VDS = 0V) Gate Threshold Voltage (VDS = VGS, ID = 5mA)
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
APT Website - http://www.advancedpower.com
DYNAMIC CHARACTERISTICS
Symbol Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf Eon Eoff Eon Eoff Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge
3
APT10021JLL
Test Conditions
VGS = 0V VDS = 25V f = 1 MHz VGS = 10V VDD = 500V ID = 37A @ 25C RESISTIVE SWITCHING VGS = 15V VDD = 500V ID = 37A @ 25C RG = 0.6 6 INDUCTIVE SWITCHING @ 25C VDD = 667V, VGS = 15V ID = 37A, RG = 5 6 INDUCTIVE SWITCHING @ 125C VDD = 667V, VGS = 15V ID = 37A, RG = 5
MIN
TYP
MAX
UNIT
9750 1615 335 395 47 260 29 22 80 20 1560 930 2515 1250
MIN TYP MAX UNIT Amps Volts ns C nC pF
Gate-Source Charge Gate-Drain ("Miller ") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Switching Energy Turn-off Switching Energy Turn-on Switching Energy Turn-off Switching Energy
ns
J
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
Symbol IS ISM VSD t rr Q rr
dv/ dt
Characteristic / Test Conditions CContinuous Source Current (Body Diode) Pulsed Source Current Diode Forward Voltage
1 2
37 148 1.3 1300 38.0 10
MIN TYP MAX
(Body Diode) (VGS = 0V, IS = -37A)
Reverse Recovery Time (IS = -37A, dl S/dt = 100A/s) Reverse Recovery Charge (IS = -37A, dl S/dt = 100A/s) Peak Diode Recovery
dv/ dt 5
V/ns
THERMAL CHARACTERISTICS
Symbol RJC RJA Characteristic Junction to Case Junction to Ambient UNIT C/W
0.18 40
1 Repetitive Rating: Pulse width limited by maximum junction temperature 2 Pulse Test: Pulse width < 380 s, Duty Cycle < 2% 3 See MIL-STD-750 Method 3471
4 Starting Tj = +25C, L = 5.26mH, RG = 25, Peak IL = 37A 5 dv/dt numbers reflect the limitations of the test circuit rather than the device itself. IS -ID37A di/dt 700A/s VR 1000V TJ 150C 6 Eon includes diode reverse recovery. See figures 18, 20.
APT Reserves the right to change, without notice, the specifications and information contained herein.
0.20
, THERMAL IMPEDANCE (C/W)
0.18 0.16 0.14 0.12 0.10 0.08 0.06 0.04 0.02 0 10-5 0.1 0.05 10-4 SINGLE PULSE 10 0.3 0.5 Note:
PDM t1 t2 Duty Factor D = t1/t2 Peak TJ = PDM x ZJC + TC
0.9
0.7
4-2004
050-7017 Rev C
Z
JC
10-3 10-2 10-1 1.0 RECTANGULAR PULSE DURATION (SECONDS) FIGURE 1, MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs PULSE DURATION
Typical Performance Curves
RC MODEL Junction temp. ( "C) 0.0244 0.0731F
100 90
ID, DRAIN CURRENT (AMPERES)
APT10021JLL
VGS =15 &10V 8V 7V 6.5 6V
80 70 60 50 40 30 20 10 0
Power (Watts)
5.5V
0.133
0.701F
0.0218 Case temperature
20.065F
5V
FIGURE 2, TRANSIENT THERMAL IMPEDANCE MODEL
RDS(ON), DRAIN-TO-SOURCE ON RESISTANCE
180 160
ID, DRAIN CURRENT (AMPERES)
VDS> ID (ON) x RDS(ON) MAX. 250 SEC. PULSE TEST @ <0.5 % DUTY CYCLE
0 5 10 15 20 25 30 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 3, LOW VOLTAGE OUTPUT CHARACTERISTICS 1.40
V
GS
NORMALIZED TO = 10V @ I = 18.5A
D
140 120 100 80 60 40 20 0 0 1 2 3 4 5 6 7 8 VGS, GATE-TO-SOURCE VOLTAGE (VOLTS) FIGURE 4, TRANSFER CHARACTERISTICS TJ = +125C TJ = +25C TJ = -55C
1.30 1.20 1.10 1.00 0.90 0.80 VGS=10V VGS=20V
0
40 35
ID, DRAIN CURRENT (AMPERES) BVDSS, DRAIN-TO-SOURCE BREAKDOWN VOLTAGE (NORMALIZED)
1.15
20 40 60 80 100 ID, DRAIN CURRENT (AMPERES) FIGURE 5, RDS(ON)vs DRAIN CURRENT
30 25 20 15 10 5 0 25
1.10
1.05
1.00
0.95
RDS(ON), DRAIN-TO-SOURCE ON RESISTANCE (NORMALIZED)
50 75 100 125 150 TC, CASE TEMPERATURE (C) FIGURE 6, MAXIMUM DRAIN CURRENT vs CASE TEMPERATURE 2.5
I
D
0.90 -50
-25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) FIGURE 7, BREAKDOWN VOLTAGE vs TEMPERATURE 1.2 1.1 1.0 0.9 0.8 0.7 0.6 -50
= 18.5A = 10V
V
2.0
1.5
1.0
VGS(TH), THRESHOLD VOLTAGE (NORMALIZED)
GS
0.5
0.0 -50
-25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) FIGURE 8, RDS(ON) vs. TEMPERATURE
-25 0 25 50 75 100 125 150 TC, CASE TEMPERATURE (C) FIGURE 9, THRESHOLD VOLTAGE vs TEMPERATURE
050-7017 Rev C
4-2004
148 100
ID, DRAIN CURRENT (AMPERES)
OPERATION HERE LIMITED BY RDS (ON)
30,000 100S
APT10021JLL
Ciss
50
C, CAPACITANCE (pF)
10,000
10
1mS
1,000
Coss
10mS TC =+25C TJ =+150C SINGLE PULSE
Crss 10
1
1 10 100 1000 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 10, MAXIMUM SAFE OPERATING AREA
I
D
0 10 20 30 40 50 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 11, CAPACITANCE vs DRAIN-TO-SOURCE VOLTAGE
IDR, REVERSE DRAIN CURRENT (AMPERES)
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
16
300
= 37A
12
100 TJ =+150C TJ =+25C
VDS=200V VDS=500V
8
VDS=800V
10
4
100 200 300 400 500 600 Qg, TOTAL GATE CHARGE (nC) FIGURE 12, GATE CHARGE vs GATE-TO-SOURCE VOLTAGE 400 td(off) 300
0
0
1 0.3 0.5 0.7 0.9 1.1 1.3 1.5 VSD, SOURCE-TO-DRAIN VOLTAGE (VOLTS) FIGURE 13, SOURCE-DRAIN DIODE FORWARD VOLTAGE 80 70 60
V
DD G
= 667V
R
= 5
T = 125C
J
L = 100H
td(on) and td(off) (ns)
V
DD G
= 667V
tf
R
= 5
200
T = 125C
J
tr and tf (ns)
50 40 30 20 tr
L = 100H
100 td(on) 0 5 10 15 20 25 30 35 40 45 50 55 60 ID (A) FIGURE 14, DELAY TIMES vs CURRENT
V
DD G
10 5 10 15 20 25 30 35 40 45 50 55 60 ID (A) FIGURE 15, RISE AND FALL TIMES vs CURRENT 12,000
V I
DD
0
4000 3500
SWITCHING ENERGY (J)
= 667V
= 667V
R
= 5
T = 125C
J
3000 2500 2000 1500 1000 500
EON includes diode reverse recovery.
SWITCHING ENERGY (J)
L = 100H
Eon
10,000 8,000 6,000 4,000 2,000 0
D J
= 37A
T = 125C L = 100H E ON includes diode reverse recovery.
Eoff
4-2004
Eon
Eoff
050-7017 Rev C
5 10 15 20 25 30 35 40 45 50 55 60 ID (A) FIGURE 16, SWITCHING ENERGY vs CURRENT
0
10 15 20 25 30 35 40 45 50 RG, GATE RESISTANCE (Ohms) FIGURE 17, SWITCHING ENERGY VS. GATE RESISTANCE
0
5
Typical Performance Curves
90% 10% Gate Voltage
APT10021JLL
td(on) tr
90% 5% 10% Switching Energy Drain Current 5% Drain Voltage
TJ125C
td(off)
90%
Gate Voltage Drain Voltage
T 125C J
tf
10% 0 Drain Current Switching Energy
Figure 18, Turn-on Switching Waveforms and Definitions
Figure 19, Turn-off Switching Waveforms and Definitions
APT30DF60
V DD
IC
V CE
G D.U.T.
Figure 20, Inductive Switching Test Circuit
SOT-227 (ISOTOP(R)) Package Outline
31.5 (1.240) 31.7 (1.248) 7.8 (.307) 8.2 (.322) W=4.1 (.161) W=4.3 (.169) H=4.8 (.187) H=4.9 (.193) (4 places) 11.8 (.463) 12.2 (.480) 8.9 (.350) 9.6 (.378) Hex Nut M4 (4 places)
r = 4.0 (.157) (2 places)
4.0 (.157) 4.2 (.165) (2 places)
25.2 (0.992) 0.75 (.030) 12.6 (.496) 25.4 (1.000) 0.85 (.033) 12.8 (.504)
14.9 (.587) 15.1 (.594) 30.1 (1.185) 30.3 (1.193) 38.0 (1.496) 38.2 (1.504)
* Source
Drain
* Source terminals are shorted internally. Current handling capability is equal for either Source terminal.
* Source Dimensions in Millimeters and (Inches)
ISOTOP(R) is a Registered Trademark of SGS Thomson.
Gate
APT's products are covered by one or more of U.S.patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. US and Foreign patents pending. All Rights Reserved.
050-7017 Rev C
4-2004
3.3 (.129) 3.6 (.143)
1.95 (.077) 2.14 (.084)


▲Up To Search▲   

 
Price & Availability of APT10021JLL04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X