Part Number Hot Search : 
70T03H 5236B MAX6161 1N941 TDA16 MICRF218 VC164245 MM3Z10VB
Product Description
Full Text Search
 

To Download APQO14 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Oscillator THT, programmable
APQO 14
Features: - Standard DIL 14 - Low cost to performane - 3.0 ~ 5.5 volt available - Tolerance and stability to 25ppm - Ultra low jitter <11ps
Specifications Frequency range Frequency stability Operating temperature Storage temperature Programmable voltage 1 ~ 133 MHz Programmable voltage 1 ~ 100 MHz Aging (ppm / Year), Ta = 25C, Vdd = 5 / 3.3 V Programmable output level APQO 14 1 ~ 133MHz 25ppm ~ 100ppm -0C ~ +70C - -40C ~ +85C -55C ~ +125C 4.0V ~ 5.5V 3.0V ~ 3.6V 5ppm CMOS / TTL Remarks Please specify Please specify Please specify
Operating conditions
Description
Vdd CTTL Supply voltage Max capacitive load on outputs for TTL levels 4.5 V ~ 5.5 V Vdd 40 MHz 4.5 V ~ 5.5 V Vdd > 40 ~ 133 MHz Max capacitive load on outputs for CMOS levels 4.5 V ~ 5.5 V Vdd 66 MHz 4.5 V ~ 5.5 V Vdd > 66 ~ 133 MHz 3.0 V ~ 3.6 V Vdd 40 MHz 3.0 V ~ 3.6 V Vdd > 40 ~ 100 MHz
Min
3.0
Max
5.5 50 25 50 25 30 15
Unit
V pF pF pF pF pF pF
CCMOS
Drawing
APQO 14
Dimensions in mm
Order key
O
Part O=Oscillator
- 50.000000M
Frequency M=MHz
- APQO 14
Type/Package APQO= programmable QO 14=DIL 14
- 50
Tolerance +/-ppm
- 5.0
Voltage 5,0=5,0Volt 3,3=3,3Volt
-D
Tem perature A= 0C - 70C
-T
Opion T=Tristate X=Special options
B=-10C - 60C C=-10C - 70C D=-20C - 70C E=-40C - 85C
Remarks: All specifications subject to change without notice!
3.3


▲Up To Search▲   

 
Price & Availability of APQO14

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X