Part Number Hot Search : 
02101 CRTOUCH 2SC3151M 30120 AN123 DTC124 AS2533 RN5RY202
Product Description
Full Text Search
 

To Download APM2317AC-TRL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APM2317A
P-Channel Enhancement Mode MOSFET
Features
*
-20V/-4.5A , RDS(ON)=28m (typ.) @ VGS=-4.5V RDS(ON)=38m (typ.) @ VGS=-2.5V RDS(ON)=55m (typ.) @ VGS=-1.8V
Pin Description
* * *
Super High Dense Cell Design Reliable and Rugged Lead Free Available (RoHS Compliant)
Top View of SOT-23
S
Applications
*
Power Management in Notebook Computer, Portable Equipment and Battery Powered Systems
D G
P-Channel MOSFET
Ordering and Marking Information
APM2317 Lead Free Code Handling Code Temp. Range Package Code Package Code A : SOT-23 Operating Junction Temp. Range C : -55 to 150 C Handling Code TR : Tape & Reel Lead Free Code L : Lead Free Device Blank : Original Device XXXXX - Date Code
APM2317A :
M17X
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte in plate termination finish; which are fully compliant with RoHS and compatible with both SnPb and lead-free soldiering operations. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J STD-020C for MSL classification at lead-free peak reflow temperature.
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise customers to obtain the latest version of relevant information to verify before placing orders. Copyright (c) ANPEC Electronics Corp. Rev. B.1 - May., 2006 1 www.anpec.com.tw
APM2317A
Absolute Maximum Ratings
Symbol VDSS VGSS ID* IDM* IS* TJ TSTG PD* RJA*
Note: *Surface Mounted on 1in2 pad area, t
(TA = 25C unless otherwise noted)
Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current 300s Pulsed Drain Current Diode Continuous Forward Current Maximum Junction Temperature Storage Temperature Range Maximum Power Dissipation Thermal Resistance-Junction to Ambient TA=25C TA=100C VGS=-4.5V
Rating -20 12 -4.5 -18 -1 150 -55 to 150 0.83 0.3 150
Unit
V A A C W C/W
10sec.
(TA = 25C unless otherwise noted)
Electrical Characteristics
Symbol Parameter
Test Condition
APM2317A Min. Typ. Max.
Unit
Static Characteristics BVDSS Drain-Source Breakdown Voltage VGS=0V, IDS=-250A IDSS VGS(th) IGSS RDS(ON) VSD
a a
-20 -1 -30 -0.5 -0.7 -1 100 28 38 55 -0.7 14 35 50 75 -1.3 20
V A V nA
Zero Gate Voltage Drain Current Gate Threshold Voltage Gate Leakage Current Drain-Source On-state Resistance Diode Forward Voltage
b
VDS=-16V, VGS=0V TJ=85C VDS=VGS, IDS=-250A VGS=12V, VDS=0V VGS=-4.5V, IDS=-4.5A VGS=-2.5V, IDS=-2.5A VGS=-1.8V, IDS=-2A ISD=-1A, VGS=0V
m V
Gate Charge Characteristics Qg Total Gate Charge Qgs Qgd Gate-Drain Charge
Gate-Source Charge
VDS=-10V, VGS=-4.5V, IDS=-4.5A
2.1 4.7
nC
Copyright (c) ANPEC Electronics Corp. Rev. B.1 - May., 2006
2
www.anpec.com.tw
APM2317A
Electrical Characteristics (Cont.)
Symbol Parameter
b
(TA = 25C unless otherwise noted)
APM2317A Min. Typ. Max.
Test Condition
Unit
Dynamic Characteristics RG Gate Resistance Ciss Coss Crss td(ON) tr td(OFF) tf
trr qrr Notes:
VGS=0V,VDS=0V,F=1MHz VGS=0V, VDS=-10V, Frequency=1.0MHz
7 1520 225 165 6 12 24 156 77 13 86 42 21 9
pF
Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Turn-on Rise Time Turn-off Delay Time Turn-off Fall Time Reverse Recovery Time Reverse Recovery Charge
VDD=-10V, RL=10, IDS=-1A, VGEN=-4.5V, RG=6
ns
ISD=-4.5A, dlSD/dt =100A/s
ns nC
a : Pulse test ; pulse width300s, duty cycle2%. b : Guaranteed by design, not subject to production testing.
Copyright (c) ANPEC Electronics Corp. Rev. B.1 - May., 2006
3
www.anpec.com.tw
APM2317A
Typical Characteristics
Power Dissipation
1.0 0.9 0.8
5.0 4.5 4.0
Drain Current
-ID - Drain Current (A)
0.7
3.5 3.0 2.5 2.0 1.5 1.0 0.5 TA=25 C,VG=-4.5V 0 20 40 60 80 100 120 140 160
o
Ptot - Power (W)
0.6 0.5 0.4 0.3 0.2 0.1 0.0 TA=25 C 0 20 40 60 80 100 120 140 160
o
0.0
Tj - Junction Temperature (C)
Tj - Junction Temperature (C)
Safe Operation Area
50
Thermal Transient Impedance
2
Normalized Transient Thermal Resistance
1
Duty = 0.5 0.2 0.1
-ID - Drain Current (A)
Rd s(o n) Lim it
10
300s 1ms
0.1
0.05 0.02 0.01
1
10ms
0.1
100ms 1s DC
0.01
Single Pulse
T =25 C 0.01 A 0.01 0.1
o
1
10
100
1E-3 1E-4 1E-3 0.01
Mounted on 1in pad o RJA : 150 C/W
2
0.1
1
10
100
-VDS - Drain - Source Voltage (V)
Square Wave Pulse Duration (sec)
Copyright (c) ANPEC Electronics Corp. Rev. B.1 - May., 2006
4
www.anpec.com.tw
APM2317A
Typical Characteristics (Cont.)
Output Characteristics
18 16 14 VGS= -3, -4, -5, -6, -7, -8, -9, -10V
100 90
Drain-Source On Resistance
RDS(ON) - On - Resistance (m)
-2V
80 70 60 50 40 30 20 10 0
VGS=1.8V
-ID - Drain Current (A)
12 10 8 6 4 2 0 0.0 -1.5V
VGS=2.5V VGS=4.5V
0.5
1.0
1.5
2.0
2.5
3.0
0
3
6
9
12
15
18
-VDS - Drain - Source Voltage (V)
-ID - Drain Current (A)
Drain-Source On Resistance
80 ID= -4.5A 70
Gate Threshold Voltage
1.8 IDS = -250A 1.6
RDS(ON) - On - Resistance (m)
Normalized Threshold Voltage
0 1 2 3 4 5 6 7 8 9 10
60 50 40 30 20 10 0
1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 -50 -25
0
25
50
75 100 125 150
-VGS - Gate - Source Voltage (V)
Tj - Junction Temperature (C)
Copyright (c) ANPEC Electronics Corp. Rev. B.1 - May., 2006
5
www.anpec.com.tw
APM2317A
Typical Characteristics (Cont.)
Drain-Source On Resistance
1.8 VGS = -4.5V 1.6 IDS = -4.5A
Source-Drain Diode Forward
20 10 Tj=150 C
o
Normalized On Resistance
1.2 1.0 0.8 0.6 RON@Tj=25 C: 28m 0.4 -50 -25 0 25 50 75 100 125 150
o
-IS - Source Current (A)
1.4
Tj=25 C 1
o
0.1 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6
Tj - Junction Temperature (C)
-VSD - Source - Drain Voltage (V)
Capacitance
2100 1800 Frequency=1MHz
Gate Charge
5.0 4.5 VDS= -10V ID = -4.5A
-VGS - Gate-source Voltage (V)
20
4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5
C - Capacitance (pF)
1500 1200 900 600 300 Crss 0 0 4 8 12
Ciss
Coss
16
0.0
0
2
4
6
8
10
12
14
16
-VDS - Drain - Source Voltage (V)
QG - Gate Charge (nC)
Copyright (c) ANPEC Electronics Corp. Rev. B.1 - May., 2006
6
www.anpec.com.tw
APM2317A
Packaging Information
SOT-23
D B
3 E 1 2 H
e
A
A1
L
C
Dim A A1 B C D E e H L
Millimeters Min. 1.00 0.00 0.35 0.10 2.70 1.40 1.90/2.1 BSC. 2.40 0.37 3.00 Max. 1.30 0.10 0.51 0.25 3.10 1.80 Min. 0.039 0.000 0.014 0.004 0.106 0.055
Inches Max. 0.051 0.004 0.020 0.010 0.122 0.071 0.075/0.083 BSC. 0.094 0.118 0.015
Copyright (c) ANPEC Electronics Corp. Rev. B.1 - May., 2006
7
www.anpec.com.tw
APM2317A
Physical Specifications
Terminal Material Lead Solderability Solder-Plated Copper (Solder Material : 90/10 or 63/37 SnPb), 100%Sn Meets EIA Specification RSI86-91, ANSI/J-STD-002 Category 3.
Reflow Condition
TP
(IR/Convection or VPR Reflow)
tp Critical Zone T L to T P
Ramp-up
Temperature
TL Tsmax
tL
Tsmin Ramp-down ts Preheat
25
t 25 C to Peak
Tim e
Classification Reflow Profiles
Profile Feature Average ramp-up rate (TL to TP) Preheat - Temperature Min (Tsmin) - Temperature Max (Tsmax) - Time (min to max) (ts) Time maintained above: - Temperature (TL) - Time (tL) Peak/Classificatioon Temperature (Tp) Time within 5C of actual Peak Temperature (tp) Ramp-down Rate Sn-Pb Eutectic Assembly 3C/second max. 100C 150C 60-120 seconds 183C 60-150 seconds See table 1 10-30 seconds Pb-Free Assembly 3C/second max. 150C 200C 60-180 seconds 217C 60-150 seconds See table 2 20-40 seconds
6C/second max. 6C/second max. 6 minutes max. 8 minutes max. Time 25C to Peak Temperature Notes: All temperatures refer to topside of the package .Measured on the body surface.
Copyright (c) ANPEC Electronics Corp. Rev. B.1 - May., 2006 8 www.anpec.com.tw
APM2317A
Classification Reflow Profiles (Cont.)
Table 1. SnPb Entectic Process - Package Peak Reflow Temperatures 3 3 Package Thickness Volume mm Volume mm <350 350 <2.5 m m 240 +0/-5C 225 +0/-5C 2.5 m m 225 +0/-5C 225 +0/-5C Table 2. Pb-free Process - Package Classification Reflow Temperatures 3 3 3 Package Thickness Volum e m m Volume mm Volume mm <350 350-2000 >2000 <1.6 m m 260 +0C* 260 +0C* 260 +0C* 1.6 m m - 2.5 m m 260 +0C* 250 +0C* 245 +0C* 2.5 m m 250 +0C* 245 +0C* 245 +0C* *Tolerance: The device manufacturer/supplier shall assure process compatibility up to and including the stated classification temperature (this means Peak reflow temperature +0C. For example 260C+0C) at the rated MSL level.
Reliability Test Program
Test item SOLDERABILITY HOLT PCT TST Method MIL-STD-883D-2003 MIL-STD 883D-1005.7 JESD-22-B, A102 MIL-STD 883D-1011.9 Description 245C,5 SEC 1000 Hrs Bias @ 125C 168 Hrs, 100% RH, 121C -65C ~ 150C, 200 Cycles
Carrier Tape & Reel Dimensions
t E Po P P1 D
F W
Bo
Ao
D1
Ko
Copyright (c) ANPEC Electronics Corp. Rev. B.1 - May., 2006
9
www.anpec.com.tw
APM2317A
Carrier Tape & Reel Dimensions
T2
J C A B
T1
Application
A 1781
B 60 1.0 D 1.5 +0.1
C 12.0 D1 p0.1MIN
J
T1
T2 1.4 Ao 3.1
2.5 0.15 9.0 0.5 Po 4.0 P1 2.0 0.05
W 8.0+ 0.3 - 0.3 Bo 3.0
P 4.0 Ko 1.3
E 1.75 t 0.20.03 (mm)
SOT-23
F 3.5 0.05
Cover Tape Dimensions
Application SOT- 23 Carrier Width 8 Cover Tape Width 5.3 Devices Per Reel 3000
Customer Service
Anpec Electronics Corp. Head Office : No.6, Dusing 1st Road, SBIP, Hsin-Chu, Taiwan, R.O.C. Tel : 886-3-5642000 Fax : 886-3-5642050 Taipei Branch : 7F, No. 137, Lane 235, Pac Chiao Rd., Hsin Tien City, Taipei Hsien, Taiwan, R. O. C. Tel : 886-2-89191368 Fax : 886-2-89191369
Copyright (c) ANPEC Electronics Corp. Rev. B.1 - May., 2006
10
www.anpec.com.tw


▲Up To Search▲   

 
Price & Availability of APM2317AC-TRL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X