Part Number Hot Search : 
TDA9160 90858 SS9015 A1441 1N4761 Q6700 CONTROLS D2012
Product Description
Full Text Search
 

To Download APL3015SURC-F01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.0mmx1.5mm SMD CHIP LED LAMP
APL3015SURC-F01
HYPER RED
Features
zLOW
z3.0mmx1.5mm zWIDE
Description
SMT LED, 1.4mm THICKNESS. The Hyper Red source color devices are made with DH InGaAlP on GaAs substrate Light Emitting Diode.
POWER CONSUMPTION. VIEWING ANGLE. FOR BACKLIGHT AND INDICATOR. COLORS AND LENS TYPES AVAILABLE. : 2000PCS / REEL.
zIDEAL
zVARIOUS zRoHS
zPACKAGE
COMPLIANT.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.2(0.0079") unless otherwise noted. 3. Specifications are subject to change without notice.
SPEC NO: DSAF1077 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: MAR/15/2005 DRAWN: S.H.CHEN
PAGE: 1 OF 4 ERP:1203001626-01
Selection Guide
Part No. Dice Lens Type Iv (mcd) @ 20 mA Min. APL3015SURC-F01 HYPER RED (InGaAlP) WATER CLEAR 110 Typ. 280 Viewing Angle 21/2 70
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25C
Symbol peak D 1/2 C VF IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Hyper Red Hyper Red Hyper Red Hyper Red Hyper Red Hyper Red Typ. 640 628 27 45 1.9 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Hyper Red 170 30 185 5 -40C To +85C
Units mW mA mA V
SPEC NO: DSAF1077 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: MAR/15/2005 DRAWN: S.H.CHEN
PAGE: 2 OF 4 ERP:1203001626-01
Hyper Red
APL3015SURC-F01
SPEC NO: DSAF1077 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: MAR/15/2005 DRAWN: S.H.CHEN
PAGE: 3 OF 4 ERP:1203001626-01
APL3015SURC-F01
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
If special sorting is required (e.g. binning based on forward voltage, luminous intensity, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
SPEC NO: DSAF1077 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: MAR/15/2005 DRAWN: S.H.CHEN
PAGE: 4 OF 4 ERP:1203001626-01


▲Up To Search▲   

 
Price & Availability of APL3015SURC-F01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X