Part Number Hot Search : 
M29BU 12K8EC 12K8EC LBN70A58 256710 KP375 MGCT03 13000
Product Description
Full Text Search
 

To Download APL3015PBC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.0x1.5mm SMD CHIP LED LAMP
APL3015PBC BLUE
Features
!3.0mmx1.5mm SMT LED, 1.4mm THICKNESS. !LOW POWER CONSUMPTION. !WIDE VIEWING ANGLE. !IDEAL FOR BACKLIGHT AND INDICATOR. !VARIOUS COLORS AND LENS TYPES AVAILABLE. !INNER LENS TYPE. !PACKAGE : 2000PCS / REEL.
Description
The Blue source color devices are made with InGaN on SiC Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.2(0.0079") unless otherwise noted. 3. Lead spacing is measured where the lead emerge package. 4. Specifications are subject to change without notice.
SPEC NO: CDA0332 APPROVED : J. Lu
REV NO: V.1 CHECKED :
DATE: OCT/25/2001 DRAWN: M.F.CAI
PAGE: 1 OF4
Selection Guide
Par t No . Dic e L en s Ty p e Iv (mc d ) @ 20 mA Mi n . APL3015PBC BLUE (InGaN) WATER CLEAR 20 Ty p . 75 Viewin g An g le 21/2 70
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25C
Sy mb o l peak D 1/2 C VF I
R
Par amet er Peak Wavelength Dominate Wavelength Spectral Line Halfwidth Capacitance Forward Voltage Reverse Current
Dev ic e Blue Blue Blue Blue Blue Blue
Ty p . 468 465 25 65 3.65
Max .
Un it s nm nm nm pF
Tes t Co n d it io n s IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
4.2 10
V uA
Absolute Maximum Ratings at TA=25C
Par amet er Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating Temperature Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Pu r e Gr een 102 30 160 5 -20C To +80C -30C To +85C
Un it s mW mA mA V
SPEC NO: CDA0332 APPROVED : J. Lu
REV NO: V.1 CHECKED :
DATE: OCT/25/2001 DRAWN: M.F.CAI
PAGE: 2 OF4
Blue APL3015PBC
SPEC NO: CDA0332 APPROVED : J. Lu
REV NO: V.1 CHECKED :
DATE: OCT/25/2001 DRAWN: M.F.CAI
PAGE: 3 OF4
APL3015PBC SMT Reflow Soldering Instructions
Number of reflow process shall be less than 2 times and cooling process to normal temperature is required between first and second soldering process.
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
SPEC NO: CDA0332 APPROVED : J. Lu
REV NO: V.1 CHECKED :
DATE: OCT/25/2001 DRAWN: M.F.CAI
PAGE: 4 OF4


▲Up To Search▲   

 
Price & Availability of APL3015PBC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X