Part Number Hot Search : 
XM20C64 5DX103Z2 4730A 18CV8Z GL8EG23 CMOZ27VC HT7700A KSC3502
Product Description
Full Text Search
 

To Download APKF3030SUVGABEC-F01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.0mmx3.0mm FULL-COLOR SURFACE MOUNT LED LAMP
PRELIMINARY SPEC
ATTENTION
OBSERVE PRECAUTIONS FOR HANDLING ELECTROSTATIC DISCHARGE SENSITIVE DEVICES
Part Number: APKF3030SUVGABEC-F01 HYPER RED GREEN BLUE
Features
LOW POWER CONSUMPTION. 3.0mmx3.0mm SMT LED, 2.0mm(MAX.) THICKNESS. ONE RED, ONE GREEN AND ONE BLUE CHIPS IN ONE PACKAGE. CAN PRODUCE ANY COLOR IN VISIBLE SPECTRUM, INCLUDING WHITE LIGHT. PACKAGE : 1000PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 4. RoHS COMPLIANT.
Description
The Hyper Red source color devices are made with DH InGaAlP on GaAs substrate Light Emitting Diode. The Green source color devices are made with InGaN on G-SiC Light Emitting Diode. The Blue source color devices are made with InGaN on SiC Light Emitting Diode. Static electricity and surge damage the LEDS. It is recommended to use a wrist band or anti-electrostatic glove when handling the LEDs. All devices, equipment and machinery must be electrically grounded.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.2(0.008") unless otherwise noted. 3.Specifications are subject to change without notice.
SPEC NO: DSAG5763 APPROVED: J. Lu
REV NO: V.2 CHECKED: Allen Liu
DATE: JUN/24/2006 DRAWN: Z.Z.YANG
PAGE: 1 OF 7 ERP: 1204000834
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] @ 20mA Min. HYPER RED (InGaAlP) APKF3030SUVGABEC-F01 GREEN (InGaN) BLUE (InGaN)
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous Intensity/ Luminous Flux: +/-15%.
Viewing Angle [1] 21/2
Typ. 220 250 120
110 WATER CLEAR 110 50
100
Electrical / Optical Characteristics at TA=25C
Symbol peak Parameter Peak Wavelength Device Hyper Red Green Blue Hyper Red Green Blue Hyper Red Green Blue Hyper Red Green Blue Hyper Red Green Blue Hyper Red Green Blue Typ. 640 520 465 628 525 470 27 35 25 45 100 110 1.9 3.2 3.7 2.5 4.0 4.3 10 10 10 Max. Units nm Test Conditions IF=20mA
D [1]
Dominant Wavelength
nm
IF=20mA
1/2
Spectral Line Half-width
nm
IF=20mA
C
Capacitance
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
V
IF=20mA
IR
Reverse Current
uA
VR = 5V
Notes: 1. Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Hyper Red 75 30 185
Green 120 30 100 5 -40C To +85C
Blue 129 30 160
Units mW mA mA V
SPEC NO: DSAG5763 APPROVED: J. Lu
REV NO: V.2 CHECKED: Allen Liu
DATE: JUN/24/2006 DRAWN: Z.Z.YANG
PAGE: 2 OF 7 ERP: 1204000834
APKF3030SUVGABEC-F01 Hyper Red
SPEC NO: DSAG5763 APPROVED: J. Lu
REV NO: V.2 CHECKED: Allen Liu
DATE: JUN/24/2006 DRAWN: Z.Z.YANG
PAGE: 3 OF 7 ERP: 1204000834
Green
SPEC NO: DSAG5763 APPROVED: J. Lu
REV NO: V.2 CHECKED: Allen Liu
DATE: JUN/24/2006 DRAWN: Z.Z.YANG
PAGE: 4 OF 7 ERP: 1204000834
Blue
SPEC NO: DSAG5763 APPROVED: J. Lu
REV NO: V.2 CHECKED: Allen Liu
DATE: JUN/24/2006 DRAWN: Z.Z.YANG
PAGE: 5 OF 7 ERP: 1204000834
APKF3030SUVGABEC-F01
Recommended Soldering Pattern (Units : mm; Tolerance: 0.1)
Tape Specifications (Units : mm)
SPEC NO: DSAG5763 APPROVED: J. Lu
REV NO: V.2 CHECKED: Allen Liu
DATE: JUN/24/2006 DRAWN: Z.Z.YANG
PAGE: 6 OF 7 ERP: 1204000834
PACKING & LABEL SPECIFICATIONS
APKF3030SUVGABEC-F01
SPEC NO: DSAG5763 APPROVED: J. Lu
REV NO: V.2 CHECKED: Allen Liu
DATE: JUN/24/2006 DRAWN: Z.Z.YANG
PAGE: 7 OF 7 ERP: 1204000834


▲Up To Search▲   

 
Price & Availability of APKF3030SUVGABEC-F01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X