Part Number Hot Search : 
R4000 F2G08 Z6047 GBJ10005 R4000 GPTS7224 SFP963 GST120A
Product Description
Full Text Search
 

To Download APKA2810TGC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2.8X1.0mm RIGHT ANGLE SMD CHIP LED LAMP
ATTENTION
OBSERVE PRECAUTIONS FOR HANDLING ELECTROSTATIC DISCHARGE SENSITIVE DEVICES
APKA2810TGC
GREEN
Features
2.8mmX1.0mm RIGHT ANGLE SMT LED, 1.2mm THICKNESS. LOW POWER CONSUMPTION. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE : 2000PCS / REEL. RoHS COMPLIANT.
Description
The Green source color devices are made with InGaN on SiC Light Emitting Diode. Static electricity and surge damage the LEDS. It is recommended to use a wrist band or anti-electrostatic glove when handling the LEDs. All devices, equipment and machinery must be electrically grounded.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Specifications are subject to change without notice.
SPEC NO: DSAD1134 APPROVED: J. Lu
REV NO: V.3 CHECKED: Allen Liu
DATE: JUL/02/2005 DRAWN: W.J.ZHU
PAGE: 1 OF 5 ERP:1204000371
Selection Guide
Part No. Dice Lens Type Iv (mcd) @ 20mA Min. APKA2810TGC GREEN (InGaN) WATER CLEAR 70 Typ. 150 Viewing Angle 21/2 90
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25C
Symbol peak D 1/2 C VF IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Green Green Green Green Green Green Typ. 500 505 30 56 3.6 4.4 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Green 110 30 150 5 -40C To +85C
Units mW mA mA V
SPEC NO: DSAD1134 APPROVED: J. Lu
REV NO: V.3 CHECKED: Allen Liu
DATE: JUL/02/2005 DRAWN: W.J.ZHU
PAGE: 2 OF 5 ERP:1204000371
Green
APKA2810TGC
SPEC NO: DSAD1134 APPROVED: J. Lu
REV NO: V.3 CHECKED: Allen Liu
DATE: JUL/02/2005 DRAWN: W.J.ZHU
PAGE: 3 OF 5 ERP:1204000371
APKA2810TGC
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
SPEC NO: DSAD1134 APPROVED: J. Lu
REV NO: V.3 CHECKED: Allen Liu
DATE: JUL/02/2005 DRAWN: W.J.ZHU
PAGE: 4 OF 5 ERP:1204000371
PACKING & LABEL SPECIFICATIONS
APKA2810TGC
Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
SPEC NO: DSAD1134 APPROVED: J. Lu
REV NO: V.3 CHECKED: Allen Liu
DATE: JUL/02/2005 DRAWN: W.J.ZHU
PAGE: 5 OF 5 ERP:1204000371


▲Up To Search▲   

 
Price & Availability of APKA2810TGC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X