Part Number Hot Search : 
SAA5045 R7709 1N5253B IH1203S LTC3605 TK4A50D I74F113N 2FB60M
Product Description
Full Text Search
 

To Download APKA2810SYC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2.8X1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APKA2810SYC
SUPER BRIGHT YELLOW
Features
2.8mmX1.0mm RIGHT ANGLE SMT LED, 1.2mm THICKNESS. LOW POWER CONSUMPTION. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE : 2000PCS / REEL. RoHS COMPLIANT.
Description
The Super Bright Yellow device is made with DH InGaAlP (on GaAs substrate) light emitting diode chip.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Specifications are subject to change without notice.
SPEC NO: DSAD1130 APPROVED: J. Lu
REV NO: V.3 CHECKED: Allen Liu
DATE: JUL/02/2005 DRAWN: W.J.ZHU
PAGE: 1 OF 5 ERP:1204000241
Selection Guide
Iv (mcd) @ 20 mA Min. APKA2810SYC SUPER BRIGHT YELLOW (InGaAlP) WATER CLEAR 50 Typ. 150 Viewing Angle 21/2 90
Part No.
Dice
Lens Type
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25C
Symbol peak D 1/2 C VF IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Super Bright Yellow Super Bright Yellow Super Bright Yellow Super Bright Yellow Super Bright Yellow Super Bright Yellow Typ. 590 588 28 25 2.0 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Super Bright Yellow 125 30 150 5 -40C To +85C
Units mW mA mA V
SPEC NO: DSAD1130 APPROVED: J. Lu
REV NO: V.3 CHECKED: Allen Liu
DATE: JUL/02/2005 DRAWN: W.J.ZHU
PAGE: 2 OF 5 ERP:1204000241
Super Bright Yellow
APKA2810SYC
SPEC NO: DSAD1130 APPROVED: J. Lu
REV NO: V.3 CHECKED: Allen Liu
DATE: JUL/02/2005 DRAWN: W.J.ZHU
PAGE: 3 OF 5 ERP:1204000241
APKA2810SYC
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
SPEC NO: DSAD1130 APPROVED: J. Lu
REV NO: V.3 CHECKED: Allen Liu
DATE: JUL/02/2005 DRAWN: W.J.ZHU
PAGE: 4 OF 5 ERP:1204000241
PACKING & LABEL SPECIFICATIONS
APKA2810SYC
Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
SPEC NO: DSAD1130 APPROVED: J. Lu
REV NO: V.3 CHECKED: Allen Liu
DATE: JUL/02/2005 DRAWN: W.J.ZHU
PAGE: 5 OF 5 ERP:1204000241


▲Up To Search▲   

 
Price & Availability of APKA2810SYC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X