Part Number Hot Search : 
ICX405AL KLLU2500 SP02041 IRFN054 28F00 SW7N65DW M4001 CX4HGSM
Product Description
Full Text Search
 

To Download APKA2810MGCK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2.8X1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APKA2810MGCK MEGA GREEN
Features
2.8mmX1.0mm RIGHT ANGLE SMT LED, 1.2mm THICKNESS. LOW POWER CONSUMPTION. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE : 2000PCS / REEL. RoHS COMPLIANT.
Description
The Mega Green source color devices are made with DH InGaAlP on GaAs substrate Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Specifications are subject to change without notice.
SPEC NO: DSAD1133 APPROVED: J. Lu
REV NO: V.3 CHECKED: Allen Liu
DATE: JUL/02/2005 DRAWN: W.J.ZHU
PAGE: 1 OF 5 ERP:1204000218
Selection Guide
Iv (mcd) @ 20mA Min. APKA2810MGCK MEGA GREEN (InGaAlP) WATER CLEAR 36 Typ. 80 Viewing Angle 21/2 90
Part No.
Dice
Lens Type
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25C
Symbol peak D 1/2 C VF IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Mega Green Mega Green Mega Green Mega Green Mega Green Mega Green Typ. 574 570 20 15 2.1 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Mega Green 105 30 150 5 -40C To +85C
Units mW mA mA V
SPEC NO: DSAD1133 APPROVED: J. Lu
REV NO: V.3 CHECKED: Allen Liu
DATE: JUL/02/2005 DRAWN: W.J.ZHU
PAGE: 2 OF 5 ERP:1204000218
Mega Green
APKA2810MGCK
SPEC NO: DSAD1133 APPROVED: J. Lu
REV NO: V.3 CHECKED: Allen Liu
DATE: JUL/02/2005 DRAWN: W.J.ZHU
PAGE: 3 OF 5 ERP:1204000218
APKA2810MGCK
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
SPEC NO: DSAD1133 APPROVED: J. Lu
REV NO: V.3 CHECKED: Allen Liu
DATE: JUL/02/2005 DRAWN: W.J.ZHU
PAGE: 4 OF 5 ERP:1204000218
PACKING & LABEL SPECIFICATIONS
APKA2810MGCK
Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
SPEC NO: DSAD1133 APPROVED: J. Lu
REV NO: V.3 CHECKED: Allen Liu
DATE: JUL/02/2005 DRAWN: W.J.ZHU
PAGE: 5 OF 5 ERP:1204000218


▲Up To Search▲   

 
Price & Availability of APKA2810MGCK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X