|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
3.5x2.0mm SMD CHIP LED LAMP APK3520SEC SUPER BRIGHT ORANGE Features !3.5mmX2.0mm SMT !LOW Description LED, 1.3mm THICKNESS. The Super Bright Orange source color devices are made with DH InGaAlP on GaAs substrate Light Emitting Diode. POWER CONSUMPTION. VIEWING ANGLE. FOR BACKLIGHT AND INDICATOR. COLORS AND LENS TYPES AVAILABLE. : 2000PCS / REEL. !WIDE !IDEAL !VARIOUS !PACKAGE Package Dimensions Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.2(0.0079") unless otherwise noted. 3. Specifications are subject to change without notice. SPEC NO: DSAD1162 APPROVED : J. Lu REV NO: V.1 CHECKED : Allen Liu DATE:MAR/26/2003 DRAWN:D.L.HUANG PAGE: 1 OF 4 Selection Guide Par t No . A P K 3520S E C Dic e SUPER BRIGHT ORANGE ( InGaAlP ) L en s Ty p e WATER CLEAR Iv (m c d ) @ 20 m A Min . 110 Ty p . 30 0 V i ew i n g An g l e 21/2 120 Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. Electrical / Optical Characteristics at T)=25C Sy m b o l peak D 1/2 C VF IR Par am et er Peak Wavelength Dominate Wavelength D ev i c e Super Bright Orange Super Bright Orange Ty p . 6 10 601 29 30 2.0 2.5 10 Max . Un it s nm nm nm pF V uA Tes t Co n d it io n s I F =20mA I F =20mA I F =20mA VF=0V;f=1MHz I F =20mA VR = 5V Spectral Line Half-width Super Bright Orange Capacitance Forward Voltage Reverse Current Super Bright Orange Super Bright Orange Super Bright Orange Absolute Maximum Ratings at T)=25C Par am et er Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. Su p er B r ig h t Or an g e 75 30 195 5 -40C To +85C Un it s mW mA mA V SPEC NO: DSAD1162 APPROVED : J. Lu REV NO: V.1 CHECKED : Allen Liu DATE:MAR/26/2003 DRAWN:D.L.HUANG PAGE: 2 OF 4 Super Bright Orange APK3520SEC SPEC NO: DSAD1162 APPROVED : J. Lu REV NO: V.1 CHECKED : Allen Liu DATE:MAR/26/2003 DRAWN:D.L.HUANG PAGE: 3 OF 4 APK3520SEC SMT Reflow Soldering Instructions Number of reflow process shall be less than 2 times and cooling process to normal temperature is required between first and second soldering process. Recommended Soldering Pattern (Units : mm) Tape Specifications (Units : mm) SPEC NO: DSAD1162 APPROVED : J. Lu REV NO: V.1 CHECKED : Allen Liu DATE:MAR/26/2003 DRAWN:D.L.HUANG PAGE: 4 OF 4 |
Price & Availability of APK3520SEC |