Part Number Hot Search : 
BZV62 K1299 8M07C 10180 BR103 KK431 MC13022 2N5786
Product Description
Full Text Search
 

To Download APJA2107PBCA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2.1x0.7mm RIGHT ANGLE SMD CHIP LED LAMP
ATTENTION
OBSERVE PRECAUTIONS FOR HANDLING ELECTROSTATIC DISCHARGE SENSITIVE DEVICES
Part Number: APJA2107PBC/A
BLUE
Features
2.1mmx0.7mm RIGHT ANGLE SMT LED, 1.3mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE : 2000PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 3. RoHS COMPLIANT.
Description
The Blue source color devices are made with InGaN on SiC Light Emitting Diode. Static electricity and surge damage the LEDS. It is recommended to use a wrist band or anti-electrostatic glove when handling the LEDs. All devices, equipment and machinery must be electrically grounded.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.15(0.006") unless otherwise noted. 3. Specifications are subject to change without notice.
SPEC NO: DSAG3309 APPROVED: J. Lu
REV NO: V.2 CHECKED: Allen Liu
DATE: JUN/12/2006 DRAWN: Y.W.WANG
PAGE: 1 OF 5 ERP:1203004175
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] @ 20 mA Min. APJA2107PBC/A BLUE (InGaN) WATER CLEAR 18 Typ. 60 Viewing Angle [1] 21/2 120
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2.Luminous Intensity / Luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Blue Blue Blue Blue Blue Blue Device Typ. 468 470 21 100 3.3 3.8 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Notes: 1. Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Blue 114 30 100 5 -40C To +85C
Units mW mA mA V
SPEC NO: DSAG3309 APPROVED: J. Lu
REV NO: V.2 CHECKED: Allen Liu
DATE: JUN/12/2006 DRAWN: Y.W.WANG
PAGE: 2 OF 5 ERP:1203004175
Blue
APJA2107PBC/A
SPEC NO: DSAG3309 APPROVED: J. Lu
REV NO: V.2 CHECKED: Allen Liu
DATE: JUN/12/2006 DRAWN: Y.W.WANG
PAGE: 3 OF 5 ERP:1203004175
APJA2107PBC/A
Recommended Soldering Pattern (Units : mm; Tolerance: 0.1)
Tape Specifications (Units : mm)
SPEC NO: DSAG3309 APPROVED: J. Lu
REV NO: V.2 CHECKED: Allen Liu
DATE: JUN/12/2006 DRAWN: Y.W.WANG
PAGE: 4 OF 5 ERP:1203004175
PACKING & LABEL SPECIFICATIONS
APJA2107PBC/A
SPEC NO: DSAG3309 APPROVED: J. Lu
REV NO: V.2 CHECKED: Allen Liu
DATE: JUN/12/2006 DRAWN: Y.W.WANG
PAGE: 5 OF 5 ERP:1203004175


▲Up To Search▲   

 
Price & Availability of APJA2107PBCA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X