Part Number Hot Search : 
LTC4410 AZ393MTR TOP246 CT208 OP17902 P1300ZB DTC124E 06M00
Product Description
Full Text Search
 

To Download APJA2107PBC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2.1x0.7 mm RIGHT ANGLE SMD CHIP LED LAMP
ATTENTION
OBSERVE PRECAUTIONS FOR HANDLING ELECTROSTATIC DISCHARGE SENSITIVE DEVICES
APJA2107PBC
BLUE
Features
2.1mmx0.7mm RIGHT ANGLE SMT LED, 1.3mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE : 2000PCS / REEL. RoHS COMPLIANT.
Description
The Blue source color devices are made with InGaN on SiC Light Emitting Diode. Static electricity and surge damage the LEDS. It is recommended to use a wrist band or anti-electrostatic glove when handling the LEDs. All devices, equipment and machinery must be electrically grounded.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.15(0.006") unless otherwise noted. 3. Specifications are subject to change without notice.
SPEC NO: DSAC4199 APPROVED: J. Lu
REV NO: V.4 CHECKED: Allen Liu
DATE: JUN/30/2005 DRAWN: H.Q.YUAN
PAGE: 1 OF 5 ERP:1203001512
Selection Guide
Iv (mcd) @ 20mA Min. APJA2107PBC BLUE (InGaN) WATER CLEAR 18 Typ. 60 Viewing Angle 2 1/2 120
Part No.
Dice
Lens Type
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25C
Symbol peak D 1/2 C VF IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Blue Blue Blue Blue Blue Blue Device Typ. 468 470 25 65 3.65 4.2 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Blue 102 30 160 5 -40C To +85C
Units mW mA mA V
SPEC NO: DSAC4199 APPROVED: J. Lu
REV NO: V.4 CHECKED: Allen Liu
DATE: JUN/30/2005 DRAWN: H.Q.YUAN
PAGE: 2 OF 5 ERP:1203001512
Blue
APJA2107PBC
SPEC NO: DSAC4199 APPROVED: J. Lu
REV NO: V.4 CHECKED: Allen Liu
DATE: JUN/30/2005 DRAWN: H.Q.YUAN
PAGE: 3 OF 5 ERP:1203001512
APJA2107PBC
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
SPEC NO: DSAC4199 APPROVED: J. Lu REV NO: V.4 CHECKED: Allen Liu DATE: JUN/30/2005 DRAWN: H.Q.YUAN PAGE: 4 OF 5 ERP:1203001512
PACKING & LABEL SPECIFICATIONS
APJA2107PBC
SPEC NO: DSAC4199 APPROVED: J. Lu
REV NO: V.4 CHECKED: Allen Liu
DATE: JUN/30/2005 DRAWN: H.Q.YUAN
PAGE: 5 OF 5 ERP:1203001512


▲Up To Search▲   

 
Price & Availability of APJA2107PBC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X