Part Number Hot Search : 
24AA0 5SDF07F4 CM3627 RT8868A UPD573 C34063A SF2171H CM33D
Product Description
Full Text Search
 

To Download APHS1005SURCK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1.0X0.5mm SMD CHIP LED LAMP
APHS1005SURCK
HYPER RED
Features
1.0mmX0.5mm SMT LED, 0.5mm THICKNESS. LOW POWER CONSUMPTION. W IDE VIEW ING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE: 2000PCS / REEL . RoHS COMPLIANT.
Description
The Hyper Red source color devices are made with DH InGaAlP on GaAs substrate Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.1(0.004") unless otherwise noted. 3.Specifications are subject to change without notice.
SPEC NO: DSAA8724 APPROVED: J. Lu
REV NO: V.7 CHECKED: Allen Liu
DATE: MAR/14/2005 DRAWN: B.H.LI
PAGE: 1 OF 4 ERP: 1203001480
Selection Guide
Part No. Dice Lens Type Iv (mcd) @ 20mA Min. APHS1005SURCK HYPER RED (InGaAlP) WATER CLEAR 50 Typ. 150 Viewing Angle 21/2 120
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25C
Symbol peak D 1/2 C VF IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Hyper Red Hyper Red Hyper Red Hyper Red Hyper Red Hyper Red Typ. 650 635 28 35 1.95 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating / storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Hyper Red 170 30 185 5 -40C To +85C
Units mW mA mA V
SPEC NO: DSAA8724 APPROVED: J. Lu
REV NO: V.7 CHECKED: Allen Liu
DATE: MAR/14/2005 DRAWN: B.H.LI
PAGE: 2 OF 4 ERP: 1203001480
Hyper Red
APHS1005SURCK
SPEC NO: DSAA8724 APPROVED: J. Lu
REV NO: V.7 CHECKED: Allen Liu
DATE: MAR/14/2005 DRAWN: B.H.LI
PAGE: 3 OF 4 ERP: 1203001480
APHS1005SURCK
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
If special sorting is required (e.g. binning based on forward voltage, luminous intensity, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
SPEC NO: DSAA8724 APPROVED: J. Lu
REV NO: V.7 CHECKED: Allen Liu
DATE: MAR/14/2005 DRAWN: B.H.LI
PAGE: 4 OF 4 ERP: 1203001480


▲Up To Search▲   

 
Price & Availability of APHS1005SURCK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X