Part Number Hot Search : 
TODX294 3E552FB A1212 MCF527X SM160MH 68HC11E9 UR3060 STP4NA40
Product Description
Full Text Search
 

To Download APHS1005SECK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1.0X0.5mm SMD CHIP LED LAMP
APHS1005SECK
SUPER BRIGHT ORANGE
Features
1.0mmX0.5mm SMT LED, 0.5mm THICKNESS. LOW POWER CONSUMPTION. W IDE VIEW ING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE: 2000PCS / REEL . RoHS COMPLIANT.
Description
The Super Bright Orange source color devices are made with DH InGaAlP on GaAs substrate Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.1(0.004") unless otherwise noted. 3.Specifications are subject to change without notice.
SPEC NO: DSAD7163 APPROVED: J. Lu
REV NO: V.5 CHECKED: Allen Liu
DATE: MAR/14/2005 DRAWN: B.H.LI
PAGE: 1 OF 4 ERP:1203001479
Selection Guide
Part No. Dice Lens Type Iv (mcd) @ 20 mA Min. APHS1005SECK SUPER BRIGHT ORANGE (InGaAlP) WATER CLEAR 50 Typ. 160 Viewing Angle 21/2 120
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25C
Symbol peak D 1/2 C VF IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Super Bright Orange Super Bright Orange Super Bright Orange Super Bright Orange Super Bright Orange Super Bright Orange Typ. 610 601 29 15 2.1 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Super Bright Orange 75 30 195 5 -40C To +85C
Units mW mA mA V
SPEC NO: DSAD7163 APPROVED: J. Lu
REV NO: V.5 CHECKED: Allen Liu
DATE: MAR/14/2005 DRAWN: B.H.LI
PAGE: 2 OF 4 ERP:1203001479
Super Bright Orange
APHS1005SECK
SPEC NO: DSAD7163 APPROVED: J. Lu
REV NO: V.5 CHECKED: Allen Liu
DATE: MAR/14/2005 DRAWN: B.H.LI
PAGE: 3 OF 4 ERP:1203001479
APHS1005SECK
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
If special sorting is required (e.g. binning based on forward voltage, luminous intensity, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
SPEC NO: DSAD7163 APPROVED: J. Lu
REV NO: V.5 CHECKED: Allen Liu
DATE: MAR/14/2005 DRAWN: B.H.LI
PAGE: 4 OF 4 ERP:1203001479


▲Up To Search▲   

 
Price & Availability of APHS1005SECK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X