Part Number Hot Search : 
D1145 STP36N06 P6SMBJ16 CSA970 3485E MAX2991E GBPC33 BL1660
Product Description
Full Text Search
 

To Download APHM1608SGCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1.6x0.8mm SMD CHIP LED LAMP
APHM1608SGCT
SUPER BRIGHT GREEN
Features
1.6mmx0.8mm SMT LED, 0.45mm MAX. THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE : 2000PCS / REEL. RoHS COMPLIANT.
Description
The Super Bright Green source color devices are made with Gallium Phosphide Green Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.1(0.004") unless otherwise noted. 3. Specifications are subject to change without notice.
SPEC NO: DSAE1333 APPROVED: J. Lu
REV NO: V.3 CHECKED: Allen Liu
DATE: MAR/18/2005 DRAWN: Y.W.WANG
PAGE: 1 OF 4 ERP:1203003458
Selection Guide
Part No. Dice Lens Type Iv (mcd) @ 20mA Min. APHM1608SGCT SUPER BRIGHT GREEN (GaP) WATER CLEAR 10 Typ. 25 Viewing Angle 21/2 110
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25C
Symbol peak D 1/2 C VF IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Super Bright Green Super Bright Green Super Bright Green Super Bright Green Super Bright Green Super Bright Green Typ. 565 568 30 15 2.2 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Super Bright Green 105 25 140 5 -40C To +85C
Units mW mA mA V
SPEC NO: DSAE1333 APPROVED: J. Lu
REV NO: V.3 CHECKED: Allen Liu
DATE: MAR/18/2005 DRAWN: Y.W.WANG
PAGE: 2 OF 4 ERP:1203003458
Super Bright Green
APHM1608SGCT
SPEC NO: DSAE1333 APPROVED: J. Lu
REV NO: V.3 CHECKED: Allen Liu
DATE: MAR/18/2005 DRAWN: Y.W.WANG
PAGE: 3 OF 4 ERP:1203003458
APHM1608SGCT
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters. SPEC NO: DSAE1333 APPROVED: J. Lu REV NO: V.3 CHECKED: Allen Liu DATE: MAR/18/2005 DRAWN: Y.W.WANG PAGE: 4 OF 4 ERP:1203003458


▲Up To Search▲   

 
Price & Availability of APHM1608SGCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X