Part Number Hot Search : 
SIR462DP D1609 FCF06F60 F1620C TDA75 ICX059 FPF2195 7D5N60F
Product Description
Full Text Search
 

To Download APHK1608TGC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1.6x0.8mm SMD CHIP LED LAMP
ATTENTION
OBSERVE PRECAUTIONS FOR HANDLING ELECTROSTATIC DISCHARGE SENSITIVE DEVICES
Part Number: APHK1608TGC
GREEN
Features
1.6mmx0.8mm SMT LED, 0.7mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACK LIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE : 2000PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 4. RoHS COMPLIANT.
Description
The Green source color devices are made with InGaN on SiC Light Emitting Diode. Static electricity and surge damage the LEDS. It is recommended to use a wrist band or anti-electrostatic glove when handling the LEDs. All devices, equipment and machinery must be electrically grounded.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.1(0.004") unless otherwise noted. 3.Specifications are subject to change without notice.
SPEC NO: DSAD1117 APPROVED: J. Lu
REV NO: V.4 CHECKED: Allen Liu
DATE: NOV/06/2006 DRAWN: H.Q.YUAN
PAGE: 1 OF 5 ERP:1204000415
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] @ 20mA Min. APHK1608TGC GREEN (InGaN) WATER CLEAR 70 Typ. 150 Viewing Angle [1] 21/2 90
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous intensity/ luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR
Notes:
Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current
Device Green Green Green Green Green Green
Typ. 500 505 30 56 3.6
Max.
Units nm nm nm pF
Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
4.4 10
V uA
1.Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Green 110 30 150 5 -40C To +85C
Units mW mA mA V
SPEC NO: DSAD1117 APPROVED: J. Lu
REV NO: V.4 CHECKED: Allen Liu
DATE: NOV/06/2006 DRAWN: H.Q.YUAN
PAGE: 2 OF 5 ERP:1204000415
Green
APHK1608TGC
SPEC NO: DSAD1117 APPROVED: J. Lu
REV NO: V.4 CHECKED: Allen Liu
DATE: NOV/06/2006 DRAWN: H.Q.YUAN
PAGE: 3 OF 5 ERP:1204000415
APHK1608TGC
Recommended Soldering Pattern (Units: mm ; Tolerance: 0.1)
Tape Specifications (Units : mm)
SPEC NO: DSAD1117 APPROVED: J. Lu
REV NO: V.4 CHECKED: Allen Liu
DATE: NOV/06/2006 DRAWN: H.Q.YUAN
PAGE: 4 OF 5 ERP:1204000415
PACKING & LABEL SPECIFICATIONS
APHK1608TGC
SPEC NO: DSAD1117 APPROVED: J. Lu
REV NO: V.4 CHECKED: Allen Liu
DATE: NOV/06/2006 DRAWN: H.Q.YUAN
PAGE: 5 OF 5 ERP:1204000415


▲Up To Search▲   

 
Price & Availability of APHK1608TGC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X