Part Number Hot Search : 
2NF40 BR52XX TRB6124 968CE 03101 1N756A E914IT DG212ETE
Product Description
Full Text Search
 

To Download APHK1608SURC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1.6x0.8mm SMD CHIP LED LAMP
Part Number: APHK1608SURC
HYPER RED
Features
1.6mmx0.8mm SMT LED, 0.7mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACK LIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. MOISTURE SENSITIVITY LEVEL : LEVEL 4. PACKAGE : 2000PCS / REEL. RoHS COMPLIANT.
Description
The Hyper Red source color devices are made with DH InGaAlP on GaAs substrate Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.1(0.004") unless otherwise noted. 3.Specifications are subject to change without notice.
SPEC NO: DSAC0590 APPROVED: J. Lu
REV NO: V.5 CHECKED: Allen Liu
DATE: NOV/06/2006 DRAWN: H.Q.YUAN
PAGE: 1 OF 5 ERP:1204000050
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] @ 20mA Min. APHK1608SURC HYPER RED (InGaAlP) WATER CLEAR 110 Typ. 250 Viewing Angle [1] 21/2 90
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous intensity/ luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR
Notes:
Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current
Device Hyper Red Hyper Red Hyper Red Hyper Red Hyper Red Hyper Red
Typ. 640 628 27 45 1.9
Max.
Units nm nm nm pF
Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
2.5 10
V uA
1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Hyper Red 170 30 185 5 -40C To +85C
Units mW mA mA V
SPEC NO: DSAC0590 APPROVED: J. Lu
REV NO: V.5 CHECKED: Allen Liu
DATE: NOV/06/2006 DRAWN: H.Q.YUAN
PAGE: 2 OF 5 ERP:1204000050
Hyper Red
APHK1608SURC
SPEC NO: DSAC0590 APPROVED: J. Lu
REV NO: V.5 CHECKED: Allen Liu
DATE: NOV/06/2006 DRAWN: H.Q.YUAN
PAGE: 3 OF 5 ERP:1204000050
APHK1608SURC
Recommended Soldering Pattern (Units: mm ; Tolerance: 0.1)
Tape Specifications (Units : mm)
SPEC NO: DSAC0590 APPROVED: J. Lu
REV NO: V.5 CHECKED: Allen Liu
DATE: NOV/06/2006 DRAWN: H.Q.YUAN
PAGE: 4 OF 5 ERP:1204000050
PACKING & LABEL SPECIFICATIONS
APHK1608SURC
SPEC NO: DSAC0590 APPROVED: J. Lu
REV NO: V.5 CHECKED: Allen Liu
DATE: NOV/06/2006 DRAWN: H.Q.YUAN
PAGE: 5 OF 5 ERP:1204000050


▲Up To Search▲   

 
Price & Availability of APHK1608SURC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X