Part Number Hot Search : 
G121S SI390M80 SST4124 MT413 MYB51DA 02500 STP4N MBRS320
Product Description
Full Text Search
 

To Download APHHS1005SURCK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1.0X0.5mm SMD CHIP LED LAMP
Part Number: APHHS1005SURCK Hyper Red
Features
1.0mmX0.5mm SMT LED, 0.5mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE: 2000PCS / REEL . MOISTURE SENSITIVITY LEVEL : LEVEL 3. RoHS COMPLIANT.
Description
The Hyper Red source color devices are made with DH InGaAlP on GaAs substrate Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.1(0.004") unless otherwise noted. 3. Specifications are subject to change without notice. 4. The device has a single mounting surface. The device must be mounted according to the specifications.
SPEC NO: DSAD0911 APPROVED: WYNEC
REV NO: V.6 CHECKED: Allen Liu
DATE: APR/29/2007 DRAWN: Y.L.LI
PAGE: 1 OF 5 ERP: 1203001434
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] @ 20mA Min. APHHS1005SURCK Hyper Red (InGaAlP) WATER CLEAR 50 Typ. 150 Viewing Angle [1] 21/2 120
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous intensity/ luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Hyper Red Hyper Red Hyper Red Hyper Red Hyper Red Hyper Red Typ. 650 635 28 35 1.95 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR=5V
Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating Temperature Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Hyper Red 75 30 185 5 -40C To +85C -40C To +85C
Units mW mA mA V
SPEC NO: DSAD0911 APPROVED: WYNEC
REV NO: V.6 CHECKED: Allen Liu
DATE: APR/29/2007 DRAWN: Y.L.LI
PAGE: 2 OF 5 ERP: 1203001434
Hyper Red
APHHS1005SURCK
SPEC NO: DSAD0911 APPROVED: WYNEC
REV NO: V.6 CHECKED: Allen Liu
DATE: APR/29/2007 DRAWN: Y.L.LI
PAGE: 3 OF 5 ERP: 1203001434
APHHS1005SURCK
Recommended Soldering Pattern (Units : mm; Tolerance: 0.1)
Tape Specifications (Units : mm)
SPEC NO: DSAD0911 APPROVED: WYNEC
REV NO: V.6 CHECKED: Allen Liu
DATE: APR/29/2007 DRAWN: Y.L.LI
PAGE: 4 OF 5 ERP: 1203001434
PACKING & LABEL SPECIFICATIONS
APHHS1005SURCK
SPEC NO: DSAD0911 APPROVED: WYNEC
REV NO: V.6 CHECKED: Allen Liu
DATE: APR/29/2007 DRAWN: Y.L.LI
PAGE: 5 OF 5 ERP: 1203001434


▲Up To Search▲   

 
Price & Availability of APHHS1005SURCK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X