Part Number Hot Search : 
C1001 UF30A 60AYP6C 60AYP6C TCD1304A ADM803 TEA6321 TE4946
Product Description
Full Text Search
 

To Download APHBM2012SURKCGKC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2.0x1.25mm SMD CHIP LED LAMP PRELIMINARY SPEC
Part Number: APHBM2012SURKCGKC
HYPER RED GREEN
Features
2.0mmx1.25mm SMT LED, 0.45mm MAX. THICKNESS. BI -COLOR, LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. PACKAGE : 2000PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 3. RoHS COMPLIANT.
Description
The Hyper Red source color devices are made with DH InGaAlP on GaAs substrate Light Emitting Diode. The Green source color devices are made with InGaAlP on GaAs substrate Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.1(0.004") unless otherwise noted. 3. Specifications are subject to change without notice. 4. The device has a single mounting surface. The device must be mounted according to the specifications.
SPEC NO: DSAG7623 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: APR/26/2007 DRAWN: W.J.HUA
PAGE: 1 OF 6 ERP:1203005979
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] @ 20mA Min. HYPER RED (InGaAlP) APHBM2012SURKCGKC GREEN (InGaAIP) WATER CLEAR 36 80 70 Typ. 200 120 Viewing Angle [1] 21/2
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous Intensity / Luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR
Notes: 1. Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current
Device Hyper Red Green Hyper Red Green Hyper Red Green Hyper Red Green Hyper Red Green Hyper Red Green
Typ. 650 574 635 570 28 20 35 15 1.95 2.1
Max.
Units nm nm nm pF
Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
2.5 2.5 10 10
V uA
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating / Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Hyper Red 75 30 185 5
Green 75 30 150 5 -40C To +85C
Units mW mA mA V
SPEC NO: DSAG7623 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: APR/26/2007 DRAWN: W.J.HUA
PAGE: 2 OF 6 ERP:1203005979
APHBM2012SURKCGKC Hyper Red
SPEC NO: DSAG7623 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: APR/26/2007 DRAWN: W.J.HUA
PAGE: 3 OF 6 ERP:1203005979
Green
SPEC NO: DSAG7623 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: APR/26/2007 DRAWN: W.J.HUA
PAGE: 4 OF 6 ERP:1203005979
APHBM2012SURKCGKC
Recommended Soldering Pattern (Units : mm; Tolerance: 0.1)
Tape Specifications (Units : mm)
SPEC NO: DSAG7623 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: APR/26/2007 DRAWN: W.J.HUA
PAGE: 5 OF 6 ERP:1203005979
PACKING & LABEL SPECIFICATIONS
APHBM2012SURKCGKC
SPEC NO: DSAG7623 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: APR/26/2007 DRAWN: W.J.HUA
PAGE: 6 OF 6 ERP:1203005979


▲Up To Search▲   

 
Price & Availability of APHBM2012SURKCGKC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X