Part Number Hot Search : 
ME112S03 DTA144W HMC607 TDA938X CMP404 T74FCT LM117G LM339AF
Product Description
Full Text Search
 

To Download APHBM2012ETSGTC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2.0x1.25mm SMD CHIP LED LAMP PRELIMINARY SPEC
Part Number: APHBM2012ETSGTC High Efficiency Red Super Bright Green
Features
2.0mmx1.25mm SMT LED, 0.45mm MAX. THICKNESS. BI -COLOR, LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. PACKAGE : 2000PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 3. RoHS COMPLIANT.
Description
The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode. The Super Bright Green source color devices are made with Gallium Phosphide Green Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.1(0.004") unless otherwise noted. 3. Specifications are subject to change without notice. 4. The device has a single mounting surface. The device must be mounted according to the specifications.
SPEC NO: DSAG7625 APPROVED: WYNEC
REV NO: V.2 CHECKED: Allen Liu
DATE: MAY/15/2007 DRAWN: Y.L.LI
PAGE: 1 OF 6 ERP: 1203005981
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] @ 20mA Min. High Efficiency Red (GaAsP/GaP) APHBM2012ETSGTC Super Bright Green (GaP)
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous intensity/ luminous Flux: +/-15%.
Viewing Angle [1] 21/2 120
Typ. 17 20
4 WATER CLEAR 7
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device High Efficiency Red Super Bright Green High Efficiency Red Super Bright Green High Efficiency Red Super Bright Green High Efficiency Red Super Bright Green High Efficiency Red Super Bright Green High Efficiency Red Super Bright Green Typ. 627 565 625 568 45 30 15 15 2 2.2 2.5 2.5 10 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating Temperature Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
High Efficiency Red 75 30 160 5
Super Bright Green 62.5 25 140
Units mW mA mA V
-40C To +85C -40C To +85C
SPEC NO: DSAG7625 APPROVED: WYNEC
REV NO: V.2 CHECKED: Allen Liu
DATE: MAY/15/2007 DRAWN: Y.L.LI
PAGE: 2 OF 6 ERP: 1203005981
APHBM2012ETSGTC High Efficiency Red
SPEC NO: DSAG7625 APPROVED: WYNEC
REV NO: V.2 CHECKED: Allen Liu
DATE: MAY/15/2007 DRAWN: Y.L.LI
PAGE: 3 OF 6 ERP: 1203005981
Super Bright Green
SPEC NO: DSAG7625 APPROVED: WYNEC
REV NO: V.2 CHECKED: Allen Liu
DATE: MAY/15/2007 DRAWN: Y.L.LI
PAGE: 4 OF 6 ERP: 1203005981
APHBM2012ETSGTC
Recommended Soldering Pattern (Units : mm; Tolerance: 0.1)
Tape Specifications
SPEC NO: DSAG7625 APPROVED: WYNEC
REV NO: V.2 CHECKED: Allen Liu
DATE: MAY/15/2007 DRAWN: Y.L.LI
PAGE: 5 OF 6 ERP: 1203005981
PACKING & LABEL SPECIFICATIONS
APHBM2012ETSGTC
SPEC NO: DSAG7625 APPROVED: WYNEC
REV NO: V.2 CHECKED: Allen Liu
DATE: MAY/15/2007 DRAWN: Y.L.LI
PAGE: 6 OF 6 ERP: 1203005981


▲Up To Search▲   

 
Price & Availability of APHBM2012ETSGTC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X