|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
3.8x2.0mm DOME LENS SMD CHIP LED LAMP Part Number: APED3820SURCK-F01 Hyper Red Features 3.8mmx2.0mm SMT LED,3.2mm THICKNESS. LOW POWER CONSUMPTION. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE : 500PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 3. RoHS COMPLIANT. Description The Hyper Red source color devices are made with DH InGaAlP on GaAs substrate Light Emitting Diode. Package Dimensions Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.2(0.008") unless otherwise noted. 3. Specifications are subject to change without notice. 4. The device has a single mounting surface. The device must be mounted according to the specifications. SPEC NO: DSAH3747 APPROVED: WYNEC REV NO: V.1 CHECKED: Allen Liu DATE: APR/26/2007 DRAWN: Y.L.LI PAGE: 1 OF 5 ERP: 1203001185 Selection Guide Part No. Dice Lens Type Iv (mcd) [2] @ 20mA Min. APED3820SURCK-F01 Hyper Red (InGaAlP) WATER CLEAR 180 Typ. 450 Viewing Angle [1] 21/2 60(H) 35(V) Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous intensity/ luminous Flux: +/-15%. Electrical / Optical Characteristics at TA=25C Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Hyper Red Hyper Red Hyper Red Hyper Red Hyper Red Hyper Red Typ. 650 635 28 35 1.95 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR=5V Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V. Absolute Maximum Ratings at TA=25C Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating Temperature Storage Temperature Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. Hyper Red 75 30 185 5 -40C To +85C -40C To +85C Units mW mA mA V SPEC NO: DSAH3747 APPROVED: WYNEC REV NO: V.1 CHECKED: Allen Liu DATE: APR/26/2007 DRAWN: Y.L.LI PAGE: 2 OF 5 ERP: 1203001185 Hyper Red APED3820SURCK-F01 SPEC NO: DSAH3747 APPROVED: WYNEC REV NO: V.1 CHECKED: Allen Liu DATE: APR/26/2007 DRAWN: Y.L.LI PAGE: 3 OF 5 ERP: 1203001185 APED3820SURCK-F01 Recommended Soldering Pattern (Units : mm; Tolerance: 0.1) Tape Specifications (Units : mm) SPEC NO: DSAH3747 APPROVED: WYNEC REV NO: V.1 CHECKED: Allen Liu DATE: APR/26/2007 DRAWN: Y.L.LI PAGE: 4 OF 5 ERP: 1203001185 PACKING & LABEL SPECIFICATIONS APED3820SURCK-F01 SPEC NO: DSAH3747 APPROVED: WYNEC REV NO: V.1 CHECKED: Allen Liu DATE: APR/26/2007 DRAWN: Y.L.LI PAGE: 5 OF 5 ERP: 1203001185 |
Price & Availability of APED3820SURCK-F01 |