Part Number Hot Search : 
SOD4004 2N6716 TF157 AS1744 ADUM1400 1N5257 BUF508A NTE17
Product Description
Full Text Search
 

To Download APED3528SURCK-F01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.5 x2.8mm SMD CHIP LED LAMP
Part Number: APED3528SURCK-F01 Hyper Red
Features
SINGLE COLOR. SUITABLE FOR ALL SMT ASSEMBLY AND SOLDER PROCESS. IDEAL FOR BACKLIGHTING. AVAILABLE ON TAPE AND REEL. PACKAGE: 500PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 3. RoHS COMPLIANT.
Description
The Hyper Red source color devices are made with DH InGaAlP on GaAs substrate Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.2(0.008") unless otherwise noted. 3. Specifications are subject to change without notice. 4. The device has a single mounting surface. The device must be mounted according to the specifications.
SPEC NO: DSAH3739 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: APR/26/2007 DRAWN: Y.L.LI
PAGE: 1 OF 5 ERP: 1203001143
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] @ 20mA Min. APED3528SURCK-F01 Hyper Red (InGaAlP) WATER CLEAR 110 Typ. 450 Viewing Angle [1] 21/2 40
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous intensity/ luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Hyper Red Hyper Red Hyper Red Hyper Red Hyper Red Hyper Red Typ. 650 635 28 35 1.95 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR=5V
Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating Temperature Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Hyper Red 75 30 185 5 -40C To +85C -40C To +85C
Units mW mA mA V
SPEC NO: DSAH3739 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: APR/26/2007 DRAWN: Y.L.LI
PAGE: 2 OF 5 ERP: 1203001143
Hyper Red
APED3528SURCK-F01
SPEC NO: DSAH3739 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: APR/26/2007 DRAWN: Y.L.LI
PAGE: 3 OF 5 ERP: 1203001143
APED3528SURCK-F01
Recommended Soldering Pattern (Units : mm; Tolerance: 0.1)
Tape Specifications (Units : mm)
SPEC NO: DSAH3739 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: APR/26/2007 DRAWN: Y.L.LI
PAGE: 4 OF 5 ERP: 1203001143
PACKING & LABEL SPECIFICATIONS
APED3528SURCK-F01
SPEC NO: DSAH3739 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: APR/26/2007 DRAWN: Y.L.LI
PAGE: 5 OF 5 ERP: 1203001143


▲Up To Search▲   

 
Price & Availability of APED3528SURCK-F01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X