|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
4.5x2mm SMD CHIP LED LAMP APD2520SECK03 SUPER BRIGHT ORANGE Features 4.5x2mm SMT LED,0.5mm THICKNESS LOW POWER CONSUMPTION. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE : 1000PCS/REEL. RoHS COMPLIANT. Description The Super Bright Orange source color devices are made with DH InGaAlP on GaAs substrate Light Emitting Diode. Package Dimensions Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.2(0.008") unless otherwise noted. 3.Specifications are subject to change without notice. SPEC NO: DSAA7466 APPROVED: J. Lu REV NO: V.4 CHECKED: Allen Liu DATE: MAR/15/2005 DRAWN: B.H.LI PAGE: 1 OF 4 ERP: 1203001041 Selection Guide Part No. Dice Lens Type Iv (mcd) @ 20 mA Min. APD2520SECK03 SUPER BRIGHT ORANGE (InGaAlP) WATER CLEAR 380 Typ. 1200 Viewing Angle 21/2 20 Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. Electrical / Optical Characteristics at TA=25C Symbol peak D 1/2 C VF IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Super Bright Orange Super Bright Orange Super Bright Orange Super Bright Orange Super Bright Orange Super Bright Orange Typ. 610 601 29 15 2.1 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V Absolute Maximum Ratings at TA=25C Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating / Storage Temperature Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. Super Bright Orange 75 30 195 5 -40C To +85C Units mW mA mA V SPEC NO: DSAA7466 APPROVED: J. Lu REV NO: V.4 CHECKED: Allen Liu DATE: MAR/15/2005 DRAWN: B.H.LI PAGE: 2 OF 4 ERP: 1203001041 Super Bright Orange APD2520SECK03 SPEC NO: DSAA7466 APPROVED: J. Lu REV NO: V.4 CHECKED: Allen Liu DATE: MAR/15/2005 DRAWN: B.H.LI PAGE: 3 OF 4 ERP: 1203001041 APD2520SECK03 Recommended Soldering Pattern (Units : mm) Tape Specifications (Units : mm) If special sorting is required (e.g. binning based on forward voltage, luminous intensity, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters. SPEC NO: DSAA7466 APPROVED: J. Lu REV NO: V.4 CHECKED: Allen Liu DATE: MAR/15/2005 DRAWN: B.H.LI PAGE: 4 OF 4 ERP: 1203001041 |
Price & Availability of APD2520SECK03 |