Part Number Hot Search : 
20114 2SK34 2SK34 5KP28A EPE6347S FLT070S TSOP4 SI9955DY
Product Description
Full Text Search
 

To Download APC3216SYCK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.2X1.6mm SMD CHIP LED LAMP
Part Number: APC3216SYCK SUPER BRIGHT YELLOW
Features
3.2X1.6mm SMT LED, 1.1mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE: 2000PCS / REEL . MOISTURE SENSITIVITY LEVEL : LEVEL 3. RoHS COMPLIANT.
Description
The Super Bright Yellow device is made with DH InGaAlP (on GaAs substrate) light emitting diode chip.
Package Dimensions
Notes: 1.All dimensions are in millimeters (inches). 2.Tolerance is 0.2(0.008") unless otherwise noted. 3.Specifications are subject to change without notice. 4.The device has a single mounting surface. The device must be mounted according to the specifications.
SPEC NO: DSAD1003 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: APR/18/2007 DRAWN: D.M.LIU
PAGE: 1 OF 5 ERP:1203001005
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] @ 20mA Min. APC3216SYCK SUPER BRIGHT YELLOW (InGaAIP) WATER CLEAR 36 Typ. 120 Viewing Angle[1] 21/2 120
Notes: 1.1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2.Luminous Intensity/ Luminous Flux: +/-15%
Electrical / Optical Characteristics at TA=25C
Symbol peak D[1] 1/2 C VF[2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Super Bright Yellow Super Bright Yellow Super Bright Yellow Super Bright Yellow Super Bright Yellow Super Bright Yellow Typ. 590 590 20 20 2.0 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Notes: 1.Wavelength: +/-1nm 2.Forward Voltage: +/-0.1V
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Super Bright Yellow 75 30 175 5 -40C To +85C
Units mW mA mA V
SPEC NO: DSAD1003 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: APR/18/2007 DRAWN: D.M.LIU
PAGE: 2 OF 5 ERP:1203001005
Super Bright Yellow
APC3216SYCK
SPEC NO: DSAD1003 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: APR/18/2007 DRAWN: D.M.LIU
PAGE: 3 OF 5 ERP:1203001005
APC3216SYCK
Recommended Soldering Pattern (Units : mm; Tolerance: 0.1)
Tape Specifications (Units : mm)
SPEC NO: DSAD1003 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: APR/18/2007 DRAWN: D.M.LIU
PAGE: 4 OF 5 ERP:1203001005
PACKING & LABEL SPECIFICATIONS
APC3216SYCK
SPEC NO: DSAD1003 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: APR/18/2007 DRAWN: D.M.LIU
PAGE: 5 OF 5 ERP:1203001005


▲Up To Search▲   

 
Price & Availability of APC3216SYCK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X