Part Number Hot Search : 
DTA125T 2405E T5551 SLA7064M 5ETTTS 1N6098R HE581 TC0267A
Product Description
Full Text Search
 

To Download APC3216SGC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.2X1.6mm SMD CHIP LED LAMP
Part Number: APC3216SGC SUPER BRIGHT GREEN
Features
3.2X1.6mm SMT LED, 1.1mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE: 2000PCS / REEL . MOISTURE SENSITIVITY LEVEL : LEVEL 3. RoHS COMPLIANT.
Description
The Super Bright Green source color devices are made with Gallium Phosphide Green Light Emitting Diode.
Package Dimensions
Notes: 1.All dimensions are in millimeters (inches). 2.Tolerance is 0.2(0.008") unless otherwise noted. 3.Specifications are subject to change without notice. 4.The device has a single mounting surface. The device must be mounted according to the specifications.
SPEC NO: DSAD1004 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: APR/18/2007 DRAWN: D.M.LIU
PAGE: 1 OF 5 ERP:1203000985
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] @ 20mA Min. APC3216SGC SUPER BRIGHT GREEN (GaP) WATER CLEAR 4 Typ. 15 Viewing Angle [1] 2 1/2 120
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous Intensity / Luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR
Notes: 1. Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current
Device Super Bright Green Super Bright Green Super Bright Green Super Bright Green Super Bright Green Super Bright Green
Typ. 565 568 30 15 2.2
Max.
Units nm nm nm pF
Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
2.5 10
V uA
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating / Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Super Bright Green 62.5 25 140 5 -40C To +85C
Units mW mA mA V
SPEC NO: DSAD1004 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: APR/18/2007 DRAWN: D.M.LIU
PAGE: 2 OF 5 ERP:1203000985
Super Bright Green
APC3216SGC
SPEC NO: DSAD1004 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: APR/18/2007 DRAWN: D.M.LIU
PAGE: 3 OF 5 ERP:1203000985
APC3216SGC
Recommended Soldering Pattern (Units : mm; Tolerance: 0.1)
Tape Specifications (Units : mm)
SPEC NO: DSAD1004 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: APR/18/2007 DRAWN: D.M.LIU
PAGE: 4 OF 5 ERP:1203000985
PACKING & LABEL SPECIFICATIONS
APC3216SGC
SPEC NO: DSAD1004 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: APR/18/2007 DRAWN: D.M.LIU
PAGE: 5 OF 5 ERP:1203000985


▲Up To Search▲   

 
Price & Availability of APC3216SGC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X