Part Number Hot Search : 
2SK2553S 21002 16200 9N50C C2506 KF426BS MM1027 1N2258
Product Description
Full Text Search
 

To Download APC3216PBCA-F01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.2X1.6mm SMD CHIP LED LAMP
ATTENTION
OBSERVE PRECAUTIONS FOR HANDLING ELECTROSTATIC DISCHARGE SENSITIVE DEVICES
Part Number: APC3216PBC/A-F01
BLUE
Features
3.2X1.6mm SMT LED, 1.1mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE: 2000PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 3. RoHS COMPLIANT.
Description
The Blue source color devices are made with InGaN on SiC Light Emitting Diode. Static electricity and surge damage the LEDS. It is recommended to use a wrist band or anti-electrostatic glove when handling the LEDs. All devices, equipment and machinery must be electrically grounded.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.2(0.008") unless otherwise noted. 3.Specifications are subject to change without notice.
SPEC NO: DSAG5702 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: JUN/17/2006 DRAWN: W.J.ZHU
PAGE: 1 OF 5 ERP: 1203003781
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] @ 20mA Min. APC3216PBC/A-F01 BLUE (InGaN) WATER CLEAR 18 Typ. 60 Viewing Angle [1] 21/2 120
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2.Luminous Intensity / Luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Blue Blue Blue Blue Blue Blue Device Typ. 468 470 21 100 3.3 3.8 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Notes: 1. Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Blue 114 30 100 5 -40C To +85C
Units mW mA mA V
SPEC NO: DSAG5702 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: JUN/17/2006 DRAWN: W.J.ZHU
PAGE: 2 OF 5 ERP: 1203003781
Blue
APC3216PBC/A-F01
SPEC NO: DSAG5702 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: JUN/17/2006 DRAWN: W.J.ZHU
PAGE: 3 OF 5 ERP: 1203003781
APC3216PBC/A-F01
Recommended Soldering Pattern (Units: mm ; Tolerance: 0.1)
Tape Specifications (Units : mm)
SPEC NO: DSAG5702 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: JUN/17/2006 DRAWN: W.J.ZHU
PAGE: 4 OF 5 ERP: 1203003781
PACKING & LABEL SPECIFICATIONS
APC3216PBC/A-F01
SPEC NO: DSAG5702 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: JUN/17/2006 DRAWN: W.J.ZHU
PAGE: 5 OF 5 ERP: 1203003781


▲Up To Search▲   

 
Price & Availability of APC3216PBCA-F01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X